Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSKT250-08 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # VSKT250-08
Description  SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A/250 A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKT250-08 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button VSKT250-08 Datasheet HTML 4Page - Vishay Siliconix VSKT250-08 Datasheet HTML 5Page - Vishay Siliconix VSKT250-08 Datasheet HTML 6Page - Vishay Siliconix VSKT250-08 Datasheet HTML 7Page - Vishay Siliconix VSKT250-08 Datasheet HTML 8Page - Vishay Siliconix VSKT250-08 Datasheet HTML 9Page - Vishay Siliconix VSKT250-08 Datasheet HTML 10Page - Vishay Siliconix VSKT250-08 Datasheet HTML 11Page - Vishay Siliconix VSKT250-08 Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 94417
8
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 02-Jul-10
VSK.170PbF, VSK.250PbF Series
Vishay Semiconductors
SCR/SCR and SCR/Diode
(MAGN-A-PAK Power Modules), 170 A/250 A
Fig. 18 - On-State Power Loss Characteristics
Fig. 19 - On-State Voltage Drop Characteristics
Fig. 20 - On-State Voltage Drop Characteristics
Fig. 21 - Reverse Recovery Charge Characteristics
Fig. 22 - Reverse Recovery Charge Characteristics
0
20
406080
100
120
Maximum Allowable Ambient Temperature (°C)
0.0
5
K/
W
0.0
6
K/ W
0.0
8 K
/ W
0.1
K/ W
0.1
2
K/ W
0.16
K/W
0.20
K/ W
0.25 K/
W
0
200
400
600
800
1000
1200
1400
1600
1800
2000
0
100
200
300
400
500
600
700
Total Output Current (A)
120°
(Rect)
3 x VSK.250.. Series
Three Phase Bridge
Connected
T
J = 130°C
0.51
1.522.5
3
3.5
4
4.5
5
100
1000
10000
Instantaneous Forward Voltage (V)
Tj = 25°C
Tj = 130°C
VSK.170 Series
Per Junction
0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6
100
1000
10000
Instantaneous Forward Voltage (V)
Tj = 25°C
Tj = 130°C
VSK.250 Series
Per Junction
200
400
600
800
1000
1200
1400
1600
1800
0
102030405060 708090 100
Rate Of Fall Of On-state Current - di/dt (A/µs)
I
TM = 800 A
500 A
300 A
200 A
100 A
VSK.170.. Series
T
J = 130 °C
Per Junction
50 A
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
2400
0
102030 4050 60 70 8090 100
Rate Of Fall Of On-state Current - di/dt (A/µs)
500 A
300 A
200 A
100 A
T
= 130 °C
Per Junction
J
I
TM = 800 A
50 A
VSK.250.. Series
T
J = 130 °C
Per Junction


Similar Part No. - VSKT250-08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKT25016PBF VISHAY-VSKT25016PBF Datasheet
245Kb / 11P
   SCR/SCR and SCR/Diode (MAGN-A-PAKTM Power Modules), 170/250 A
Revision: 22-Apr-08
More results

Similar Description - VSKT250-08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-VSK.170PBF VISHAY-VS-VSK.170PBF_V02 Datasheet
273Kb / 12P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A, 250 A
01-Jan-2023
VS-VSK170PBF VISHAY-VS-VSK170PBF_V01 Datasheet
274Kb / 12P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A, 250 A
01-Jan-2022
IRKT250-14 VISHAY-IRKT250-14 Datasheet
313Kb / 12P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A/250 A
Revision: 02-Jul-10
VSK170PBF VISHAY-VSK170PBF Datasheet
245Kb / 11P
   SCR/SCR and SCR/Diode (MAGN-A-PAKTM Power Modules), 170/250 A
Revision: 22-Apr-08
logo
International Rectifier
IRK IRF-IRK Datasheet
150Kb / 6P
   SCR / SCR and SCR / DIODE MAGN-A-pak Power Modules
logo
Vishay Siliconix
VS-VSK230PBF VISHAY-VS-VSK230PBF_V01 Datasheet
170Kb / 9P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
01-Jan-2022
VSKT230 VISHAY-VSKT230 Datasheet
345Kb / 8P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
Revision: 02-Jul-10
VS-VSK.230PBF VISHAY-VS-VSK.230PBF Datasheet
186Kb / 9P
   SCR / SCR and SCR / Diode (MAGN-A-PAK Power Modules), 230 A
Revision: 27-Apr-17
VS-VSK.230..PBF VISHAY-VS-VSK.230..PBF Datasheet
168Kb / 9P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
01-Jan-2022
VS-VSK.230..PBF VISHAY-VS-VSK.230..PBF_V01 Datasheet
169Kb / 9P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com