Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSKU105-08 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VSKU105-08
Description  ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 105 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKU105-08 Datasheet(HTML) 2 Page - Vishay Siliconix

  VSKU105-08 Datasheet HTML 1Page - Vishay Siliconix VSKU105-08 Datasheet HTML 2Page - Vishay Siliconix VSKU105-08 Datasheet HTML 3Page - Vishay Siliconix VSKU105-08 Datasheet HTML 4Page - Vishay Siliconix VSKU105-08 Datasheet HTML 5Page - Vishay Siliconix VSKU105-08 Datasheet HTML 6Page - Vishay Siliconix VSKU105-08 Datasheet HTML 7Page - Vishay Siliconix VSKU105-08 Datasheet HTML 8Page - Vishay Siliconix VSKU105-08 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 94656
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 17-May-10
VSKU105.., VSKV105.. Series
Vishay Semiconductors
ADD-A-PAK Generation VII
Power Modules Thyristor/Thyristor, 105 A
ELECTRICAL SPECIFICATIONS
Notes
(1) I2t for time tx = I2
√t x √tx
(2) Average power = VT(TO) x IT(AV) + rt x (IT(RMS))2
(3) 16.7 % x
π x IAV < I < π x IAV
(4) I >
π x IAV
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VRRM, MAXIMUM
REPETITIVE PEAK
REVERSE VOLTAGE
V
VRSM, MAXIMUM
NON-REPETITIVE PEAK
REVERSE VOLTAGE
V
VDRM, MAXIMUM REPETITIVE
PEAK OFF-STATE VOLTAGE,
GATE OPEN CIRCUIT
V
IRRM, IDRM
AT 130 °C
mA
VSK.105
04
400
500
400
15
08
800
900
800
12
1200
1300
1200
16
1600
1700
1600
ON-STATE CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average on-state current
IT(AV)
180° conduction, half sine wave,
TC = 85 °C
105
A
Maximum continuous RMS on-state current
IT(RMS)
DC
165
TC
78
°C
Maximum peak, one-cycle non-repetitive
on-state current
ITSM
t = 10 ms
No voltage
reapplied
Sinusoidal
half wave,
initial TJ =
TJ maximum
2000
A
t = 8.3 ms
2094
t = 10 ms
100 % VRRM
reapplied
1682
t = 8.3 ms
1760
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
Initial TJ =
TJ maximum
20
kA2s
t = 8.3 ms
18.26
t = 10 ms
100 % VRRM
reapplied
14.14
t = 8.3 ms
12.91
Maximum I2
√t for fusing
I2
√t (1)
t = 0.1 ms to 10 ms, no voltage reapplied
TJ = TJ maximum
200
kA2
√s
Maximum value of threshold voltage
VT(TO) (2)
Low level (3)
TJ = TJ maximum
0.98
V
High level (4)
1.12
Maximum value of on-state
slope resistance
rt (2)
Low level (3)
TJ = TJ maximum
2.7
m
Ω
High level (4)
2.34
Maximum on-state voltage drop
VTM
ITM =
π x IT(AV)
TJ = 25 °C
1.8
V
Maximum non-repetitive rate of rise of
turned on current
dI/dt
TJ = 25 °C, from 0.67 VDRM,
ITM =
π x IT(AV), Ig = 500 mA, tr < 0.5 μs, tp > 6 μs
150
A/μs
Maximum holding current
IH
TJ = 25 °C, anode supply = 6 V,
resistive load, gate open circuit
250
mA
Maximum latching current
IL
TJ = 25 °C, anode supply = 6 V, resistive load
400


Similar Part No. - VSKU105-08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKU10516 VISHAY-VSKU10516 Datasheet
266Kb / 10P
   nullADD-A-PAK Generation VII Power Modules
Revision: 14-Jan-14
VSKU10516P VISHAY-VSKU10516P Datasheet
177Kb / 8P
   Thyristor/Thyristor, 105 A (ADD-A-PAKTM Generation 5 Power Modules)
Revision: 24-Apr-08
VSKU10516S90P VISHAY-VSKU10516S90P Datasheet
177Kb / 8P
   Thyristor/Thyristor, 105 A (ADD-A-PAKTM Generation 5 Power Modules)
Revision: 24-Apr-08
More results

Similar Description - VSKU105-08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKU7104 VISHAY-VSKU7104 Datasheet
272Kb / 10P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor
Revision: 14-Jan-14
VSKU9116 VISHAY-VSKU9116 Datasheet
280Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 95 A
Revision: 14-Jan-14
VSKT105 VISHAY-VSKT105_10 Datasheet
436Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 105 A
Revision: 17-May-10
VSKU4104 VISHAY-VSKU4104 Datasheet
415Kb / 12P
   ADD-A-PAK Generation VII Power Modules Thyristor
Revision: 14-Jan-14
VSKU91 VISHAY-VSKU91 Datasheet
369Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 95 A
Revision: 17-May-10
VSKU71 VISHAY-VSKU71 Datasheet
352Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 75 A
Revision: 17-May-10
VSK2604 VISHAY-VSK2604 Datasheet
319Kb / 10P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor
Revision: 14-Jan-14
VSKT10504 VISHAY-VSKT10504 Datasheet
324Kb / 10P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode
Revision: 14-Jan-14
VSKT71 VISHAY-VSKT71_10 Datasheet
438Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 75 A
Revision: 17-May-10
VSKT26 VISHAY-VSKT26_10 Datasheet
418Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 27 A
Revision: 17-May-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com