Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62702-C2486 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # Q62702-C2486
Description  NPN/PNP Silicon Digital Tansistor Array (Switching circuit, inverter, interface circuit, drive circuit)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-C2486 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  Q62702-C2486 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-C2486 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-C2486 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-C2486 Datasheet HTML 4Page - Siemens Semiconductor Group Q62702-C2486 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Semiconductor Group
5
Nov-26-1996
BCR 08PN
Total power dissipation
Ptot = f (TA*;TS)
* Package mounted on epoxy
0
20
40
60
80
100
120 °C 150
T
A,TS
0
50
100
150
200
mW
300
P
tot
T
A
T
S
Permissible Pulse Load
RthJS = f(tp)
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
s
t
p
-1
10
0
10
1
10
2
10
3
10
K/W
R
thJS
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
Permissible Pulse Load
Ptotmax / PtotDC = f(tp)
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
s
t
p
0
10
1
10
2
10
3
10
-
P
totmax/PtotDC
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5


Similar Part No. - Q62702-C2486

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-C2481 SIEMENS-Q62702-C2481 Datasheet
93Kb / 7P
   Active Bias Controller (Supplies stable bias current even at low battery voltage and extreme ambient temperature variation)
More results

Similar Description - Q62702-C2486

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCR22PN SIEMENS-BCR22PN Datasheet
62Kb / 5P
   NPN/PNP Silicon Digital Tansistor Array (Switching circuit, inverter, interface circuit, drive circuit)
BCR48PN SIEMENS-BCR48PN Datasheet
67Kb / 6P
   NPN/PNP Silicon Digital Tansistor Array (Switching circuit, inverter, interface circuit, drive circuit)
BCR10PN SIEMENS-BCR10PN Datasheet
62Kb / 5P
   NPN/PNP Silicon Digital Tansistor Array (Switching circuit, inverter, interface circuit, drive circuit)
BCR35PN SIEMENS-BCR35PN Datasheet
62Kb / 5P
   NPN/PNP Silicon Digital Tansistor Array (Switching circuit, inverter, interface circuit, drive circuit)
BCR512 SIEMENS-BCR512 Datasheet
34Kb / 4P
   NPN Silicon Digital Transistor (Switching circuit, inverter, interface circuit, drive circuit)
BCR503 SIEMENS-BCR503 Datasheet
35Kb / 4P
   NPN Silicon Digital Transistor (Switching circuit, inverter, interface circuit, drive circuit)
BCR169S SIEMENS-BCR169S Datasheet
42Kb / 4P
   PNP Silicon Digital Transistor Array (Switching circuit, inverter, interface circuit, driver circuit)
BCR183S SIEMENS-BCR183S Datasheet
43Kb / 4P
   PNP Silicon Digital Transistor Array (Switching circuit, inverter, interface circuit, driver circuit)
BCR185S SIEMENS-BCR185S Datasheet
43Kb / 4P
   PNP Silicon Digital Transistor Array (Switching circuit, inverter, interface circuit, driver circuit)
BCR191S SIEMENS-BCR191S Datasheet
43Kb / 4P
   PNP Silicon Digital Transistor Array (Switching circuit, inverter, interface circuit, driver circuit)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com