Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62702-C2486 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # Q62702-C2486
Description  NPN/PNP Silicon Digital Tansistor Array (Switching circuit, inverter, interface circuit, drive circuit)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-C2486 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  Q62702-C2486 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-C2486 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-C2486 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-C2486 Datasheet HTML 4Page - Siemens Semiconductor Group Q62702-C2486 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Semiconductor Group
1
Nov-26-1996
BCR 08PN
NPN/PNP Silicon Digital Tansistor Array
• Switching circuit, inverter, interface circuit,
drive circuit
• Two (galvanic) internal isolated NPN/PNP
Transistor in one package
• Built in bias resistor (R1=2.2kΩ, R2=47kΩ)
Tape loading orientation
Type
Marking Ordering Code Pin Configuration
Package
BCR 08PN
WFs
Q62702-C2486 1=E1 2= B1 3=C2 4=E2 5=B2 6=C1 SOT-363
Maximum Ratings
Parameter
Symbol
Values
Unit
Collector-emitter voltage
VCEO
50
V
Collector-base voltage
VCBO
50
Emitter-base voltage
VEBO
5
Input on Voltage
Vi(on)
10
DC collector current
IC
100
mA
Total power dissipation,
TS = 115°C
Ptot
250
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
- 65 ... + 150
Thermal Resistance
Junction ambient
1)
RthJA
≤ 275
K/W
Junction - soldering point
RthJS
≤ 140
1) Package mounted on pcb 40mm x 40mm x 1.5mm / 0.5cm2 Cu


Similar Part No. - Q62702-C2486

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-C2481 SIEMENS-Q62702-C2481 Datasheet
93Kb / 7P
   Active Bias Controller (Supplies stable bias current even at low battery voltage and extreme ambient temperature variation)
More results

Similar Description - Q62702-C2486

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCR22PN SIEMENS-BCR22PN Datasheet
62Kb / 5P
   NPN/PNP Silicon Digital Tansistor Array (Switching circuit, inverter, interface circuit, drive circuit)
BCR48PN SIEMENS-BCR48PN Datasheet
67Kb / 6P
   NPN/PNP Silicon Digital Tansistor Array (Switching circuit, inverter, interface circuit, drive circuit)
BCR10PN SIEMENS-BCR10PN Datasheet
62Kb / 5P
   NPN/PNP Silicon Digital Tansistor Array (Switching circuit, inverter, interface circuit, drive circuit)
BCR35PN SIEMENS-BCR35PN Datasheet
62Kb / 5P
   NPN/PNP Silicon Digital Tansistor Array (Switching circuit, inverter, interface circuit, drive circuit)
BCR512 SIEMENS-BCR512 Datasheet
34Kb / 4P
   NPN Silicon Digital Transistor (Switching circuit, inverter, interface circuit, drive circuit)
BCR503 SIEMENS-BCR503 Datasheet
35Kb / 4P
   NPN Silicon Digital Transistor (Switching circuit, inverter, interface circuit, drive circuit)
BCR169S SIEMENS-BCR169S Datasheet
42Kb / 4P
   PNP Silicon Digital Transistor Array (Switching circuit, inverter, interface circuit, driver circuit)
BCR183S SIEMENS-BCR183S Datasheet
43Kb / 4P
   PNP Silicon Digital Transistor Array (Switching circuit, inverter, interface circuit, driver circuit)
BCR185S SIEMENS-BCR185S Datasheet
43Kb / 4P
   PNP Silicon Digital Transistor Array (Switching circuit, inverter, interface circuit, driver circuit)
BCR191S SIEMENS-BCR191S Datasheet
43Kb / 4P
   PNP Silicon Digital Transistor Array (Switching circuit, inverter, interface circuit, driver circuit)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com