Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSMY2850RG Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VSMY2850RG
Description  High Speed Infrared Emitting Diodes, 850 nm, Surface Emitter Technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSMY2850RG Datasheet(HTML) 5 Page - Vishay Siliconix

  VSMY2850RG Datasheet HTML 1Page - Vishay Siliconix VSMY2850RG Datasheet HTML 2Page - Vishay Siliconix VSMY2850RG Datasheet HTML 3Page - Vishay Siliconix VSMY2850RG Datasheet HTML 4Page - Vishay Siliconix VSMY2850RG Datasheet HTML 5Page - Vishay Siliconix VSMY2850RG Datasheet HTML 6Page - Vishay Siliconix VSMY2850RG Datasheet HTML 7Page - Vishay Siliconix VSMY2850RG Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
VSMY2850RG, VSMY2850G
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 04-Aug-11
5
Document Number: 83398
For technical questions, contact: emittertechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE DIMENSIONS in millimeters: VSMY2850G
2.2
4.2 ± 0.2
2.3 ± 0.2
Cathode
0.6
Anode
2.2
0.4
Ø 1.8
specifications
according to DIN
technical drawings
Not indicated tolerances ± 0.1
Drawing-No.: 6.544-5383.03-4
Issue: 1; 18.03.10
22099
Exposed copper
Pin ID
2.45
5.15
Solder pad proposal
acc. IPC 7351
X
X 20:1


Similar Part No. - VSMY2850RG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSMY2850RG VISHAY-VSMY2850RG Datasheet
138Kb / 8P
   High Speed Infrared Emitting Diodes, 850 nm, Surface Emitter Technology
Rev. 1.0, 22-Dec-10
VSMY2850RG VISHAY-VSMY2850RG Datasheet
158Kb / 9P
   High Speed Infrared Emitting Diodes
Rev. 1.5, 06-Sep-13
VSMY2850RG VISHAY-VSMY2850RG Datasheet
159Kb / 9P
   High Speed Infrared Emitting Diodes, 850 nm, Surface Emitter Technology
01-Jan-2022
VSMY2850RG VISHAY-VSMY2850RG Datasheet
159Kb / 9P
   High Speed Infrared Emitting Diodes, 850 nm, Surface Emitter Technology
01-Jan-2022
VSMY2850RG VISHAY-VSMY2850RG Datasheet
160Kb / 9P
   High Speed Infrared Emitting Diodes, 850 nm, Surface Emitter Technology
01-Jan-2023
More results

Similar Description - VSMY2850RG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSMY2853RG VISHAY-VSMY2853RG Datasheet
206Kb / 8P
   High Speed Infrared Emitting Diodes, 850 nm, Surface Emitter Technology
Rev. 1.1, 28-Mar-13
VSMY5850X01 VISHAY-VSMY5850X01_V01 Datasheet
130Kb / 6P
   High Speed Infrared Emitting Diodes, 850 nm, Surface Emitter Technology
01-Jan-2022
VSMY2850GX01 VISHAY-VSMY2850GX01 Datasheet
163Kb / 9P
   High Speed Infrared Emitting Diodes, 850 nm, Surface Emitter Technology
01-Jan-2022
VSMY2850G VISHAY-VSMY2850G_V01 Datasheet
159Kb / 9P
   High Speed Infrared Emitting Diodes, 850 nm, Surface Emitter Technology
01-Jan-2022
VSMY2853GX01 VISHAY-VSMY2853GX01_V01 Datasheet
215Kb / 8P
   High Speed Infrared Emitting Diodes, 850 nm, Surface Emitter Technology
01-Jan-2023
VSMY1850ITX01 VISHAY-VSMY1850ITX01_V02 Datasheet
151Kb / 6P
   High Speed Infrared Emitting Diodes, 850 nm, Surface Emitter Technology
01-Jan-2023
VSMY2850RG VISHAY-VSMY2850RG Datasheet
138Kb / 8P
   High Speed Infrared Emitting Diodes, 850 nm, Surface Emitter Technology
Rev. 1.0, 22-Dec-10
VSMY5850X01 VISHAY-VSMY5850X01 Datasheet
129Kb / 6P
   High Speed Infrared Emitting Diodes, 850 nm, Surface Emitter Technology
Rev. 1.0, 11-Apr-2019
VSMY1850 VISHAY-VSMY1850 Datasheet
121Kb / 7P
   High Speed Infrared Emitting Diodes, 850 nm, Surface Emitter Technology
Rev. 1.0, 22-Dec-10
VSMY12850 VISHAY-VSMY12850 Datasheet
246Kb / 6P
   High Speed Infrared Emitting Diodes, 850 nm,Surface Emitter Technology
Rev. 1.0, 19-Mar-15
VSMY2853G VISHAY-VSMY2853G_V01 Datasheet
210Kb / 8P
   High Speed Infrared Emitting Diodes, 850 nm, Surface Emitter Technology
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com