Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSSB420S Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VSSB420S
Description  Surface Mount Trench MOS Barrier Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSSB420S Datasheet(HTML) 3 Page - Vishay Siliconix

  VSSB420S Datasheet HTML 1Page - Vishay Siliconix VSSB420S Datasheet HTML 2Page - Vishay Siliconix VSSB420S Datasheet HTML 3Page - Vishay Siliconix VSSB420S Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 89317
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 10-Nov-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
3
VSSB420S
Vishay General Semiconductor
New Product
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Characteristics
Fig. 5 - Typical Junction Capacitance
Fig. 6 - Typical Transient Thermal Impedance
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
1
100
0
0.1
Instantaneous Forward Voltage (V)
T
A = 125 °C
T
A = 25 °C
T
A = 100 °C
T
A = 150 °C
10
0.2
0.4
0.6
0.8
1.0
1.2
1.6
1.4
10
20
40
60
0.00001
0.0001
0.001
0.01
0.1
10
80
100
Percent of Rated Peak Reverse Voltage (%)
T
A = 125 °C
T
A = 25 °C
T
A = 100 °C
T
A = 150 °C
30
50
70
90
1
100
10
10
100
1000
0.1
1
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
100
10
1
100
1000
0.01
1
t - Pulse Duration (s)
10
0.1
Junction to Ambient
0.012 (0.305)
0.006 (0.152)
0.008 (0.2)
0.180 (4.57)
0.160 (4.06)
0.155 (3.94)
0.130 (3.30)
0.086 (2.20)
0.077 (1.95)
0.220 (5.59)
0.205 (5.21)
0.060 (1.52)
0.030 (0.76)
0.096 (2.44)
0.084 (2.13)
DO-214AA (SMB)
0 (0)
Cathode Band
0.085 (2.159)
MAX.
0.220 REF.
0.086 (2.18)
MIN.
0.060 (1.52)
MIN.
Mounting Pad Layout


Similar Part No. - VSSB420S

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
VSSB420S TAYCHIPST-VSSB420S Datasheet
3Mb / 2P
   Surface Mount Trench MOS Barrier Schottky Rectifier
logo
Vishay Siliconix
VSSB420S-M3 VISHAY-VSSB420S-M3 Datasheet
88Kb / 5P
   Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 28-Nov-13
VSSB420S-M3 VISHAY-VSSB420S-M3_V01 Datasheet
99Kb / 5P
   Surface-Mount TMBS짰 (Trench MOS Barrier Schottky) Rectifier
01-Jan-2022
More results

Similar Description - VSSB420S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V3P6 VISHAY-V3P6 Datasheet
82Kb / 4P
   Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 18-Oct-10
VSSB410S VISHAY-VSSB410S_15 Datasheet
83Kb / 4P
   Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 05-Nov-13
VSSC8L45-M3 VISHAY-VSSC8L45-M3_15 Datasheet
81Kb / 4P
   Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 04-Mar-14
V4PAN50 VISHAY-V4PAN50_15 Datasheet
111Kb / 5P
   Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 31-Jul-13
VSSAF512 VISHAY-VSSAF512_V01 Datasheet
109Kb / 5P
   Surface Mount Trench MOS Barrier Schottky Rectifier
01-Jan-2022
VSSB310 VISHAY-VSSB310 Datasheet
94Kb / 4P
   Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 25-Aug-09
VSSB410S VISHAY-VSSB410S Datasheet
94Kb / 4P
   Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 25-Aug-09
V3PAL45 VISHAY-V3PAL45 Datasheet
113Kb / 6P
   Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 30-Jul-13
logo
Shenzhen Taychipst Elec...
VSSA310 TAYCHIPST-VSSA310 Datasheet
3Mb / 2P
   Surface Mount Trench MOS Barrier Schottky Rectifier
logo
Vishay Siliconix
VSSAF515 VISHAY-VSSAF515 Datasheet
108Kb / 5P
   Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 04-May-2018
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com