Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62702-C2298 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # Q62702-C2298
Description  PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-C2298 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

  Q62702-C2298 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-C2298 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-C2298 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-C2298 Datasheet HTML 4Page - Siemens Semiconductor Group Q62702-C2298 Datasheet HTML 5Page - Siemens Semiconductor Group Q62702-C2298 Datasheet HTML 6Page - Siemens Semiconductor Group Q62702-C2298 Datasheet HTML 7Page - Siemens Semiconductor Group Q62702-C2298 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
BC 856W ... BC 860W
Semiconductor Group
7
h parameter he = f (IC) normalized
VCE = 5 V
Noise figure F = f (VCE)
IC = 0.2 mA, RS = 2 k
Ω, f = 1 kHz
h parameter he = f (VCE) normalized
IC =2mA
Noise figure F = f (f)
IC = 0.2 mA, VCE = 5 V, RS = 2 k


Similar Part No. - Q62702-C2298

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-C2291 SIEMENS-Q62702-C2291 Datasheet
34Kb / 4P
   NPN Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
More results

Similar Description - Q62702-C2298

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC856-BC860 SIEMENS-BC856-BC860 Datasheet
271Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC856S SIEMENS-BC856S Datasheet
42Kb / 6P
   PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC857S SIEMENS-BC857S Datasheet
159Kb / 6P
   PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC846W-BC850W SIEMENS-BC846W-BC850W Datasheet
272Kb / 8P
   NPN Silicon AF Transistor (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC847PN SIEMENS-BC847PN Datasheet
229Kb / 6P
   NPN/PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BCW61 SIEMENS-BCW61 Datasheet
271Kb / 9P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain)
BCX78 SIEMENS-BCX78 Datasheet
143Kb / 7P
   PNP Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
BC327 SIEMENS-BC327 Datasheet
143Kb / 6P
   PNP Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
BC846-BC850 SIEMENS-BC846-BC850 Datasheet
273Kb / 8P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
BCW60 SIEMENS-BCW60 Datasheet
282Kb / 9P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com