Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62702-C2115 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # Q62702-C2115
Description  PNP Silicon AF Transistors (For AF driver and output stages High collector current)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-C2115 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  Q62702-C2115 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-C2115 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-C2115 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-C2115 Datasheet HTML 4Page - Siemens Semiconductor Group Q62702-C2115 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Semiconductor Group
4
BCP 51
... BCP 53
Total power dissipation Ptot = f (TA*; TS)
* Package mounted on epoxy
DC current gain hFE = f (IC)
VCE = 2 V
Transition frequency fT = f (IC)
VCE = 10 V
Collector cutoff current ICB0 = f (TA)
VCB = 30 V


Similar Part No. - Q62702-C2115

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-C2117 SIEMENS-Q62702-C2117 Datasheet
131Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
Q62702-C2119 SIEMENS-Q62702-C2119 Datasheet
131Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
More results

Similar Description - Q62702-C2115

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCP51MBCP53M SIEMENS-BCP51MBCP53M Datasheet
31Kb / 4P
   PNP Silicon AF Transistor (For AF driver and output stages High collector current)
BCP54BCP56 SIEMENS-BCP54BCP56 Datasheet
131Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCP54MBCP56M SIEMENS-BCP54MBCP56M Datasheet
31Kb / 4P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCX54BCX56 SIEMENS-BCX54BCX56 Datasheet
146Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCP70M SIEMENS-BCP70M Datasheet
29Kb / 4P
   PNP Silicon AF Power Transistor (For AF driver and output stages High collector current)
BCP72 SIEMENS-BCP72 Datasheet
29Kb / 3P
   PNP Silicon AF Power Transistor (For AF driver and output stages High collector current High current gain)
BDP952 SIEMENS-BDP952 Datasheet
40Kb / 4P
   PNP Silicon AF Power Transistor (For AF drivers and output stages High collector current High current gain)
BDP948 SIEMENS-BDP948 Datasheet
39Kb / 4P
   PNP Silicon AF Power Transistor (For AF drivers and output stages High collector current High current gain)
BDP951 SIEMENS-BDP951 Datasheet
41Kb / 4P
   NPN Silicon AF Power Transistors (For AF drivers and output stages High collector current High current gain)
BCW61 SIEMENS-BCW61 Datasheet
271Kb / 9P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com