Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XO-52AARE40ME2 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # XO-52AARE40ME2
Description  Half Size Clock Oscillator Enable/Disable
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

XO-52AARE40ME2 Datasheet(HTML) 1 Page - Vishay Siliconix

  XO-52AARE40ME2 Datasheet HTML 1Page - Vishay Siliconix XO-52AARE40ME2 Datasheet HTML 2Page - Vishay Siliconix XO-52AARE40ME2 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document Number: 35025
For technical questions, contact: frequency@vishay.com
www.vishay.com
Revision: 08-Mar-11
27
Half Size Clock Oscillator Enable/Disable
XO-52
Vishay Dale
The XO-52 series oscillator is half size, has tri-state
enable/disable controlled function. The metal package with
pin 4 case ground acts as shielding to minimize EMI
radiation.
FEATURES
• Size: 8 pin half size
• Industry standard
• Tri-state enable/disable
• Wide frequency range
•Low cost
• Resistance weld package
•5 V
• Compliant to RoHS Directive 2002/95/EC
• Halogen-free according to IEC 61249-2-21 definition
Note
(1) Include: 25 °C tolerance, operating temperature range, input voltage change, aging, load change, shock vibration
STANDARD ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
CONDITION
VALUE
Frequency range
FO
-
1.000 MHz to 100.000 MHz
Frequency stability (1)
all conditions
± 25 ppm, ± 50 ppm, ± 100 ppm
Operating temperature range
TOPR
-
0 ºC to 70 ºC
- 40 ºC to + 85 ºC (option)
Storage temperature range
TSTG
-
- 55 ºC to + 125 ºC
Power supply voltage
VDD
-
5.0 V ± 10 %
Aging (first year)
25 ºC ± 3 ºC
± 5 ppm
Supply current
IDD
1.000 MHz to 23.999 MHz
20 mA max.
24.000 MHz to 49.999 MHz
30 mA max.
50.000 MHz to 69.999 MHz
40 mA max.
70.000 MHz to 100.000 MHz
60 mA max.
Output symmetry
Sym
at 1/2 VDD
40 %/60 % (45 %/55 % option)
Rise time
tr
20 % VDD to 80 % VDD
10 ns max.
Fall time
tf
80 % VDD to 20 % VDD
10 ns max.
Output voltage
VOH
-
90 % VDD min.
VOL
-
10 % VDD max.
Output load
TTL load
-
1 TTL to 10 TTL
HCMOS load
-
to 50M: 50 pF
-
to 70M: 30 pF
-
to 100M: 15 pF
Start-up time
ts
-10 ms max.
Pin 1, tri-state function
-
pin 1 = H or open (output active at pin 5)
pin 1 = L (high impedance at pin 5)
DIMENSIONS in inches [millimeters]
MARKING
AREA
HCMOS TEST CIRCUIT
0.220
[5.6] max.
[0.45 ± 0.1]
[0.8 ± 0.1]
0.268
[6.80] max.
HCMOS OUTPUT WAVEFORM
0.031 ± 0.003
0.018 ± 0.003
VOH
VOL
Tr
Tf
90 % VDD
50 % VDD
10 % VDD
GND
T1
T0 = 1/Fo
SYMMETRY =
x 100 %
T1
T0
+ 5.0 V
Test Point
CL
(1)
0.01 µF
CMOS Load
Note
(1) Includes Stray and Probe Capacitance
INH
+ 3.3 V
Enable/Disable function
ENABLE/DISABLE FUNCTION
INPUT (PIN 1)
OPEN
VIH
≥ 2.2 VDC
OUTPUT (PIN 5)
ENABLE
ENABLE
PIN
#1
#4
#5
#8
CONNECTION
N.C.
GND
OUTPUT
VDD
#1
#4
#5
#8
0.508
[12.9] max.
0.300 ± 0.005
[7.62 ± 0.13]
0.580 [12.9] max.
0.300 ± 0.005
[7.62 ± 0.13]
A
V
#8
#1
#5
#4
CL = 15 pF or 50 pF
spec. sheet)
(see individual


Similar Part No. - XO-52AARE40ME2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XO-52AARE40ME2 VISHAY-XO-52AARE40ME2 Datasheet
89Kb / 3P
   Half Size Clock Oscillators Enable/Disable
Revision: 01-Jun-06
XO-52AARE40ME2 VISHAY-XO-52AARE40ME2 Datasheet
95Kb / 3P
   Half Size Clock Oscillators Enable/Disable
Revision: 05-Mar-07
More results

Similar Description - XO-52AARE40ME2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XOSM-52 VISHAY-XOSM-52_07 Datasheet
97Kb / 3P
   Half Size Clock Oscillator Enable/Disable
Revision: 05-Mar-07
XOSM-52 VISHAY-XOSM-52_11 Datasheet
87Kb / 3P
   Half Size Clock Oscillator Enable/Disable
Revision: 08-Mar-11
XOSM-52 VISHAY-XOSM-52 Datasheet
177Kb / 1P
   Half Size Clock Oscillator Enable/Disable
Revision: 13-Oct-05
XO-523 VISHAY-XO-523_11 Datasheet
80Kb / 3P
   Half Size Clock Oscillator Enable/Disable
Revision: 08-Mar-11
XO-523 VISHAY-XO-523 Datasheet
96Kb / 3P
   Half Size Clock Oscillators Enable/Disable
Revision: 01-Jun-06
XO-52 VISHAY-XO-52 Datasheet
89Kb / 3P
   Half Size Clock Oscillators Enable/Disable
Revision: 01-Jun-06
XO-523 VISHAY-XO-523_07 Datasheet
90Kb / 3P
   Half Size Clock Oscillators Enable/Disable
Revision: 05-Mar-07
XO-52 VISHAY-XO-52_07 Datasheet
95Kb / 3P
   Half Size Clock Oscillators Enable/Disable
Revision: 05-Mar-07
logo
Connor-Winfield Corpora...
SMH54RA CONNOR-WINFIELD-SMH54RA Datasheet
101Kb / 1P
   3.3V SURFACE MOUNT CRYSTAL CLOCK OSCILLATOR WITH ENABLE / DISABLE
logo
Fox Electronics
F5C-2E3LF FOX-F5C-2E3LF Datasheet
176Kb / 1P
   Tri-State Enable/Disable 3.3V Oscillator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com