Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XO-543BRE40ME2 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # XO-543BRE40ME2
Description  Full Size Clock Oscillators TTL/HCMOS Compatible
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

XO-543BRE40ME2 Datasheet(HTML) 1 Page - Vishay Siliconix

  XO-543BRE40ME2 Datasheet HTML 1Page - Vishay Siliconix XO-543BRE40ME2 Datasheet HTML 2Page - Vishay Siliconix XO-543BRE40ME2 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document Number: 35038
For technical questions, contact: frequency@vishay.com
www.vishay.com
Revision: 08-Mar-11
25
Full Size Clock Oscillators TTL/HCMOS Compatible
XO-543
Vishay Dale
The XO-543 series is with 3.3 V power supply. The metal
package with pin 7 case ground acts as shielding to
minimize EMI radiation.
FEATURES
• Size: 14 pin full size
• Industry standard
• Wide frequency range
•Low cost
• Tri-state enable/disable
• Resistance weld package
• 3.3 V
• Compliant to RoHS Directive 2002/95/EC
• Halogen-free according to IEC 61249-2-21 definition
Note
(1) Include: 25 ºC tolerance, operating temperature range, input voltage change, aging, load change, shock and vibration
STANDARD ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
CONDITION
VALUE
Frequency range
FO
-
1.000 MHz to 100.000 MHz
Frequency stability (1)
all conditions
± 25 ppm, ± 50 ppm, ± 100 ppm
Operating temperature range
TOPR
-
0 ºC to 70 ºC
- 40 ºC to + 85 ºC (option)
Storage temperature range
TSTG
-
- 55 ºC to + 125 ºC
Power supply voltage
VDD
-
3.3 V ± 10 %
Aging (first year)
25 °C ± 3 °C
± 5 ppm
Supply current
IDD
1.000 MHz to 23.999 MHz
15 mA max.
24.000 MHz to 49.999 MHz
20 mA max.
50.000 MHz to 69.999 MHz
30 mA max.
70.000 MHz to 100.000 MHz
45 mA max.
Output symmetry
Sym
at ½ VDD
40 %/60 % (45 %/55 % option)
Rise time
tr
10 % VDD to 90 % VDD
8 ns max.
Fall time
tf
90 % VDD to 10 % VDD
8 ns max.
Output voltage
VOH
-
90 % VDD min.
VOL
-
10 % VDD max.
Output load
TTL load
-
1 TTL to 5 TTL
HCMOS load
-
to 50M: 30 pF
-
to 125M: 15 pF
Start-up time
ts
-
10 ms max.
Pin 1, tri-state function
-
pin 1 = H or open (output active at pin 3)
pin 1 = L (high impedance at pin 3)
DIMENSIONS in inches [millimeters]
OH
DD
DD
DD
DD
IH
DC
OL
CMOS
LOAD
CL
(1)
Note
(1) Includes Stray and Probe Capacitance
max.
max.
max.
max.
≥≥


Similar Part No. - XO-543BRE40ME2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XO-543 VISHAY-XO-543 Datasheet
186Kb / 3P
   Full Size Clock Oscillators TTL/HCMOS Compatible
Revision: 05-Mar-07
More results

Similar Description - XO-543BRE40ME2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XO-54 VISHAY-XO-54_07 Datasheet
188Kb / 3P
   Full Size Clock Oscillators TTL/HCMOS Compatible
Revision: 05-Mar-07
XO-54 VISHAY-XO-54_11 Datasheet
155Kb / 3P
   Full Size Clock Oscillators TTL/HCMOS Compatible
Revision: 08-Mar-11
XO-543 VISHAY-XO-543 Datasheet
186Kb / 3P
   Full Size Clock Oscillators TTL/HCMOS Compatible
Revision: 05-Mar-07
logo
RSG Electronic Componen...
HO-12 RSG-HO-12 Datasheet
84Kb / 1P
   FULL SIZE CLOCK OSCILLATORS TTL/HCMOS COMPATIBLE
logo
Vishay Siliconix
XO-54 VISHAY-XO-54 Datasheet
81Kb / 1P
   Full Size Clock Oscillators TTL/HCMOS Compatible
Revision: 10-Jun-03
logo
General Electric Compan...
LM1100 GEC-LM1100 Datasheet
201Kb / 1P
   Full Size HCMOS/TTL Compatible Oscillators
logo
Vishay Siliconix
XO-53 VISHAY-XO-53 Datasheet
118Kb / 1P
   Full Size Clock Oscillators TTL Compatible
Revision: 17-Jun-05
XO-53 VISHAY-XO-53_07 Datasheet
96Kb / 3P
   Full Size Clock Oscillators TTL Compatible
Revision: 05-Mar-07
XO-53 VISHAY-XO-53_11 Datasheet
82Kb / 3P
   Full Size Clock Oscillators TTL Compatible
Revision: 08-Mar-11
logo
RSG Electronic Componen...
HO-11 RSG-HO-11 Datasheet
84Kb / 1P
   FULL SIZE CLOCK OSCILLATORS TTL COMPATIBLE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com