Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100AWSP5T2B1M1REH Datasheet(PDF) 5 Page - E-SWITCH

Part # 100AWSP5T2B1M1REH
Description  TOGGLE SWITCHES - MINIATURE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

100AWSP5T2B1M1REH Datasheet(HTML) 5 Page - E-SWITCH

  100AWSP5T2B1M1REH Datasheet HTML 1Page - E-SWITCH 100AWSP5T2B1M1REH Datasheet HTML 2Page - E-SWITCH 100AWSP5T2B1M1REH Datasheet HTML 3Page - E-SWITCH 100AWSP5T2B1M1REH Datasheet HTML 4Page - E-SWITCH 100AWSP5T2B1M1REH Datasheet HTML 5Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Phone: 800-867-2717
Fax: 763-531-8235
126
CONTACT MATERIAL OPTIONS
Q
R
Fixed Terminal:
Gold flash over silver plated copper alloy
Moving Contact:
Silver plated copper alloy
Rating:
5 Amps with resistive load @ 120VAC or 28VDC;
2 Amps with resistive load @ 250VAC
Fixed Terminal:
Copper alloy with gold plate over nickel plate
Moving Contact:
Copper alloy with gold plate overnickel plate
Rating:
0.4 Volt-Amps (VA) max. @ 20V max. (AC or DC)
LOCKING RING
HDW15
LOCK WASHER
HDW11
NUT
HDW2
HARDWARE
SERIES 100A SWITCHES
TOGGLE SWITCHES - MINIATURE
VS2-VS3
VS2-VS3
SPDT
DPDT
P.C. MOUNTING
P.C. MOUNTING
Option
Code
Dim. 'A'
VS2
.460 (11.68)
VS3
.630 (16.00)
Option
Code
Dim. 'A'
VS2
.460 (11.68)
VS3
.630 (16.00)


Similar Part No. - 100AWSP5T2B1M1REH

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
100AWSP5T2B1M1RE E-SWITCH-100AWSP5T2B1M1RE Datasheet
290Kb / 4P
   PROCESS SEALED MINIATURE TOGGLE SWITCHES
More results

Similar Description - 100AWSP5T2B1M1REH

ManufacturerPart #DatasheetDescription
logo
C&K Components
7101MD9AV2BE CK-COMPONENTS-7101MD9AV2BE Datasheet
1Mb / 14P
   Miniature Toggle Switches
logo
Grayhill, Inc
HDW15 GRAYHILL-HDW15 Datasheet
871Kb / 6P
   Miniature Toggle Switches
logo
C&K Components
7201L2DAV2BE CK-COMPONENTS-7201L2DAV2BE Datasheet
782Kb / 14P
   Miniature Toggle Switches
U15P4YZQE CK-COMPONENTS-U15P4YZQE Datasheet
1Mb / 14P
   Miniature Toggle Switches
logo
Grayhill, Inc
34ASP12B4M2RT GRAYHILL-34ASP12B4M2RT Datasheet
871Kb / 6P
   Miniature Toggle Switches
logo
C&K Components
7308TPZGE CK-COMPONENTS-7308TPZGE Datasheet
1Mb / 14P
   Miniature Toggle Switches
7000TOGGLE CK-COMPONENTS-7000TOGGLE Datasheet
2Mb / 14P
   Miniature Toggle Switches
15 Jan 21
7000 CK-COMPONENTS-7000 Datasheet
1Mb / 22P
   Miniature Toggle Switches
logo
E-SWITCH
100SP1T1B1M1QEH E-SWITCH-100SP1T1B1M1QEH Datasheet
1Mb / 10P
   TOGGLE SWITCHES - MINIATURE
logo
C&K Components
E101MD1ABE CK-COMPONENTS-E101MD1ABE Datasheet
539Kb / 8P
   Sealed Miniature Toggle Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com