Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRGA5132101 Datasheet(PDF) 1 Page - E-SWITCH

Part # PRGA5132101
Description  RRGA Series
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

PRGA5132101 Datasheet(HTML) 1 Page - E-SWITCH

  PRGA5132101 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RRGA Series
FEATURES:
• Aesthetically Designed
• High Ratings with UL and VDE Approvals
• Single Pole With Many Functions
• Glossy Finish
SPECIFICATIONS:
RATING: RATING OPTION C:
16A 125VAC [UL, cUL]
10A 250VAC [UL, cUL]
1/3HP 125/250VAC [UL, cUL]
10(4)A 250V~ 1E4 T125/55 [VDE]
RATING OPTION 3:
10A 125VAC [UL, cUL]
6A 250VAC [UL, cUL]
6A 250V~ 1E4 T85 [VDE]
TEMPERATURE: -20°C to 105°C [UL, cUL]
-20°C to 125°C [VDE]
ELECTRICAL LIFE: 10,000 Cycles
CONTACT RESISTANCE: 35m
 Max.
INSULATION RESISTANCE: 100M
 Min. at 500VDC
DIELECTRIC STRENGTH: 1,500VAC for 1 Minute
MATERIALS:
BODY: Polyamide 6/6, UL94 V-2
ACTUATOR: Polyamide 6/6, UL94 V-2
CONTACTS: Silver Alloy
TERMINALS: Silver Plated Copper
Front
Panel Mount
High
Temperature
High
Amperage
Body
Actuator
Marking
Marking
Series
Terminal
Function
Rating
Color
Color
Color
Type
RRGA - 22mm Dia. Cutout
1 - 4.8mm Tab
1 - Off-On
3 - 10A 125VAC
1 - Black
1 - Black
0 - None
0 - None
(Small Hole)
3 - On-On
C - 16A 125VAC
2 - White
2 - White
1 - Black
1 - I/O Vert.
5 - Solder
4 - Off-(On)
3 - Almond
3 - Almond
2 - White
2 - ON/OFF/ON Vert.
8 - 4.8mm Tab
5 - On-Off-On
4 - Grey
4 - Grey
8 - Red
3 - ON/OFF Vert.
(Large Hole)
A - On-(Off)
9 - Red
5 - Orange
4 - ON/OFF Horiz.
B - On-(On)
7 - Blue
9 - I/O/II Horiz.
C - On-Off-(On)
8 - Green
S- I/O/II Vert.
9 - Red
R - I/O Horiz.
Custom Colors and Markings Available Upon Request
EXAMPLE PART NUMBERS:
RRGA8131121
1P Off-On
Black Body/Actuator, I/O Vert.
RRGA8132200
1P Off-On
White Body/Actuator, No Marking
RRGA81C1121
1P Off-On
Black Body/Actuator, I/O Vert.
RRGA113228E
RRGA1431100
P.O. Box 25110 • Portland, OR 97298 USA • www.lambind.com
22
Ph: 503-297-8878 • Fax: 503-297-8879
LAMB
INDUSTRIES


Similar Part No. - PRGA5132101

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
PRGA24150 CRYDOM-PRGA24150 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
PRGA24150 CRYDOM-PRGA24150 Datasheet
584Kb / 5P
   Panel Mount
PRGA24150-10 CRYDOM-PRGA24150-10 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
PRGA48150 CRYDOM-PRGA48150 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
PRGA48150 CRYDOM-PRGA48150 Datasheet
584Kb / 5P
   Panel Mount
More results

Similar Description - PRGA5132101

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com