Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL1220S1NBNBN Datasheet(PDF) 3 Page - E-SWITCH

Part # TL1220S1NBNBN
Description  ILLUMINATED TACT SWITCH
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

TL1220S1NBNBN Datasheet(HTML) 3 Page - E-SWITCH

  TL1220S1NBNBN Datasheet HTML 1Page - E-SWITCH TL1220S1NBNBN Datasheet HTML 2Page - E-SWITCH TL1220S1NBNBN Datasheet HTML 3Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
7153 NORTHLAND DRIVE NORTH
BROOKLYN PARK, MN 55428
www.e-switch.com
email: info@e-switch.com
PhonE: 763.504.3525
FAx: 763.531.8235
SERIES TL 1220 SWITCHES
ILLUMInATED TACT SWITCh
R1 Button - 7mm dia.
R2 Button - 8mm dia.
R3 Button - 10mm dia.


Similar Part No. - TL1220S1NBNBN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TL1220 ETC-TL1220 Datasheet
100Kb / 1P
   LOW PROFILE HYBRID TRANSFORMER
More results

Similar Description - TL1220S1NBNBN

ManufacturerPart #DatasheetDescription
logo
C&K Components
ITS CK-COMPONENTS-ITS_V02 Datasheet
850Kb / 9P
   Illuminated Tact Switch
3 Dec 21
ITS CK-COMPONENTS-ITS_V01 Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
K5V CK-COMPONENTS-K5V_V01 Datasheet
782Kb / 5P
   Illuminated Tact Switch
13 May 22
ITS CK-COMPONENTS-ITS Datasheet
895Kb / 9P
   Illuminated Tact Switch
K5AT CK-COMPONENTS-K5AT_V01 Datasheet
341Kb / 2P
   Illuminated SMT Tact Switch
10 jan 18
logo
E-SWITCH
TL1250 E-SWITCH-TL1250 Datasheet
175Kb / 1P
   ILLUMInATED RIGhT AnGLE TACT SWITCh
logo
C&K Components
K8 CK-COMPONENTS-K8 Datasheet
367Kb / 2P
   Illuminated SMT Tact Switch with Dedicated LED
10 jan 18
logo
E-SWITCH
TL1240 E-SWITCH-TL1240 Datasheet
203Kb / 2P
   TACT SWITCHES ILLUMINATED
TL1290 E-SWITCH-TL1290 Datasheet
242Kb / 1P
   TACT SWITCHES ILLUMINATED - RIGHT ANGLE
logo
Suntan Capacitors
TSS-RP-0302 SUNTAN-TSS-RP-0302 Datasheet
151Kb / 1P
   TACT SWITCH
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com