Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LG126Z104MAT2S1 Datasheet(PDF) 4 Page - AVX Corporation

Part # LG126Z104MAT2S1
Description  Low Inductance Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

LG126Z104MAT2S1 Datasheet(HTML) 4 Page - AVX Corporation

  LG126Z104MAT2S1 Datasheet HTML 1Page - AVX Corporation LG126Z104MAT2S1 Datasheet HTML 2Page - AVX Corporation LG126Z104MAT2S1 Datasheet HTML 3Page - AVX Corporation LG126Z104MAT2S1 Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
70
LGA Low Inductance Capacitors
0204/0306/0805 Land Grid Arrays
Series
L
W
T
BW
BL
LG12 (0204)
0.5 ± 0.05
1.00 ± 0.10
0.50 ± 0.05
0.8 ± 0.10
0.13 ± 0.08
(0.020±0.002)
(0.039 ± 0.004)
(0.020 ± 0.002)
(0.031 ± 0.004)
(0.005 ± 0.003)
LG22 (0306)
0.76 ± 0.10
1.60 ± 0.10
0.50 ± 0.05
1.50 ±0.10
0.28 ± 0.08
(0.030 ± 0.004)
(0.063 ± 0.004)
(0.020 ± 0.002)
(0.059 ± 0.004)
(0.011 ± 0.003)
LGC2 (0805)
2.06 ± 0.10
1.32 ± 0.10
0.50 ± 0.05
1.14 ± 0.10
0.90 ±0.08
(0.081 ± 0.004)
(0.052 ± 0.004)
(0.020 ± 0.002)
(0.045 ± 0.004)
(0.035 ± 0.003)
PART DIMENSIONS
mm (inches)
RECOMMENDED SOLDER PAD DIMENSIONS
mm (inches)
PL
G
PW1
Series
PL
PW1
G
LG12 (0204)
0.50 (0.020)
1.00 (0.039)
0.20 (0.008)
LG22 (0306)
0.65 (0.026)
1.50 (0.059)
0.20 (0.008)
LGC2 (0805)
1.25 (0.049)
1.40 (0.055)
0.20 (0.008)
HOW TO ORDER
LG
Style
1
Case
Size
1 = 0204
2 = 0306
C = 0805
2
Number of
Terminals
2
6
Working
Voltage
4 = 4V
6 = 6.3V
Z = 10V
Z
Temperature
Characteristic
C = X7R
D = X5R
Z = X7S
W = X6S
104
Coded
Cap
M
Cap
Tolerance
M = 20%
A
Termination
Style
A = “U” Land
T
Termination
100% Sn*
*Contact factory for
other termination
finishes
2
Packaging
Tape & Reel
2 = 7" Reel
4 = 13" Reel
S
Thickness
S = 0.55mm
max
1
Number of
Capacitors
SIZE
LG12 (0204)
LG22 (0306)
LGC2 (0805)
Length
mm (in.)
0.50 (0.020)
0.76 (0.030)
2.06 (0.081)
Width
mm (in.)
1.00 (0.039)
1.60 (0.063)
1.32 (0.052)
Temp. Char.
X5R (D)
X7S (Z)
X6S (W)
X7R (C)
X5R (D)
X7S (Z)
X6S (W)
X7R (C)
X5R (D)
X7S (Z)
X6S (W)
Working Voltage
6.3
4
6.3
4
6.3
4
10
6.3
4
6.3
4
6.3
4
6.3
4
6.3
4
6.3
4
6.3
4
6.3
4
(6)
(4)
(6)
(4)
(6)
(4)
(Z)
(6)
(4)
(6)
(4)
(6)
(4)
(6)
(4)
(6)
(4)
(6)
(4)
(6)
(4)
(6)
(4)
Cap (μF)
0.010 (103)
0.022 (223)
0.047 (473)
0.100 (104)
0.220 (224)
0.330 (334)
0.470 (474)
1.000 (105)
2.200 (225)
= X7R
= X5R
= X7S
= X6S
T
L
BL
BW
L
W
BL
Standard
Geometry LGA
LGC2
Top
View
Side
1
Side
2
T
L
BL
W
BW
L
BL
Reverse
Geometry LGA
LG12, LG22
Top
View
Side
1
Side
2
Please
contact AVX
for values


Similar Part No. - LG126Z104MAT2S1

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
LG126Z473MAT2S1 AVX-LG126Z473MAT2S1 Datasheet
370Kb / 4P
   Low Inductance Capacitors
More results

Similar Description - LG126Z104MAT2S1

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0612YC105KAT2A AVX-0612YC105KAT2A Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612YC224KAT2V AVX-0612YC224KAT2V Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612YC224MAT2V AVX-0612YC224MAT2V Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612YC473KAT2V AVX-0612YC473KAT2V Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612YC684KAT2W AVX-0612YC684KAT2W Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612ZC103KAT2W AVX-0612ZC103KAT2W Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612ZC104MAT2V AVX-0612ZC104MAT2V Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612ZC105KAT2W AVX-0612ZC105KAT2W Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612ZC105MAT2A AVX-0612ZC105MAT2A Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612ZC223KAT2U AVX-0612ZC223KAT2U Datasheet
327Kb / 4P
   Low Inductance Capacitors
0612ZC224KAT2V AVX-0612ZC224KAT2V Datasheet
321Kb / 4P
   Low Inductance Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com