Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

03066C473MAT2A Datasheet(PDF) 3 Page - AVX Corporation

Part # 03066C473MAT2A
Description  Low Inductance Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

03066C473MAT2A Datasheet(HTML) 3 Page - AVX Corporation

  03066C473MAT2A Datasheet HTML 1Page - AVX Corporation 03066C473MAT2A Datasheet HTML 2Page - AVX Corporation 03066C473MAT2A Datasheet HTML 3Page - AVX Corporation 03066C473MAT2A Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
69
LGA Low Inductance Capacitors
0204/0306/0805 Land Grid Arrays
Land Grid Array (LGA) capacitors are the latest family of low inductance MLCCs from AVX.
These new LGA products are the third low inductance family developed by AVX. The in-
novative LGA technology sets a new standard for low inductance MLCC performance.
Electronic Products awarded its 2006 Product of the Year Award to the LGA Decoupling
capacitor.
Our initial 2 terminal versions of LGA technology deliver the performance of an 8 terminal
IDC low inductance MLCC with a number of advantages including:
• Simplified layout of 2 large solder pads compared to 8 small pads for IDCs
• Opportunity to reduce PCB or substrate contribution to system ESL by using multi-
ple parallel vias in solder pads
• Advanced FCT manufacturing process used to create uniformly flat terminations on
the capacitor that resist “tombstoning”
• Better solder joint reliability
APPLICATIONS
Semiconductor Packages
• Microprocessors/CPUs
• Graphics Processors/GPUs
• Chipsets
• FPGAs
• ASICs
Board Level Device Decoupling
• Frequencies of 300 MHz or more
• ICs drawing 15W or more
• Low voltages
• High speed buses
0306 2 TERMINAL LGA COMPARISON WITH 0306 8 TERMINAL IDC
0.001
0.01
0.1
1
1
10
100
1000
Frequency (MHz)


Similar Part No. - 03066C473MAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
03066C105KAT2A AVX-03066C105KAT2A Datasheet
321Kb / 4P
   Low Inductance Capacitors
03066C105KAT4A AVX-03066C105KAT4A Datasheet
321Kb / 4P
   Low Inductance Capacitors
03066C105MAT2A AVX-03066C105MAT2A Datasheet
321Kb / 4P
   Low Inductance Capacitors
03066C105MAT4A AVX-03066C105MAT4A Datasheet
321Kb / 4P
   Low Inductance Capacitors
More results

Similar Description - 03066C473MAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0612YC105KAT2A AVX-0612YC105KAT2A Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612YC224KAT2V AVX-0612YC224KAT2V Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612YC224MAT2V AVX-0612YC224MAT2V Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612YC473KAT2V AVX-0612YC473KAT2V Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612YC684KAT2W AVX-0612YC684KAT2W Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612ZC103KAT2W AVX-0612ZC103KAT2W Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612ZC104MAT2V AVX-0612ZC104MAT2V Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612ZC105KAT2W AVX-0612ZC105KAT2W Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612ZC105MAT2A AVX-0612ZC105MAT2A Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612ZC223KAT2U AVX-0612ZC223KAT2U Datasheet
327Kb / 4P
   Low Inductance Capacitors
0612ZC224KAT2V AVX-0612ZC224KAT2V Datasheet
321Kb / 4P
   Low Inductance Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com