Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL1265RQNGRN Datasheet(PDF) 2 Page - E-SWITCH

Part # TL1265RQNGRN
Description  TL1265 SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

TL1265RQNGRN Datasheet(HTML) 2 Page - E-SWITCH

  TL1265RQNGRN Datasheet HTML 1Page - E-SWITCH TL1265RQNGRN Datasheet HTML 2Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TL1265 SERIES
BODY DIMENSIONS
LED SPECIFICATIONS
www.e-switch.com
800.867.2717
222222222222
SCHEMATIC
5
6
-
+
43
21
PCB LAYOUT
3.0
[.118]
6.0
[.236]
4.5
[.177]
6.3
[.248]
.9
[.035]
4 - Ø1.0
[Ø.039]
2 - Ø.8
[Ø.032]
4
6
3
2
5
1
7.0
[.276]
6.8
[.268]
Ø5.0
[Ø.197]
Ø8.0
[Ø.315]
5.8
[.229]
2.3
[.091]
12.0
[.473]
4.5
[.177]
3.0
[.118]
1.5
[.059]
.3
[.012]
.2
[.008]
6.0
[.236]
.4
[.016]
.7
[.028]
4.5
[.177]
6.3
[.248]
13
5
6
21
LED Specifications
Color
Forward Current mA
(Nom.)
Forward Voltage
Voltage at 20mA
(Typ-Max)
Luminous Intensity mcd
(Typ.) at 20mA
Red
20
1.95 - 2.5
1800
Blue
20
2.9 - 4.0
150
Green
20
2.1 - 2.5
800
Yellow
20
2.0 - 2.5
1800
White
20
3.2 - 4.0
150


Similar Part No. - TL1265RQNGRN

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TL12 TIMOTION-TL12 Datasheet
328Kb / 5P
   Max. load 800N (push)
20211229-G
logo
Transko Electronics, In...
TL12020CD1 TRANSKO-TL12020CD1 Datasheet
627Kb / 4P
   120.00 MHz IF SAW Filter / 20.10 MHz Bandwidth
Revision 0: 23 Jun. 2008
TL12022AV TRANSKO-TL12022AV Datasheet
664Kb / 4P
   120.0 MHz IF SAW Filter / 19.5 MHz Bandwidth
Revision 0: 16 Jan. 2008
TL12022BS TRANSKO-TL12022BS Datasheet
635Kb / 4P
   120.00 MHz IF SAW Filter / 21.85 MHz Bandwidth
Revision 0: 22 Aug. 2011
TL12024AV TRANSKO-TL12024AV Datasheet
628Kb / 4P
   120.0 MHz IF SAW Filter / 24.21 MHz Bandwidth
Revision 0: 28 May 2009
More results

Similar Description - TL1265RQNGRN

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com