Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

28-03081 Datasheet(PDF) 1 Page - E-SWITCH

Part # 28-03081
Description  X02 Series
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

28-03081 Datasheet(HTML) 1 Page - E-SWITCH

  28-03081 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES:
• Up To 4 Circuits
• Multiple Terminal & Actuator Options
• Housing Made of Rugged Glass Reinforced
Nylon
SPECIFICATIONS:
RATING: 10A 125VAC [cULus]
1/4HP 125VAC [cULus]
10(3)A 250V [ENEC]
6(1.8)A 400V [ENEC]
ELECTRICAL LIFE: 300,000 Cycles
TEMPERATURE RATING: -20°C to 125°C
CONTACT RESISTANCE: 35m
 Max. at 50VAC
INSULATION RESISTANCE: 100M
 Min. at 500VAC
DIELECTRIC STRENGTH: 1,500VAC for 1 Minute
MATERIALS:
BODY: Polyamide 6/6, UL94 V-2
ACTUATOR: Polyamide 6/6, UL94 V-2
CONTACTS: Silver
MOBILE CONTACTS: Silver
TERMINALS: Silver Plated Brass
SPRINGS: Piano Wire
Copper
HARDWARE: Brass
EXAMPLE PART NUMBERS:
28-03081
1P3T
45° Index, 1: AB1, 2: AB2, 3: AB3
X02 Series
High
Temperature
Rear
Panel Mount
Heavy
Duty
24-03A2
28-03081
P.O. Box 25110 • Portland, OR 97298 USA • www.lambind.com
63
Ph: 503-297-8878 • Fax: 503-297-8879
LAMB
INDUSTRIES


Similar Part No. - 28-03081

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
28-0018 WINCHESTER-28-0018 Datasheet
71Kb / 1P
   TNC BULKHEAD JACK
logo
Aries Electronics, Inc.
28-002-101ST ARIES-28-002-101ST Datasheet
181Kb / 1P
   DIP Jumpers
28-002-101STL ARIES-28-002-101STL Datasheet
181Kb / 1P
   DIP Jumpers
28-002-101T ARIES-28-002-101T Datasheet
181Kb / 1P
   DIP Jumpers
28-002-101TL ARIES-28-002-101TL Datasheet
181Kb / 1P
   DIP Jumpers
More results

Similar Description - 28-03081

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC33FJ06GS101 MICROCHIP-DSPIC33FJ06GS101_13 Datasheet
345Kb / 20P
   dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 Family Silicon Errata and Data Sheet Clarification
11/29/12
DSPIC33FJ06GS202-EMM MICROCHIP-DSPIC33FJ06GS202-EMM Datasheet
345Kb / 20P
   dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 Family Silicon Errata and Data Sheet Clarification
11/29/12
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com