Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS21844MPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRS21844MPBF
Description  HALF-BRIDGE DRIVER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS21844MPBF Datasheet(HTML) 4 Page - International Rectifier

  IRS21844MPBF Datasheet HTML 1Page - International Rectifier IRS21844MPBF Datasheet HTML 2Page - International Rectifier IRS21844MPBF Datasheet HTML 3Page - International Rectifier IRS21844MPBF Datasheet HTML 4Page - International Rectifier IRS21844MPBF Datasheet HTML 5Page - International Rectifier IRS21844MPBF Datasheet HTML 6Page - International Rectifier IRS21844MPBF Datasheet HTML 7Page - International Rectifier IRS21844MPBF Datasheet HTML 8Page - International Rectifier IRS21844MPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
www.irf.com
© 2008 International Rectifier
4
IRS21844MPBF
Dynamic Electrical Characteristics
VBIAS (VCC, VBS) = 15 V, VSS = COM, CL = 1000 pF, TA = 25°C, DT = VSS unless otherwise specified.
Symbol
Definition
Min Typ Max Units
Test Conditions
ton
Turn-on propagation delay
680 900
VS = 0 V
toff
Turn-off propagation delay
270 400
VS = 0 V or 600 V
tsd
Shut-down propagation delay
180 270
MTon
Delay matching, HS & LS turn-on
0
90
MToff
Delay matching , HS & LS turn-off
0
40
t r
Turn-on rise time
40
60
t f
Turn-off fall time
20
35
VS = 0 V
280 400 520
ns
RDT = 0
DT
Deadtime: LO turn-off to HO turn-on (DTLO-HO) &
HO turn-off to LO turn-on (DTHO-LO)
4
5
6
s
RDT = 200 k
0
50
RDT = 0
MDT
Deadtime matching DTLO-HO - DTHO-LO
0
600
ns
RDT = 200 k
Static Electrical Characteristics
VBIAS (VCC, VBS) = 15 V, VSS = COM, DT = VSS and TA = 25°C unless otherwise specified. The VIL, VIH and IIN
parameters are referenced to VSS/COM and are applicable to the respective input leads: IN and SD . The VO,
IO and Ron parameters are referenced to COM and are applicable to the respective output leads: HO and LO.
Symbol
Definition
Min Typ Max Units Test Conditions
VIH
Logic “1” input voltage for HO & logic “0” for LO
2.5
VIL
Logic “0” input voltage for HO & logic “1” for LO
0.8
VSD,TH+
SD input positive going threshold
2.5
VSD,TH-
SD input negative going threshold
0.8
VCC = 10 V to 20 V
VOH
High level output voltage, VBIAS - VO
1.4
IO = 0 A
VOL
Low level output voltage, VO
0.2
V
IO = 20 mA
ILK
Offset supply leakage current
50
VB = VS = 600 V
IQBS
Quiescent VBS supply current
20
60
150
A
IQCC
Quiescent VCC supply current
0.4
1.0
1.6
mA
VIN = 0 V or 5 V
IIN+
Logic “1” input bias current
25
60
IN = 5 V,
SD = 0 V
IIN-
Logic “0” input bias current
5.0
A
IN = 0 V,
SD = 5 V
VCCUV+
VBSUV+
VCC and VBS supply undervoltage positive going
threshold
8.0
8.9
9.8
VCCUV-
VBSUV-
VCC and VBS supply undervoltage negative going
threshold
7.4
8.2
9.0
VCCUVH
VBSUVH
Hysteresis
0.3
0.7
V
IO+
Output high short circuit pulsed current
1.4
1.9
VO = 0 V,
PW ≤ 10 s
IO-
Output low short circuit pulsed current
1.8
2.3
A
VO = 15 V,
PW ≤ 10 s


Similar Part No. - IRS21844MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS21844MPBF IRF-IRS21844MPBF Datasheet
886Kb / 26P
   HALF-BRIDGE DRIVER
logo
Infineon Technologies A...
IRS21844MPBF INFINEON-IRS21844MPBF Datasheet
886Kb / 26P
   HALF-BRIDGE DRIVER
August 9, 2011
logo
International Rectifier
IRS21844MPBF IRF-IRS21844MPBF_15 Datasheet
886Kb / 26P
   HALF-BRIDGE DRIVER
More results

Similar Description - IRS21844MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2308 IRF-IRS2308 Datasheet
387Kb / 21P
   HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
   HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
   HALF-BRIDGE DRIVER
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
   HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
   Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
   Half-Bridge Driver
IRS2104PBF IRF-IRS2104PBF Datasheet
665Kb / 15P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF Datasheet
1Mb / 23P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF_1 Datasheet
820Kb / 26P
   HALF-BRIDGE DRIVER
IRS21091PBF IRF-IRS21091PBF Datasheet
758Kb / 20P
   HALF-BRIDGE DRIVER
logo
HUAYI MICROELECTRONICS ...
HYD25050 HUAYI-HYD25050 Datasheet
1Mb / 9P
   Half-Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com