Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS26302DJPBF Datasheet(PDF) 9 Page - International Rectifier

Part # IRS26302DJPBF
Description  FULLY PROTECTED 3-PHASE BRIDGE PLUS ONE GATE DRIVER
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS26302DJPBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IRS26302DJPBF Datasheet HTML 5Page - International Rectifier IRS26302DJPBF Datasheet HTML 6Page - International Rectifier IRS26302DJPBF Datasheet HTML 7Page - International Rectifier IRS26302DJPBF Datasheet HTML 8Page - International Rectifier IRS26302DJPBF Datasheet HTML 9Page - International Rectifier IRS26302DJPBF Datasheet HTML 10Page - International Rectifier IRS26302DJPBF Datasheet HTML 11Page - International Rectifier IRS26302DJPBF Datasheet HTML 12Page - International Rectifier IRS26302DJPBF Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
IRS26302DJ
www.irf.com
© 2009 International Rectifier
9
Static Electrical Characteristics (continued)
(VCC-COM) = (VB-VS) = 15 V. TA = 25°C unless otherwise specified. The VIN and IIN parameters are referenced
to VSS and are applicable to all six channels. The VO and IO parameters are referenced to respective VS and
COM and are applicable to the respective output leads HO or LO. The VCCUV parameters are referenced to VSS.
The VBSUV parameters are referenced to VS. The PFCIo/BRIo and VPFC/ VBR are referenced to VSS and are
applicable to PFCout/BRout lead.
Symbol
Definition
Min
Typ
Max
Units
Test Conditions
PFCIO+/
BRIO+
Output high short circuit pulsed current,
PFCOUT /BROUT
120
250
PFCOUT = 0 V, PW </= 10 us
PFCIO-/
BRIO-
Output low short circuit pulsed current,
PFCOUT/BROUT
210
430
mA
PFCOUT = 15 V, PW </= 10 us
VPFCH /VBRH
High level output voltage, VBIAS – VO,
PFCOUT/BROUT
900
1400
VPFCL /VBRL
low level output voltage, VO, PFCOUT/BROUT
400
600
mV
IO = 20 mA
IIN+
Input bias current LIN1,2,3, HIN1,2,3,
PFCIN/BRIN, (OUT=HI)
350
860
VIN = 3.3 V
IIN-
Input bias current LIN1,2,3, HIN1,2,3,
PFCIN/BRIN, (OUT=LO)
0
1
VIN = 0 V
IITRIP+
ITRIP input bias current
1
2
VITRIP = 1 V
IITRIP-
ITRIP input bias current
0
5
VITRIP = 0 V
IPFCTRIP+/
IBRTRIP+
PFCTRIP /BRTRIP input bias current
20
VPFCTRIP =-250 mV
IPFCTRIP/
IBRTRIP-
PFCTRIP /BRTRIP input bias current
0
5
VPFCTRIP = 0 V
IRCIN
RCIN input bias current
0
5
VRCIN = 15 V
IENIN
EN input bias current
0
1
A
VEN = 3.3V
Ron_RCIN
RCIN low on resistance
50
100
I = 1.5 mA
RON_FLT
FLT low on resistance
50
100
I = 1.5 mA
RBS
Ron internal bootstrap diode
200
IqVdcon
Quiescent VDC supply current on status
100
200
300
VDC - Vgf = 250 mV,
VDC+ = 40 -600 V
IqVdcoff
Quiescent VDC supply current off status
100
200
300
A
VDC = Vgf , VDC + = 40- 600 V


Similar Part No. - IRS26302DJPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS26302DJPBF IRF-IRS26302DJPBF Datasheet
802Kb / 51P
   FULLY PROTECTED 3-PHASE BRIDGE PLUS ONE GATE DRIVER
IRS26302DJPBF IRF-IRS26302DJPBF Datasheet
890Kb / 53P
   FULLY PROTECTED 3-PHASE BRIDGE PLUS ONE GATE DRIVER
logo
Infineon Technologies A...
IRS26302DJPBF INFINEON-IRS26302DJPBF Datasheet
890Kb / 53P
   FULLY PROTECTED 3-PHASE BRIDGE PLUS ONE GATE
Data Sheet No. PD 60321A
More results

Similar Description - IRS26302DJPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS26302DJPBF IRF-IRS26302DJPBF Datasheet
802Kb / 51P
   FULLY PROTECTED 3-PHASE BRIDGE PLUS ONE GATE DRIVER
IRS26302DPBF IRF-IRS26302DPBF_15 Datasheet
890Kb / 53P
   FULLY PROTECTED 3-PHASE BRIDGE PLUS ONE GATE DRIVER
IRS26302DPBF IRF-IRS26302DPBF Datasheet
890Kb / 53P
   FULLY PROTECTED 3-PHASE BRIDGE PLUS ONE GATE DRIVER
logo
Infineon Technologies A...
IRS26302DJPBF INFINEON-IRS26302DJPBF Datasheet
890Kb / 53P
   FULLY PROTECTED 3-PHASE BRIDGE PLUS ONE GATE
Data Sheet No. PD 60321A
logo
Littelfuse
LF2388B LITTELFUSE-LF2388B Datasheet
1Mb / 20P
   3-Phase Half Bridge Gate Driver
logo
Diodes Incorporated
DGD0636M DIODES-DGD0636M Datasheet
665Kb / 12P
   3-PHASE HALF-BRIDGE GATE DRIVER IN SO28
Rev. 1 - 2 February 2019
logo
Nihon Inter Electronics...
PGH NIEC-PGH Datasheet
796Kb / 10P
   3-phase diode bridge plus thyristor
logo
Motorola, Inc
MPIC2130 MOTOROLA-MPIC2130 Datasheet
179Kb / 6P
   3-PHASE BRIDGE DRIVER
logo
International Rectifier
IR21363 IRF-IR21363_15 Datasheet
325Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2237 IRF-IR2237 Datasheet
173Kb / 12P
   3-PHASE BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com