Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR183 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # BCR183
Description  PNP Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCR183 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  BCR183 Datasheet HTML 1Page - Siemens Semiconductor Group BCR183 Datasheet HTML 2Page - Siemens Semiconductor Group BCR183 Datasheet HTML 3Page - Siemens Semiconductor Group BCR183 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Semiconductor Group
4
Dec-12-1996
BCR 183
Total power dissipation
Ptot = f (TA*;TS)
* Package mounted on epoxy
0
20
40
60
80
100
120 °C 150
T
A,TS
0
50
100
150
200
mW
300
P
tot
T
S
T
A
Permissible Pulse Load
RthJS = f(tp)
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
s
t
p
-1
10
0
10
1
10
2
10
3
10
K/W
R
thJS
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
Permissible Pulse Load
Ptotmax / PtotDC = f(tp)
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
s
t
p
0
10
1
10
2
10
3
10
-
P
totmax/PtotDC
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5


Similar Part No. - BCR183

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR183 INFINEON-BCR183 Datasheet
489Kb / 10P
   PNP Silicon Digital Transistor
Nov-17-2003
BCR183 INFINEON-BCR183 Datasheet
497Kb / 10P
   PNP Silicon Digital Transistor
May-18-2004
BCR183 INFINEON-BCR183 Datasheet
240Kb / 14P
   PNP Silicon Digital Transistor
2007-07-31
BCR183 INFINEON-BCR183 Datasheet
897Kb / 12P
   PNP Silicon Digital Transistor
2011-08-30
BCR183F INFINEON-BCR183F Datasheet
489Kb / 10P
   PNP Silicon Digital Transistor
Nov-17-2003
More results

Similar Description - BCR183

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCR158W SIEMENS-BCR158W Datasheet
34Kb / 4P
   PNP Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
BCR183W SIEMENS-BCR183W Datasheet
34Kb / 4P
   PNP Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
BCR191W SIEMENS-BCR191W Datasheet
34Kb / 4P
   PNP Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
BCR192W SIEMENS-BCR192W Datasheet
34Kb / 4P
   PNP Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
BCR562 SIEMENS-BCR562 Datasheet
34Kb / 4P
   PNP Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
BCR583 SIEMENS-BCR583 Datasheet
35Kb / 4P
   PNP Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
BCR166W SIEMENS-BCR166W Datasheet
34Kb / 4P
   PNP Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
BCR169 SIEMENS-BCR169 Datasheet
34Kb / 4P
   PNP Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
BCR198W SIEMENS-BCR198W Datasheet
34Kb / 4P
   PNP Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
BCR185 SIEMENS-BCR185 Datasheet
35Kb / 4P
   PNP Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com