Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10A8 Datasheet(PDF) 1 Page - Naina Semiconductor ltd.

Part # 10A8
Description  Silicon Rectifier, 10.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

10A8 Datasheet(HTML) 1 Page - Naina Semiconductor ltd.

  10A8 Datasheet HTML 1Page - Naina Semiconductor ltd. 10A8 Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Naina Semiconductor
1
D-95, Sector 63, Noida
sales@nainasemi.com
Silicon Rectifier,
Features
Diffused junction
Low cost
Low reverse leakage current
High current capability & low forward voltage drop
Plastic material carrying UL recognition 94V
Polarity: Color Band denotes Cathode
Lead free finish
Thermal and Mechanical Specifications
(TA
specified)
Parameters
Symbol
Maximum operating junction
temperature range
Maximum storage temperature
range
T
Typical thermal resistance junction
to ambient
R
Approximate weight
Electrical Characteristics
(TA = 25
0C unless otherwise specified
Parameter
Symbol
Maximum repetitive peak reverse
voltage
V
Maximum RMS voltage
V
Maximum DC blocking voltage
Maximum average forward output
current @ TA = 50
0C
Peak forward surge current (8.3ms)
single half sine-wave superimposed
on rated load
Maximum DC forward voltage drop
per element @ 10 A
Typical junction capacitance
Maximum DC reverse
current at rated DC
blocking voltage
TA = 25
0C
TA = 100
0C
emiconductor Ltd.
10A05
Sector 63, Noida – 201301, India
Tel: 0120-4205450
Fax: 0120
sales@nainasemi.com
www.nainasemi.com
Silicon Rectifier, 10.0A
High current capability & low forward voltage drop
Plastic material carrying UL recognition 94V-0
JEDEC R
A = 25
0C unless otherwise
Symbol
Values
Units
TJ
- 55 to +
125
0C
TStg
- 55 to +
150
0C
RθJA
10
0C/W
W
2.1
g
C unless otherwise specified)
Symbol
10A05
10A1
10A2
10A4
10A6
10A8
VRRM
50
100
200
400
600
VRMS
35
70
140
280
420
VDC
50
100
200
400
600
IF(AV)
10
IFSM
600
VF
1.0
CJ
150
IR
10
100
A05 - 10A10
4205450
Fax: 0120-4273653
JEDEC R-6
10A8
10A10
Units
800
1000
V
560
700
V
800
1000
V
A
A
V
pF
µA


Similar Part No. - 10A8

ManufacturerPart #DatasheetDescription
logo
Nantong Hornby Electron...
10A8 HORNBY-10A8 Datasheet
233Kb / 3P
   GENERAL PURPOSE PLASTIC SILICON RECTIFIER
logo
Bytes
10A8 BYTES-10A8 Datasheet
190Kb / 2P
   10.0 AMP SILICON RECTIFIERS
logo
Microdiode Electronics ...
10A8 CHENDA-10A8 Datasheet
82Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
Formosa MS
10A8 FORMOSA-10A8 Datasheet
177Kb / 6P
   Axial Leaded General Purpose Rectifiers
logo
First Silicon Co., Ltd
10A8 FS-10A8 Datasheet
125Kb / 2P
   General Purpose Rectifier
More results

Similar Description - 10A8

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TB1005M TAITRON-TB1005M Datasheet
168Kb / 4P
   10.0A Single-Phase Silicon Bridge Rectifier
logo
Shanghai Shunye Electro...
GBU10005 SY-GBU10005 Datasheet
132Kb / 2P
   SILICON BRIDGE RECTIFIERS 10.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Formosa MS
SL1045 FORMOSA-SL1045_13 Datasheet
830Kb / 3P
   10.0A SUPER BARRIER RECTIFIER
logo
Nanjing International G...
SL1045L DGNJDZ-SL1045L Datasheet
141Kb / 3P
   10.0A SUPER BARRIER RECTIFIER
logo
Shanghai Leiditech Elec...
SB1045L LEIDITECH-SB1045L Datasheet
1Mb / 2P
   10.0A Schottky BARRIER RECTIFIER
logo
Zibo Seno Electronic En...
SB2045L ZSELEC-SB2045L Datasheet
277Kb / 3P
   10.0A SUPER BARRIER RECTIFIER
logo
Formosa MS
SB1045L FORMOSA-SB1045L Datasheet
555Kb / 2P
   10.0A SUPER BARRIER RECTIFIER
logo
Shenzhen Yixinwei Techn...
10U45 YIXIN-10U45 Datasheet
260Kb / 2P
   10.0A SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Electronics ...
SB1045L CHENDA-SB1045L Datasheet
1Mb / 2P
   10.0A SCHOTTKY BARRIER RECTIFIER
logo
Zibo Seno Electronic En...
SDB1045L ZSELEC-SDB1045L Datasheet
199Kb / 2P
   10.0A SUPER BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com