Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1793 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1793
Description  Low-Dropout, Low IQ, 1A Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1793 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1793_12 Datasheet HTML 3Page - Maxim Integrated Products MAX1793_12 Datasheet HTML 4Page - Maxim Integrated Products MAX1793_12 Datasheet HTML 5Page - Maxim Integrated Products MAX1793_12 Datasheet HTML 6Page - Maxim Integrated Products MAX1793_12 Datasheet HTML 7Page - Maxim Integrated Products MAX1793_12 Datasheet HTML 8Page - Maxim Integrated Products MAX1793_12 Datasheet HTML 9Page - Maxim Integrated Products MAX1793_12 Datasheet HTML 10Page - Maxim Integrated Products MAX1793_12 Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Detailed Description
The MAX1793 features Dual Mode™ operation, allow-
ing a fixed output or an adjustable output from +1.25V
to +5V. The regulators are guaranteed to supply 1A of
output current.
As Figure 1 shows, the device consists of a +1.25V ref-
erence, error amplifier, MOSFET driver, p-channel pass
transistor, internal feedback voltage-divider, Dual Mode
comparator, and 4ms reset output.
The +1.25V reference is connected to the inverting
input of the error amplifier. The error amplifier com-
pares this reference with the selected feedback voltage
and amplifies the difference. The MOSFET driver reads
the error signal and applies the appropriate drive to the
p-channel transistor. If the feedback voltage is lower
than the reference, the pass transistor’s gate is pulled
lower, allowing more current to pass and increase the
output voltage. If the feedback voltage is high, the pass
transistor’s gate is pulled up, allowing less current to
pass to the output. The low VOUT comparator senses
when the feedback voltage has dropped 6% below its
expected level, causing RST to go low.
The output voltage is fed back through either an inter-
nal resistor-divider connected to OUT or an external
resistor network connected to SET. The Dual Mode
comparator examines VSET and selects the feedback
path. If VSET is below 50mV, the internal feedback path
is used and the output is regulated to the factory-preset
voltage.
Low-Dropout, Low IQ, 1A Linear Regulator
_______________________________________________________________________________________
7
Dual Mode is a trademark of Maxim Integrated Products, Inc.
1175mV
IN
OUT
100mV
NMOS
4ms
4ms DELAY TIMER
R1
R2
PMOS
OUT
SET
GND
SHDN
IN
RST
SHUTDOWN
LOGIC
1.25V
REFERENCE
MOSFET DRIVER
WITH FOLDBACK
CURRENT LIMIT
ERROR AMP
SHUTDOWN
THERMAL
SENSOR
94% VOUT
DETECTOR
DUAL MODE
COMPARATOR
MAX1793
Figure 1. Functional Diagram


Similar Part No. - MAX1793_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1793EUE-15 MAXIM-MAX1793EUE-15 Datasheet
448Kb / 10P
   Low-Dropout, Low IQ, 1A Linear Regulator
19-1654; Rev 1; 11/00
MAX1793EUE-15 MAXIM-MAX1793EUE-15 Datasheet
236Kb / 11P
   Low-Dropout, Low IQ, 1A Linear Regulator
Rev 2; 9/09
MAX1793EUE-18 MAXIM-MAX1793EUE-18 Datasheet
448Kb / 10P
   Low-Dropout, Low IQ, 1A Linear Regulator
19-1654; Rev 1; 11/00
MAX1793EUE-18 MAXIM-MAX1793EUE-18 Datasheet
236Kb / 11P
   Low-Dropout, Low IQ, 1A Linear Regulator
Rev 2; 9/09
MAX1793EUE-20 MAXIM-MAX1793EUE-20 Datasheet
448Kb / 10P
   Low-Dropout, Low IQ, 1A Linear Regulator
19-1654; Rev 1; 11/00
More results

Similar Description - MAX1793_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1793 MAXIM-MAX1793_09 Datasheet
236Kb / 11P
   Low-Dropout, Low IQ, 1A Linear Regulator
Rev 2; 9/09
MAX1793 MAXIM-MAX1793 Datasheet
448Kb / 10P
   Low-Dropout, Low IQ, 1A Linear Regulator
19-1654; Rev 1; 11/00
MAX1793EUE25 MAXIM-MAX1793EUE25 Datasheet
412Kb / 11P
   Low-Dropout, Low IQ, 1A Linear Regulator
Rev 3; 1/12
logo
ON Semiconductor
NCV4264-2 ONSEMI-NCV4264-2_17 Datasheet
91Kb / 11P
   Low IQ Low Dropout Linear Regulator
July, 2017 ??Rev. 9
NCV4264-2C ONSEMI-NCV4264-2C Datasheet
75Kb / 10P
   Low IQ Low Dropout Linear Regulator
April, 2014 ??Rev. 0
NCV4264-2C ONSEMI-NCV4264-2C_15 Datasheet
78Kb / 10P
   Low IQ Low Dropout Linear Regulator
October, 2015 ??Rev. 1
NCV4264-2 ONSEMI-NCV4264-2 Datasheet
102Kb / 11P
   Low IQ Low Dropout Linear Regulator
March, 2008 - Rev. 4
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
   1A Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com