Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5477 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5477
Description  Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5477 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5477_11 Datasheet HTML 1Page - Maxim Integrated Products MAX5477_11 Datasheet HTML 2Page - Maxim Integrated Products MAX5477_11 Datasheet HTML 3Page - Maxim Integrated Products MAX5477_11 Datasheet HTML 4Page - Maxim Integrated Products MAX5477_11 Datasheet HTML 5Page - Maxim Integrated Products MAX5477_11 Datasheet HTML 6Page - Maxim Integrated Products MAX5477_11 Datasheet HTML 7Page - Maxim Integrated Products MAX5477_11 Datasheet HTML 8Page - Maxim Integrated Products MAX5477_11 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Dual, 256-Tap, Nonvolatile, I2C-Interface,
Digital Potentiometers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +2.7V to +5.25V, H_ = VDD, L_ = GND, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VDD = +5V,
TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Dual Code Matching
R0 and R1 set to same code
(all codes), VDD = 3V or 5V
±3
LSB
DC PERFORMANCE (RESISTOR CHARACTERISTICS)
Wiper Resistance
RW
(Note 5)
325
675
Wiper Capacitance
CW
10
pF
MAX5477
7.5
10
12.5
MAX5478
37.5
50
62.5
End-to-End Resistance
RHL
MAX5479
75
100
125
k
DIGITAL INPUTS
VDD = 3.4V to 5.25V
2.4
Input High Voltage (Note 6)
VIH
VDD < 3.4V
0.7 x VDD
V
Input Low Voltage
VIL
(Note 6)
0.8
V
Output Low Voltage
VOL
ISINK = 3mA
0.4
V
WP Pullup Resistance
IWP
255
k
Input Leakage Current
ILEAK
±1
µA
Input Capacitance
5
pF
DYNAMIC CHARACTERISTICS
Crosstalk
HA = 1kHz (0 to VDD), LA = GND,
LB = GND, measure WB
-75
dB
MAX5477
400
MAX5478
100
3dB Bandwidth (Note 7)
MAX5479
50
kHz
Total Harmonic Distortion Plus
Noise
THD+N
H_ = 1VRMS, f = 1kHz, L_ = GND,
measure W_
0.003
%
NONVOLATILE MEMORY RELIABILITY
Data Retention
TA = +85°C
50
Years
TA = +25°C
200,000
Endurance
TA = +85°C
50,000
Stores
POWER SUPPLY
Power-Supply Voltage
VDD
2.70
5.25
V
Writing to EEPROM, digital inputs at
GND or VDD, TA = +25°C (Note 8)
250
400
WP = GND
15
20.6
Supply Current
IDD
Normal operation,
digital inputs at GND or
VDD, TA = +25°C
WP = VDD
0.5
1
µA


Similar Part No. - MAX5477_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5477-MAX5479 MAXIM-MAX5477-MAX5479 Datasheet
383Kb / 15P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 2; 12/04
MAX5477ETE MAXIM-MAX5477ETE Datasheet
383Kb / 15P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 2; 12/04
MAX5477ETE MAXIM-MAX5477ETE Datasheet
716Kb / 17P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 1/06
MAX5477EUD MAXIM-MAX5477EUD Datasheet
383Kb / 15P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 2; 12/04
MAX5477EUD MAXIM-MAX5477EUD Datasheet
716Kb / 17P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 1/06
More results

Similar Description - MAX5477_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5477 MAXIM-MAX5477_06 Datasheet
716Kb / 17P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 1/06
MAX5477-MAX5479 MAXIM-MAX5477-MAX5479 Datasheet
383Kb / 15P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 2; 12/04
MAX5417LETA-T MAXIM-MAX5417LETA-T Datasheet
296Kb / 14P
   256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 4/10
MAX5417 MAXIM-MAX5417 Datasheet
796Kb / 15P
   256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 2; 8/04
MAX5417 MAXIM-MAX5417_09 Datasheet
289Kb / 14P
   256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 3; 3/09
MAX5422 MAXIM-MAX5422 Datasheet
611Kb / 11P
   256-Tap, Nonvolatile, SPI-Interface, Digital Potentiometers
Rev 0; 7/04
MAX5487 MAXIM-MAX5487 Datasheet
420Kb / 14P
   Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 1; 1/05
MAX5487 MAXIM-MAX5487_10 Datasheet
417Kb / 13P
   Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 4; 4/10
MAX5432 MAXIM-MAX5432_07 Datasheet
320Kb / 19P
   32-Tap, Nonvolatile, I2C, Linear, Digital Potentiometers
Rev 3; 11/07
logo
Analog Devices
AD5251 AD-AD5251 Datasheet
566Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com