Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6791 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6791
Description  High-Voltage, Micropower, Single/Dual Linear Regulators with Supervisory Functions
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6791 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6791 Datasheet HTML 1Page - Maxim Integrated Products MAX6791 Datasheet HTML 2Page - Maxim Integrated Products MAX6791 Datasheet HTML 3Page - Maxim Integrated Products MAX6791 Datasheet HTML 4Page - Maxim Integrated Products MAX6791 Datasheet HTML 5Page - Maxim Integrated Products MAX6791 Datasheet HTML 6Page - Maxim Integrated Products MAX6791 Datasheet HTML 7Page - Maxim Integrated Products MAX6791 Datasheet HTML 8Page - Maxim Integrated Products MAX6791 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
High-Voltage, Micropower, Single/Dual Linear
Regulators with Supervisory Functions
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 14V, CIN = 1µF, COUT = 10µF, TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at TA = TJ = +25°C.)
(Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX6795/MAX6796, output shorted,
VIN = 6V
400
480
Short-Circuit Output Current Limit
(Note 4)
MAX6791–MAX6794, output shorted,
VIN = 6V
200
240
mA
Thermal-Shutdown Temperature
+165
°C
Thermal-Shutdown Hysteresis
20
°C
8V
VIN
72V, ILOAD = 1mA
1
Line Regulation
8V
VIN
72V, ILOAD = 10mA
1
% of
VOUT
IOUT = 1mA to 300mA
(MAX6795/MAX6796)
2
Load Regulation (Note 5)
IOUT = 1mA to 150mA
(MAX6791–MAX6794)
1.5
%
Power-Supply Rejection Ratio
PSRR
ILOAD = 10mA, f = 100Hz, VIN = 500mVP-P
69
dB
ILOAD = 300mA, VOUT = 5V,
VOUT = 90% of its nominal value
180
Startup Response Time
tSTART
ILOAD = 150mA, VOUT = 5V,
VOUT1/OUT2 = 90% of its nominal value
360
µs
Output Overvoltage Protection
Threshold
OVTH
ISINK = 1mA from OUT/OUT1/OUT2
1.05 x
VOUT
1.1 x
VOUT
V
Output Overvoltage Protection
Sink Current
VOUT = VOUT (nominal) x 1.15
5
10
mA
IN to GATEP Clamp Voltage
IGATEP = -100µA, VIN = 20V
13.8
16.3
18.8
V
IN to GATEP Drive Voltage
IGATEP = 0A, VIN = 20V
8
10
12
V
ENABLE/ENABLE1/ENABLE2/
HOLD Input-Voltage Low
VIL
0.4
V
ENABLE/ENABLE1/ENABLE2/
HOLD Input-Voltage High
VIH
1.4
V
ENABLE/ENABLE1/ENABLE2
Input Pulldown Current
Enable is internally pulled down to GND
0.5
µA
HOLD Input Pullup Current
HOLD is internally pulled to OUT/OUT1
2
µA


Similar Part No. - MAX6791

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6791 MAXIM-MAX6791 Datasheet
526Kb / 25P
   High-Voltage, Micropower, Single/Dual Linear Regulators with Supervisory Functions
Rev 0; 11/05
MAX6791 MAXIM-MAX6791 Datasheet
131Kb / 6P
   MAX6791 Evaluation Kit
Rev 0; 3/06
MAX6791EVKIT MAXIM-MAX6791EVKIT Datasheet
131Kb / 6P
   MAX6791 Evaluation Kit
Rev 0; 3/06
MAX6791TP MAXIM-MAX6791TP Datasheet
526Kb / 25P
   High-Voltage, Micropower, Single/Dual Linear Regulators with Supervisory Functions
Rev 0; 11/05
MAX6791TP MAXIM-MAX6791TP Datasheet
3Mb / 25P
   High-Voltage, Micropower, Single/Dual Linear Regulators with Supervisory Functions
Rev 1; 8/06
More results

Similar Description - MAX6791

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6791 MAXIM-MAX6791_06 Datasheet
3Mb / 25P
   High-Voltage, Micropower, Single/Dual Linear Regulators with Supervisory Functions
Rev 1; 8/06
MAX6791 MAXIM-MAX6791 Datasheet
526Kb / 25P
   High-Voltage, Micropower, Single/Dual Linear Regulators with Supervisory Functions
Rev 0; 11/05
MAX6765 MAXIM-MAX6765_10 Datasheet
419Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 4; 6/10
MAX6765_0709 MAXIM-MAX6765_0709 Datasheet
295Kb / 23P
   Automotive Micropower Linear Regulators with Supervisor
Rev 3; 9/07
MAX6765 MAXIM-MAX6765_11 Datasheet
214Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 5; 10/11
MAX6765 MAXIM-MAX6765_07 Datasheet
295Kb / 23P
   Automotive Micropower Linear Regulators with Supervisor
Rev 2; 7/07
MAX6765 MAXIM-MAX6765 Datasheet
686Kb / 23P
   Automotive Micropower Linear Regulators with Supervisor
Rev 0; 10/06
MAX6765 MAXIM-MAX6765_12 Datasheet
214Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 6; 3/12
MAX6765 MAXIM-MAX6765_13 Datasheet
340Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 8; 4/13
logo
National Semiconductor ...
LP2956A NSC-LP2956A Datasheet
654Kb / 20P
   Dual Micropower Low-Dropout Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com