Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9647 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9647
Description  General-Purpose, Low-Voltage, Tiny Pack Comparators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9647 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX9647 Datasheet HTML 2Page - Maxim Integrated Products MAX9647 Datasheet HTML 3Page - Maxim Integrated Products MAX9647 Datasheet HTML 4Page - Maxim Integrated Products MAX9647 Datasheet HTML 5Page - Maxim Integrated Products MAX9647 Datasheet HTML 6Page - Maxim Integrated Products MAX9647 Datasheet HTML 7Page - Maxim Integrated Products MAX9647 Datasheet HTML 8Page - Maxim Integrated Products MAX9647 Datasheet HTML 9Page - Maxim Integrated Products MAX9647 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
����������������������������������������������������������������� Maxim Integrated Products 6
MAX9647/MAX9648
General-Purpose, Low-Voltage,
Tiny Pack Comparators
Typical Operating Characteristics (continued)
(VDD = 5V, VSS = 0V, VCM = 0V, RL = 5.1kI, CL = 10pF, overdrive = 100mV, TA = +25NC, unless otherwise noted.)
CAPACITIVE LOAD (pF)
80
60
40
20
100
200
300
400
500
600
0
0
100
PROPAGATION DELAY vs. CAPACITIVE LOAD
(VOVERDRIVE = 100mV)
tPLH
tPHL
PROPAGATION DELAY
vs. INPUT OVERDRIVE (tPLH)
INPUT OVERDRIVE VOLTAGE (mV)
100
50
60
70
80
90
100
110
120
130
140
40
10
1000
TA = +125°C
TA = +85°C
TA = +25°C
TA = +40°C
INPUT HYSTERESIS VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
100
75
50
25
0
-25
0.5
1.0
1.5
2.0
2.5
3.0
0
-50
125
VDD = 2.7V
VDD = 5V
VDD = 1.8V
PROPAGATION DELAY vs. TEMPERATURE
(VOVERDRIVE = 100mV)
TEMPERATURE (°C)
100
75
50
25
0
-25
20
40
60
80
100
120
0
-50
125
tPLH
tPHL
PROPAGATION DELAY
vs. INPUT OVERDRIVE (tPHL)
INPUT OVERDRIVE VOLTAGE (mV)
100
35
40
45
50
55
60
65
70
75
80
30
10
1000
TA = +25°C
TA = -40°C
TA = +85°C
TA = +125°C
PROPAGATION DELAY
100mV OVERDRIVE
MAX9647 toc12
VIN
VOUT
100ns/div


Similar Part No. - MAX9647

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9647 MAXIM-MAX9647 Datasheet
2Mb / 11P
   General-Purpose, Low-Voltage, Tiny Pack Comparators
Rev 0; 10/11
MAX9647AUK+T MAXIM-MAX9647AUK+T Datasheet
2Mb / 11P
   General-Purpose, Low-Voltage, Tiny Pack Comparators
Rev 0; 10/11
MAX9647AXK+T MAXIM-MAX9647AXK+T Datasheet
2Mb / 11P
   General-Purpose, Low-Voltage, Tiny Pack Comparators
Rev 0; 10/11
MAX9647EVKIT MAXIM-MAX9647EVKIT Datasheet
749Kb / 8P
   Accommodates Multiple Configurations for the Comparator
Rev 0; 5/13
More results

Similar Description - MAX9647

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV331-N TI1-LMV331-N_15 Datasheet
1Mb / 38P
[Old version datasheet]   General-Purpose, Low-Voltage, Tiny Pack Comparators
logo
National Semiconductor ...
LMV331 NSC-LMV331_07 Datasheet
504Kb / 20P
   General Purpose, Low Voltage, Tiny Pack Comparators
logo
Maxim Integrated Produc...
MAX9647 MAXIM-MAX9647 Datasheet
2Mb / 11P
   General-Purpose, Low-Voltage, Tiny Pack Comparators
Rev 0; 10/11
logo
Texas Instruments
LMV331 TI1-LMV331 Datasheet
483Kb / 22P
[Old version datasheet]   Quad General Purpose, Low Voltage, Tiny Pack Comparators
logo
Maxim Integrated Produc...
MAX9092 MAXIM-MAX9092 Datasheet
1Mb / 11P
   General-Purpose, Low-Voltage, Dual/Quad, Tiny Pack Comparators
Rev 0; 7/12
LMX331 MAXIM-LMX331 Datasheet
387Kb / 12P
   General-Purpose, Low-Voltage, Single/Dual/Quad, Tiny-Pack Comparators
Rev 2; 1/02
LMX331 MAXIM-LMX331_11 Datasheet
190Kb / 9P
   General-Purpose, Low-Voltage, Single/Dual/Quad, Tiny-Pack Comparators
Rev 4; 5/11
logo
Unisonic Technologies
LMV331 UTC-LMV331 Datasheet
178Kb / 6P
   SINGLE GENERAL PURPOSE, LOW VOLTAGE, SMALL PACK COMPARATORS
LMV331 UTC-LMV331_15 Datasheet
149Kb / 6P
   SINGLE GENERAL PURPOSE, LOW VOLTAGE, SMALL PACK COMPARATORS
logo
Texas Instruments
LMV393M TI-LMV393M Datasheet
1Mb / 32P
[Old version datasheet]   LMV331-N Single / LMV393-N Dual / LMV339-N Quad General Purpose, Low Voltage, Tiny Pack Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com