Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14578EEWC Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX14578EEWC
Description  USB Battery Charger Detectors
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14578EEWC Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX14578EEWC Datasheet HTML 3Page - Maxim Integrated Products MAX14578EEWC Datasheet HTML 4Page - Maxim Integrated Products MAX14578EEWC Datasheet HTML 5Page - Maxim Integrated Products MAX14578EEWC Datasheet HTML 6Page - Maxim Integrated Products MAX14578EEWC Datasheet HTML 7Page - Maxim Integrated Products MAX14578EEWC Datasheet HTML 8Page - Maxim Integrated Products MAX14578EEWC Datasheet HTML 9Page - Maxim Integrated Products MAX14578EEWC Datasheet HTML 10Page - Maxim Integrated Products MAX14578EEWC Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
_______________________________________________________________________________________ 7
USB Battery Charger Detectors
Typical Operating Characteristics (continued)
(VBAT = +4.2V, VB = +5.0V, CBAT = 1FF, CVB = 1FF, unless otherwise noted.)
CE_ vs. VBUS CONNECTION (MAX14578AE)
USB CHARGING DOWNSTREAM PORT
(VTD+ = 3V)
MAX14578E toc16
100ms/div
VB
5V/div
VCD+
2V/div
VCE2
5V/div
VCE1
5V/div
CE_ vs. VBUS CONNECTION (MAX14578E)
APPLE 1A CHARGER, USB COMPLIANT
(USB_CPL = 1, USBSWC = 0, VTD+ = 3V)
MAX14578E toc15
20ms/div
VB
5V/div
VCD+
2V/div
VCE2
5V/div
VCE1
5V/div
CE_ vs. VBUS CONNECTION (MAX14578E)
USB CHARGING DOWNSTREAM PORT, USB COMPLIANT
(USB_CPL = 1, USBSWC = 0, VTD+ = 3V)
MAX14578E toc14
40ms/div
VB
5V/div
VCD+
0.5V/div
VCE2
5V/div
VCE1
5V/div
LOGIC-INPUT THRESHOLD
vs. SUPPLY VOLTAGE
BAT SUPPLY VOLTAGE (V)
5.2
4.9
4.6
4.3
4.0
3.7
3.4
3.1
0.5
1.0
1.5
2.0
0
2.8
5.5
VIH
VIL
CD+/CD- LEAKAGE CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
10
20
30
40
50
0
-40
85
OFF-LEAKAGE
ON-LEAKAGE
CD+/CD- FREQUENCY RESPONSE
FREQUENCY (MHz)
100
1
-60
-40
-20
0
-80
0.01
10,000
ON-LOSS
OFF-ISOLATION
CD+/CD- ON-RESISTANCE
vs. VCD_ VOLTAGE
VCD_ VOLTAGE (V)
2.5
2.0
1.5
1.0
0.5
1
2
3
4
5
0
0
3.0
TA = +85°C
TA = +25°C
TA = -40°C
ICD_ = 10mA


Similar Part No. - MAX14578EEWC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14578EEWC MAXIM-MAX14578EEWC Datasheet
2Mb / 23P
   USB Battery Charger Detectors
Rev 2; 9/12
MAX14578EEWC+T MAXIM-MAX14578EEWC+T Datasheet
1Mb / 23P
   USB Battery Charger Detectors
2014
MAX14578EEWCT MAXIM-MAX14578EEWCT Datasheet
2Mb / 23P
   USB Battery Charger Detectors
Rev 2; 9/12
More results

Similar Description - MAX14578EEWC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14578E MAXIM-MAX14578E_12 Datasheet
2Mb / 23P
   USB Battery Charger Detectors
Rev 2; 9/12
MAX14578E MAXIM-MAX14578E_V01 Datasheet
1Mb / 23P
   USB Battery Charger Detectors
2014
MAX14576 MAXIM-MAX14576 Datasheet
988Kb / 12P
   USB Charger Detectors
Rev 5; 5/19
logo
Shanghai Consonance Ele...
CN3062 CONSONANCE-CN3062 Datasheet
269Kb / 12P
   USB-Compatible Lithium Battery Charger
logo
Microsemi Corporation
LX2201 MICROSEMI-LX2201 Datasheet
172Kb / 11P
   USB Li-Ion Battery Charger
logo
Shanghai Consonance Ele...
CN3052A CONSONANCE-CN3052A Datasheet
203Kb / 11P
   USB-Compatible Lithium Ion Battery Charger
logo
Texas Instruments
BQ24230 TI1-BQ24230_15 Datasheet
2Mb / 47P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger
BQ24232HA TI1-BQ24232HA Datasheet
1Mb / 36P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger
logo
Advanced Analogic Techn...
AAT3688 ANALOGICTECH-AAT3688_08 Datasheet
384Kb / 21P
   USB Port Lithium-Ion/Polymer Battery Charger
logo
Summit Microelectronics...
SMB135 SUMMIT-SMB135 Datasheet
174Kb / 1P
   Programmable, USB/AC, Switch-Mode Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com