Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16922 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX16922
Description  2.2MHz, Dual, Step-Down DC-DC Converters, Dual LDOs, and RESET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16922 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX16922 Datasheet HTML 4Page - Maxim Integrated Products MAX16922 Datasheet HTML 5Page - Maxim Integrated Products MAX16922 Datasheet HTML 6Page - Maxim Integrated Products MAX16922 Datasheet HTML 7Page - Maxim Integrated Products MAX16922 Datasheet HTML 8Page - Maxim Integrated Products MAX16922 Datasheet HTML 9Page - Maxim Integrated Products MAX16922 Datasheet HTML 10Page - Maxim Integrated Products MAX16922 Datasheet HTML 11Page - Maxim Integrated Products MAX16922 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
2.2MHz, Dual, Step-Down DC-DC
Converters, Dual LDOs, and RESET
8
_______________________________________________________________________________________
Functional Diagram
EN
PWM
EN
RESET
GND1
OUT3
PV4
OUT4
EN
PV3
EP
EN
PGND2
LX2
LX1
PV2
PV1
OUTS2
OUTS1
BST
LSUP
PWM
GND2
STEP-DOWN
PWM
OUT2
1.0V TO 3.9V
600mA
STEP-DOWN
PWM
OUT1
3.0V TO 5.5V
1.2A
LINEAR
REGULATOR
POR
GENERATION
LDO REG 1: 300mA
1.0V TO 4.15V
1.0V TO 4.15V
MODE
SELECT
10
μF
2.2
μH
4.7
μH
4.7
μF
4.7
μF
1
μF
VOUT2
10
μF
VOUT1
VPV1
VOUT1
20k
Ω
100k
Ω
4.7
μF
4.7
μF
4.7
μF
4.7
μF
EN
LDO REG 2: 300mA
VOUT1
VOUT2
VOUT4
MAX16922


Similar Part No. - MAX16922

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16922 MAXIM-MAX16922 Datasheet
1Mb / 16P
   2.2MHz, Dual, Step-Down DC-DC Converters, Dual LDOs, and RESET
Rev 0; 10/09
MAX16922 MAXIM-MAX16922 Datasheet
994Kb / 17P
   2.2MHz, Dual, Step-Down DC-DC Converters, Dual LDOs, and RESET
19-5039; Rev 1; 5/10
MAX16922 MAXIM-MAX16922 Datasheet
1Mb / 17P
   2.2MHz, Dual, Step-Down DC-DC Converters, Dual LDOs, and RESET
Rev 4; 4/11
MAX16922 MAXIM-MAX16922 Datasheet
986Kb / 18P
   2.2MHz, Dual, Step-Down DC-DC Converters, Dual LDOs, and RESET
2016
MAX16922ATP MAXIM-MAX16922ATP Datasheet
1Mb / 16P
   2.2MHz, Dual, Step-Down DC-DC Converters, Dual LDOs, and RESET
Rev 0; 10/09
More results

Similar Description - MAX16922

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16922 MAXIM-MAX16922_10 Datasheet
994Kb / 17P
   2.2MHz, Dual, Step-Down DC-DC Converters, Dual LDOs, and RESET
19-5039; Rev 1; 5/10
MAX16922 MAXIM-MAX16922_V01 Datasheet
986Kb / 18P
   2.2MHz, Dual, Step-Down DC-DC Converters, Dual LDOs, and RESET
2016
MAX16922 MAXIM-MAX16922 Datasheet
1Mb / 16P
   2.2MHz, Dual, Step-Down DC-DC Converters, Dual LDOs, and RESET
Rev 0; 10/09
MAX16922 MAXIM-MAX16922_11 Datasheet
1Mb / 17P
   2.2MHz, Dual, Step-Down DC-DC Converters, Dual LDOs, and RESET
Rev 4; 4/11
MAX8667 MAXIM-MAX8667 Datasheet
394Kb / 18P
   1.5MHz Dual Step-Down DC-DC Converters with Dual LDOs and Individual Enables
Rev 1; 7/07
MAX20014 MAXIM-MAX20014 Datasheet
608Kb / 14P
   2.2MHz Sync Boost and Dual Step-Down Converters
Rev 3; 3/19
MAX16963 MAXIM-MAX16963_V01 Datasheet
540Kb / 13P
   Dual 2.2MHz, Low-Voltage Step-Down DC-DC Converter
2015
logo
Intersil Corporation
ISL9305 INTERSIL-ISL9305_11 Datasheet
777Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
ISL9305 INTERSIL-ISL9305 Datasheet
784Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
logo
Linear Technology
LTC3527 LINER-LTC3527 Datasheet
2Mb / 20P
   Dual 800mA/400mA, 1.2MHz/2.2MHz Synchronous Step-Up DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com