Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17599ATE+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX17599ATE+
Description  Low IQ, Wide-Input Range, Active Clamp Current-Mode PWM Controllers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17599ATE+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX17599ATE+ Datasheet HTML 7Page - Maxim Integrated Products MAX17599ATE+ Datasheet HTML 8Page - Maxim Integrated Products MAX17599ATE+ Datasheet HTML 9Page - Maxim Integrated Products MAX17599ATE+ Datasheet HTML 10Page - Maxim Integrated Products MAX17599ATE+ Datasheet HTML 11Page - Maxim Integrated Products MAX17599ATE+ Datasheet HTML 12Page - Maxim Integrated Products MAX17599ATE+ Datasheet HTML 13Page - Maxim Integrated Products MAX17599ATE+ Datasheet HTML 14Page - Maxim Integrated Products MAX17599ATE+ Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
���������������������������������������������������������������� Maxim Integrated Products 11
MAX17598/MAX17599
Low IQ, Wide-Input Range, Active Clamp
Current-Mode PWM Controllers
Pin Description
Pin Configuration
PIN
NAME
FUNCTION
1
DT
Dead-Time Programming Resistor Connection. Connect resistor from DT to GND to set the desired
dead time between the NDRV and AUXDRV signals. See the Dead Time section to calculate the
resistor value for a particular dead time.
2
SLOPE
Slope Compensation Programming Input. A resistor RSLOPE connected from SLOPE to SGND
programs the amount of internal slope compensation. Shorting this pin to SGND sets a typical slope
compensation of 50mV/Fs.
3
RT
Switching Frequency Programming Resistor Connection. Connect resistor from RT to SGND to set the
PWM switching frequency.
4
DITHER/SYNC
Frequency Dithering Programming or Synchronization Connection. For spread-spectrum frequency
operation, connect a capacitor from DITHER to SGND and a resistor from DITHER to RT. To
synchronize the internal oscillator to the externally applied frequency, connect DITHER/SYNC to the
synchronization pulse.
5
COMP
Transconductance Amplifier Output. Connect the frequency compensation network between COMP
and SGND.
6
FB
Transconductance Error Amplifier Inverting Input
7
SS
Soft-Start/Soft-Stop Capacitor Pin for Forward/Flyback Regulator. Connect a capacitor from SS to
SGND to set the soft-start/soft-stop time interval.
8
SGND
Signal Ground. Connect SGND to the signal ground plane.
9
CS
Current-Sense Input. Current-sense connection for average current-sense and cycle-by-cycle
current limit. Peak current limit trip voltage is 300mV.
10
PGND
Power Ground. Connect PGND to the power ground plane.
15
16
14
13
5
6
7
8
13
VIN
4
12
10
9
EN/UVLO
OVI
SGND
SS
FB
COMP
2
11
VDRV
EP
TQFN
MAX17598
MAX17599
TOP VIEW
+


Similar Part No. - MAX17599ATE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17599ATE++ MAXIM-MAX17599ATE+ Datasheet
1Mb / 24P
   Low IQ, Wide-Input Range, Active Clamp Current-Mode PWM Controllers
2014
More results

Similar Description - MAX17599ATE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17598 MAXIM-MAX17598_13 Datasheet
1Mb / 24P
   Low IQ, Wide-Input Range, Active Clamp Current-Mode PWM Controllers
Rev 1; 3/13
MAX17598 MAXIM-MAX17598_V01 Datasheet
1Mb / 24P
   Low IQ, Wide-Input Range, Active Clamp Current-Mode PWM Controllers
2014
logo
National Semiconductor ...
LM5026 NSC-LM5026 Datasheet
936Kb / 23P
   Active Clamp Current Mode PWM Controller
logo
Supertex, Inc
HV9608 SUTEX-HV9608 Datasheet
181Kb / 6P
   Active Clamp Current-Mode PWM Controller
logo
Texas Instruments
UCC2891DRG4 TI1-UCC2891DRG4 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
LM5026 TI1-LM5026_14 Datasheet
1Mb / 31P
[Old version datasheet]   Active Clamp Current Mode PWM Controller
UCC2891 TI-UCC2891 Datasheet
577Kb / 34P
[Old version datasheet]   CURRENT MODE ACTIVE CLAMP PWM CONTROLLER
LM5026 TI1-LM5026_15 Datasheet
1Mb / 39P
[Old version datasheet]   Active Clamp Current Mode PWM Controller
UCC2893 TI1-UCC2893_14 Datasheet
1Mb / 42P
[Old version datasheet]   CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
logo
National Semiconductor ...
LM5026 NSC-LM5026_09 Datasheet
669Kb / 22P
   Active Clamp Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com