Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX44269_1112 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX44269_1112
Description  1.3mm x 1.3mm, Low-Power Dual Comparator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX44269_1112 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX44269_1112 Datasheet HTML 1Page - Maxim Integrated Products MAX44269_1112 Datasheet HTML 2Page - Maxim Integrated Products MAX44269_1112 Datasheet HTML 3Page - Maxim Integrated Products MAX44269_1112 Datasheet HTML 4Page - Maxim Integrated Products MAX44269_1112 Datasheet HTML 5Page - Maxim Integrated Products MAX44269_1112 Datasheet HTML 6Page - Maxim Integrated Products MAX44269_1112 Datasheet HTML 7Page - Maxim Integrated Products MAX44269_1112 Datasheet HTML 8Page - Maxim Integrated Products MAX44269_1112 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
����������������������������������������������������������������� Maxim Integrated Products 2
MAX44269
1.3mm x 1.3mm, Low-Power
Dual Comparator
VCC to GND.............................................................-0.3V to +6V
INA+, INA-, INB+, INB- to GND..............................-0.3V to +6V
Continuous Input Current into Any Pin............................ Q20mA
Maximum Power Dissipation
(derate 11.9mW/NC at TA = +70NC) ............................952mW
Output Voltage to GND (OUT_) ..............................-0.3V to +6V
Output Current (OUT_).................................................... Q50mA
Output Short-Circuit Duration (OUT_) .......................Continuous
Operating Temperature Range.......................... -40NC to +85NC
Storage Temperature Range............................ -65NC to +150NC
Junction Temperature .....................................................+150NC
Lead Temperature (soldering, 10s) ................................+300NC
Soldering Temperature (reflow) ......................................+260NC
WLP
Junction-to-Ambient Thermal Resistance (
qJA) ..........84°C/W
ABSOLUTE MAXIMUM RATINGS
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional opera-
tion of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
PACKAGE THERMAL CHARACTERISTICS (Note 1)
ELECTRICAL CHARACTERISTICS
(VCC = 5V, VGND = 0V, VIN- = VIN+ = 1.2V, RPULLUP = 100kI to VCC, TA = -40NC to +85NC. Typical values are at TA = +25NC, unless
otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS
Input-Referred Hysteresis
VHYS
(VGND - 0.2V) P VCM P (VCC + 0.2V) (Note 3)
4
6
mV
Input Offset Voltage
VOS
VGND - 0.2V P VCM P
VCC + 0.2V (Note 4)
TA = +25NC
0.15
5
mV
-40NC P TA P +85NC
10
Input Bias Current
IB
TA = +25NC
0.15
nA
TA = -40NC to +85NC
0.2
Output-Voltage Swing Low
VOL
VCC = 1.8V,
ISINK = 1mA
TA = +25NC
105
200
mV
-40NC P TA P +85NC
300
VCC = 5V, ISINK = 6mA
TA = +25NC
285
350
-40NC P TA P +85NC
450
Input Voltage Range
VCM
Inferred from VOS test
VGND
- 0.2V
VCC
+ 0.2V
V
Output Short-Circuit
Current
ISC
Sinking, VOUT = VCC
VCC = 1.8V
3
mA
VCC = 5V
30
Output Leakage Current
ILEAK
VCC = 5.5V, VOUT = 5.5V
0.2
nA


Similar Part No. - MAX44269_1112

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44269EVKIT MAXIM-MAX44269EVKIT Datasheet
1Mb / 9P
   Evaluates: MAX44269
2011
MAX44269EVKIT# MAXIM-MAX44269EVKIT# Datasheet
1Mb / 9P
   Evaluates: MAX44269
2011
More results

Similar Description - MAX44269_1112

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44269 MAXIM-MAX44269 Datasheet
3Mb / 14P
   1.3mm x 1.3mm, Low-Power Dual Comparator
Rev 0; 9/11
MAX44268 MAXIM-MAX44268 Datasheet
3Mb / 15P
   1.3mm x 1.3mm, Low-Power Dual Comparator with Reference
19-6144; Rev 0; 12/11
logo
CUI INC
PP-002D CUI-PP-002D Datasheet
95Kb / 1P
   1.3mm POWER PLUG
PJ-030D-SMT CUI-PJ-030D-SMT Datasheet
87Kb / 1P
   1.3mm SURFACE MOUNT POWER JACK
logo
LUMEX INC.
SML-LXT0805SIUGUBW LUMEX-SML-LXT0805SIUGUBW Datasheet
107Kb / 2P
   2.0mm X 1.3mm PCB SURFACE MOUNT
logo
Torex Semiconductor
XCL211 TOREX-XCL211 Datasheet
626Kb / 16P
   3.1mm횞4.7mm, h=1.3mm
logo
Transko Electronics, In...
TVP5 TRANSKO-TVP5 Datasheet
433Kb / 2P
   LVPECL MINIATURE SMD VCXO (5.0 x 3.2 x 1.3mm)
Rev. 2: Jun. 2015
logo
Rohm
SML-012P8TT86 ROHM-SML-012P8TT86 Datasheet
441Kb / 11P
   Reflector type (3.0횞2.0mm, t=1.3mm)
SML-01 ROHM-SML-01_11 Datasheet
2Mb / 5P
   Reflector type (3.0 x 2.0mm, t=1.3mm
logo
Transko Electronics, In...
TSMV5 TRANSKO-TSMV5 Datasheet
390Kb / 1P
   ULTRA MINIATURE CERAMIC SMD VCXO (5.0 x 3.2 x 1.3mm)
Rev. 2: May 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com