Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX34406TETG+T Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX34406TETG+T
Description  Quad Current-Sense Amplifier with Overcurrent Threshold Comparators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX34406TETG+T Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX34406TETG+T Datasheet HTML 3Page - Maxim Integrated Products MAX34406TETG+T Datasheet HTML 4Page - Maxim Integrated Products MAX34406TETG+T Datasheet HTML 5Page - Maxim Integrated Products MAX34406TETG+T Datasheet HTML 6Page - Maxim Integrated Products MAX34406TETG+T Datasheet HTML 7Page - Maxim Integrated Products MAX34406TETG+T Datasheet HTML 8Page - Maxim Integrated Products MAX34406TETG+T Datasheet HTML 9Page - Maxim Integrated Products MAX34406TETG+T Datasheet HTML 10Page - Maxim Integrated Products MAX34406TETG+T Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
����������������������������������������������������������������� Maxim Integrated Products 8
MAX34406
Quad Current-Sense Amplifier
with Overcurrent Threshold Comparators
Detailed Description
The MAX34406 quad-channel, unidirectional, high-side,
current-sense amplifier features a 2.0V to 28V input
common-mode range. This feature allows the monitoring
of current out of a voltage supply as low as 2.0V. The
device monitors current through a current-sense resistor
and amplifies the voltage across that resistor.
Current-sense amplifier output voltages (OUT1 to OUT4)
are compared to a fixed 1.0V reference; if VOUTx
exceeds 1.0V, the corresponding overcurrent warning
output (OC1 to OC4) is asserted. If the enable input
(ENA) is logic-high, SHTDN asserts when any of the four
overcurrent outputs go logic-high. Assertion of SHTDN on
overcurrent can be delayed and/or filtered by attaching
an external capacitor to CDLY. Once SHTDN is latched
high impedance, it remains so until ENA is toggled.
The unidirectional current-sense amplifiers used in each
channel of the device have a well established history. For
each channel, an op amp is used to force the current
through an internal gain resistor at IN+, which has a value
of R1, such that its voltage drop equals the voltage drop
across an external sense resistor, RSENSE. There is an
internal resistor at IN- with the same value as R1 to mini-
mize offset voltage. The current through R1 is sourced by
a high-voltage p-channel FET. Its source current is the
same as its drain current, which flows through a second
gain resistor, ROUTx. This produces an output voltage,
VOUTx, whose magnitude is ILOAD x RSENSE x ROUTx/R1.
The gain accuracy is based on the matching of the two
gain resistors, R1 and ROUTx (Table 1). Total gain = 25V/V
for the MAX34406T, 50V/V for the MAX34406F, 100V/V
for the MAX34406H, and 200V/V for the MAX34406W.
The output is protected from input overdrive by use of a
6V clamp-protection circuit.
Applications Information
Choosing the Sense Resistor
Choose RSENSE based on the criteria detailed in the fol-
lowing sections.
Voltage Loss
A high RSENSE value causes the power-source voltage
to drop due to IR loss. For minimal voltage loss, use the
lowest RSENSE value.
OUTx Swing vs. VINx+ and VSENSE
The device is unique because the supply voltage for
the current-sense amplifier in each channel is the input
common-mode voltage for that channel (the average
voltage at INx+ and INx-). There are no separate supply
voltage pins for the current-sense amplifiers. Therefore,
the OUTx voltage swing for a given channel is limited by
the minimum voltage at IN+ for that channel.
VOUTx(MAX) = VINx+(MIN) - VSENSE(MAX) - VOH
and
OUTx
SENSE
LOAD
V
(MAX)
R
G I
(MAX)
=
×
VSENSE full scale should be less than VOUTx/gain at the
minimum INx+ voltage. For best performance with a 3.6V
supply voltage, select RSENSE to provide approximately
120mV (gain of 25V/V), 60mV (gain of 50V/V), 30mV (gain
of 100V/V), or 15mV (gain of 200V/V) of sense voltage for
the full-scale current in each application. These can be
increased by use of a higher minimum input voltage.
Accuracy
In the linear region (VOUTx < VOUTx(MAX)), there are
two components to accuracy: input offset voltage (VOS)
and gain error (GE). For all variants of the device,
VOS = P 600FV (max); gain error is 0.6% (max) for the
MAX34406T/F/H or 0.8% (max) for the MAX34406W. Use
the linear equation to calculate total error:
OS
SENSE
V
Error (%) GE
100
V
=
±×
where GE is gain error, VSENSE is the voltage across
the sense resistor RSENSE, and VOS is offset voltage. A
high RSENSE value allows lower currents to be measured
more accurately because offsets are less significant
when the sense voltage is larger.
Table 1. Internal Gain Setting Resistors
(Typical Values)
GAIN (V/V)
R1 (I)
ROUTx (kI)
200
100
20
100
100
10
50
200
10
25
400
10


Similar Part No. - MAX34406TETG+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34406TETG+T MAXIM-MAX34406TETG+T Datasheet
2Mb / 11P
   Quad Current-Sense Amplifier with Overcurrent Threshold Comparators
Rev 0; 6/11
More results

Similar Description - MAX34406TETG+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34406 MAXIM-MAX34406 Datasheet
2Mb / 11P
   Quad Current-Sense Amplifier with Overcurrent Threshold Comparators
Rev 0; 6/11
logo
Linear Technology
LT6119-1 LINER-LT6119-1_15 Datasheet
337Kb / 28P
   Current Sense Amplifier, Reference and Comparators with POR
LT6119-2 LINER-LT6119-2_15 Datasheet
337Kb / 28P
   Current Sense Amplifier, Reference and Comparators with POR
LT6109-1 LINER-LT6109-1_15 Datasheet
323Kb / 28P
   High Side Current Sense Amplifier with Reference and Comparators
LT6109-2 LINER-LT6109-2_15 Datasheet
323Kb / 28P
   High Side Current Sense Amplifier with Reference and Comparators
logo
Texas Instruments
INA302-Q1 TI1-INA302-Q1 Datasheet
865Kb / 38P
[Old version datasheet]   Automotive, 36-V, Overcurrent Protection, Precision, Current-Sense Amplifiers With Dual Integrated Comparators
logo
Rohm
BA10339F ROHM-BA10339F Datasheet
253Kb / 5P
   GROUND SENSE QUAD VOLTAGE COMPARATORS
BA2901F ROHM-BA2901F Datasheet
294Kb / 6P
   GROUND SENSE QUAD VOLTAGE COMPARATORS
logo
Texas Instruments
INA302 TI1-INA302 Datasheet
153Kb / 6P
[Old version datasheet]   Overcurrent Protection, High-Speed Precision, Current-Sense Amplifier
INA300 TI1-INA300_16 Datasheet
1Mb / 41P
[Old version datasheet]   Overcurrent-Protection, Current-Sense Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com