Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX34406FETG+T Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX34406FETG+T
Description  Quad Current-Sense Amplifier with Overcurrent Threshold Comparators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX34406FETG+T Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX34406FETG+T Datasheet HTML 1Page - Maxim Integrated Products MAX34406FETG+T Datasheet HTML 2Page - Maxim Integrated Products MAX34406FETG+T Datasheet HTML 3Page - Maxim Integrated Products MAX34406FETG+T Datasheet HTML 4Page - Maxim Integrated Products MAX34406FETG+T Datasheet HTML 5Page - Maxim Integrated Products MAX34406FETG+T Datasheet HTML 6Page - Maxim Integrated Products MAX34406FETG+T Datasheet HTML 7Page - Maxim Integrated Products MAX34406FETG+T Datasheet HTML 8Page - Maxim Integrated Products MAX34406FETG+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
����������������������������������������������������������������� Maxim Integrated Products 3
MAX34406
Quad Current-Sense Amplifier
with Overcurrent Threshold Comparators
Note 1: All devices are 100% production tested at TA= +25NC. All temperature limits are guaranteed by design.
Note 2: VOUT1, VOUT2, VOUT3, VOUT4 = 0V. All open-drain outputs left disconnected.
Note 3: VOS is extrapolated from measurements for the gain-error test.
Note 4: Gain error is calculated by applying two values of VSENSE and calculating the error of the slope vs. the ideal: Gain = 100,
VSENSE is 5mV and 15mV.
Note 5: The device is stable for any external capacitance value.
ELECTRICAL CHARACTERISTICS (continued)
(VINx+ = VINx- = 12V, VSENSE = 0V, TA = -40NC to +85NC, unless otherwise noted. Typical values are TA = +25NC) (Note 1)x
Typical Operating Characteristics
(VINx+ = VINx- = 12V, TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Leakage (SHTDN, OCx)
IO
Q
1
F
A
Comparator Threshold
VTH
0.98
1.00
1.02
V
Comparator Offset
VCOS
Q
5
mV
Comparator Hysteresis
VHYS
20
mV
Comparator Propagation Delay
tD
Overdrive = Q50mV, output load = 2mA
3
F
s
SHTDN Delay
tDLY
VDD = 3.3V, CCDLY = 10nF
3.3
ms
VDD = 3.3V, CCDLY = 22nF
7.3
VDD = 3.3V, CCDLY = 33nF
11
VDD = 5.0V, CCDLY = 10nF
5
VDD = 5.0V, CCDLY = 22nF
11
VDD = 5.0V, CCDLY = 33nF
16
+25°C INPUT OFFSET
OFFSET (µV)
100
50
-50
0
-100
-150
2
4
6
8
10
12
14
16
18
20
0
-200
150
+25°C GAIN ERROR
GAIN ERROR (%)
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
-0.05
-0.10
5
10
15
20
25
0
-0.15
0.40
VOL vs. IOL
CURRENT IN (mA)
1.8
1.6
0.4 0.6 0.8
1.2
1.0
1.4
20
40
60
80
100
120
140
160
0
0.2
2.0
SHTDN
OC1


Similar Part No. - MAX34406FETG+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34406FETG+T MAXIM-MAX34406FETG+T Datasheet
2Mb / 11P
   Quad Current-Sense Amplifier with Overcurrent Threshold Comparators
Rev 0; 6/11
More results

Similar Description - MAX34406FETG+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34406 MAXIM-MAX34406 Datasheet
2Mb / 11P
   Quad Current-Sense Amplifier with Overcurrent Threshold Comparators
Rev 0; 6/11
logo
Linear Technology
LT6119-1 LINER-LT6119-1_15 Datasheet
337Kb / 28P
   Current Sense Amplifier, Reference and Comparators with POR
LT6119-2 LINER-LT6119-2_15 Datasheet
337Kb / 28P
   Current Sense Amplifier, Reference and Comparators with POR
LT6109-1 LINER-LT6109-1_15 Datasheet
323Kb / 28P
   High Side Current Sense Amplifier with Reference and Comparators
LT6109-2 LINER-LT6109-2_15 Datasheet
323Kb / 28P
   High Side Current Sense Amplifier with Reference and Comparators
logo
Texas Instruments
INA302-Q1 TI1-INA302-Q1 Datasheet
865Kb / 38P
[Old version datasheet]   Automotive, 36-V, Overcurrent Protection, Precision, Current-Sense Amplifiers With Dual Integrated Comparators
logo
Rohm
BA10339F ROHM-BA10339F Datasheet
253Kb / 5P
   GROUND SENSE QUAD VOLTAGE COMPARATORS
BA2901F ROHM-BA2901F Datasheet
294Kb / 6P
   GROUND SENSE QUAD VOLTAGE COMPARATORS
logo
Texas Instruments
INA302 TI1-INA302 Datasheet
153Kb / 6P
[Old version datasheet]   Overcurrent Protection, High-Speed Precision, Current-Sense Amplifier
INA300 TI1-INA300_16 Datasheet
1Mb / 41P
[Old version datasheet]   Overcurrent-Protection, Current-Sense Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com