Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX34406WETG+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX34406WETG+
Description  Quad Current-Sense Amplifier with Overcurrent Threshold Comparators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX34406WETG+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX34406WETG+ Datasheet HTML 3Page - Maxim Integrated Products MAX34406WETG+ Datasheet HTML 4Page - Maxim Integrated Products MAX34406WETG+ Datasheet HTML 5Page - Maxim Integrated Products MAX34406WETG+ Datasheet HTML 6Page - Maxim Integrated Products MAX34406WETG+ Datasheet HTML 7Page - Maxim Integrated Products MAX34406WETG+ Datasheet HTML 8Page - Maxim Integrated Products MAX34406WETG+ Datasheet HTML 9Page - Maxim Integrated Products MAX34406WETG+ Datasheet HTML 10Page - Maxim Integrated Products MAX34406WETG+ Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
����������������������������������������������������������������� Maxim Integrated Products 9
MAX34406
Quad Current-Sense Amplifier
with Overcurrent Threshold Comparators
Efficiency and Power Dissipation
At high current levels, the I2R losses in RSENSE can be
significant. Take this into consideration when choosing
the resistor value and its power dissipation (wattage)
rating. Also, the sense resistor’s value might drift if it is
allowed to heat up excessively. The precision VOS of the
device allows the use of small sense resistors to reduce
power dissipation and reduce hot spots.
Kelvin Connections
Because of the high currents that flow through RSENSE,
take care to eliminate parasitic trace resistance from
causing errors in the sense voltage. Either use a four-
terminal current-sense resistor or use Kelvin (force and
sense) PCB layout techniques.
Minimizing Trace Resistance
PCB trace resistance from RSENSE to the INx+ inputs
contributes to gain error in the current-sense amplifiers.
Care should be taken to minimize this resistance (shown
as RTRC in Figure 1). Total gain including error caused by
trace resistance can be calculated as follows:
OUTx
TRC
R
G
R1 R
=
+
For example, assume a gain of 100V/V, as in the
MAX34406H. From Table 1, R1 = 100I and ROUTx = 10kI.
Then every 10mI of PCB trace resistance adds -0.01%
gain error.
Optional Output Filter Capacitor
When designing a system that uses a sample-and-hold
stage in the ADC, the sampling capacitor momentarily
loads OUTx and causes a drop in the output voltage. If
sampling time is very short (less than a microsecond),
consider using a ceramic capacitor across OUTx and
GND to hold VOUTx constant during sampling. This also
decreases the small-signal bandwidth of the current-
sense amplifier and reduces noise at OUTx.
Input Filters
Some applications of current-sense amplifiers need to
measure currents accurately even in the presence of
both differential and common-mode ripple, as well as a
wide variety of input transient conditions. For example,
high-frequency ripple at the output of a switching buck or
boost regulator results in a common-mode voltage at the
device’s inputs. Alternatively, the fast load-current tran-
sients, when measuring at the input of a switching buck
or boost regulator, can cause high-frequency differential
sense voltages to occur at the device’s inputs, although
the signal of interest is the average DC value. Such high-
frequency differential sense voltages can result in a volt-
age offset at the device output.
The device allows a method of filtering to help improve
performance in the presence of input common-mode
voltage and input differential voltage transients. Figure 2
shows a differential input filter.
The capacitor CIN between INx+ and INx- along with the
resistor RIN between the sense resistor and INx- helps
filter against input differential voltages and prevents them
from reaching the device.
The corner frequency of this filter is determined by the
choice of RIN, CIN, and the value of the input resistance
at INx- (R1). See Table 1 for R1 values at the different
gain options.
The value of RIN should be chosen to minimize its effect
on the input offset voltage due to the bias current at INx-.
Figure 1. Input Trace Resistance
Figure 2. Differential Input Filter
RSENSE
INx+
GND
INx-
OUTx
RTRC
MAX34406
LOAD
RSENSE
CIN
INx+
GND
INx-
OUTx
RIN
MAX34406
LOAD


Similar Part No. - MAX34406WETG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34406WETG++ MAXIM-MAX34406WETG+ Datasheet
2Mb / 11P
   Quad Current-Sense Amplifier with Overcurrent Threshold Comparators
Rev 0; 6/11
MAX34406WETG+T MAXIM-MAX34406WETG+T Datasheet
2Mb / 11P
   Quad Current-Sense Amplifier with Overcurrent Threshold Comparators
Rev 0; 6/11
More results

Similar Description - MAX34406WETG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34406 MAXIM-MAX34406 Datasheet
2Mb / 11P
   Quad Current-Sense Amplifier with Overcurrent Threshold Comparators
Rev 0; 6/11
logo
Linear Technology
LT6119-1 LINER-LT6119-1_15 Datasheet
337Kb / 28P
   Current Sense Amplifier, Reference and Comparators with POR
LT6119-2 LINER-LT6119-2_15 Datasheet
337Kb / 28P
   Current Sense Amplifier, Reference and Comparators with POR
LT6109-1 LINER-LT6109-1_15 Datasheet
323Kb / 28P
   High Side Current Sense Amplifier with Reference and Comparators
LT6109-2 LINER-LT6109-2_15 Datasheet
323Kb / 28P
   High Side Current Sense Amplifier with Reference and Comparators
logo
Texas Instruments
INA302-Q1 TI1-INA302-Q1 Datasheet
865Kb / 38P
[Old version datasheet]   Automotive, 36-V, Overcurrent Protection, Precision, Current-Sense Amplifiers With Dual Integrated Comparators
logo
Rohm
BA10339F ROHM-BA10339F Datasheet
253Kb / 5P
   GROUND SENSE QUAD VOLTAGE COMPARATORS
BA2901F ROHM-BA2901F Datasheet
294Kb / 6P
   GROUND SENSE QUAD VOLTAGE COMPARATORS
logo
Texas Instruments
INA302 TI1-INA302 Datasheet
153Kb / 6P
[Old version datasheet]   Overcurrent Protection, High-Speed Precision, Current-Sense Amplifier
INA300 TI1-INA300_16 Datasheet
1Mb / 41P
[Old version datasheet]   Overcurrent-Protection, Current-Sense Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com