Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPU30-201 Datasheet(PDF) 2 Page - MPS Industries, Inc.

Part # MPU30-201
Description  30W Desk Top Switching Power Supplies For Medical Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPU30-201 Datasheet(HTML) 2 Page - MPS Industries, Inc.

  MPU30-201 Datasheet HTML 1Page - MPS Industries, Inc. MPU30-201 Datasheet HTML 2Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Number
Output Voltage
Output Current
Total Regulation
MPU30-102
5 ~
6 VDC
5.00 ~
4.16 A
5%
25W
MPU30-103
6 ~
8 VDC
4.16 ~
3.12 A
5%
25W
MPU30-104
8 ~ 11 VDC
3.75 ~
2.72 A
4%
30W
MPU30-105
11 ~ 13 VDC
2.72 ~
2.30 A
3%
30W
MPU30-106
13 ~ 16 VDC
2.30 ~
1.87 A
3%
30W
MPU30-107
16 ~ 21 VDC
1.87 ~
1.42 A
3%
30W
MPU30-108
21 ~ 27 VDC
1.42 ~
1.11 A
2%
30W
MPU30-109
27 ~ 33 VDC
1.11 ~
0.90 A
2%
30W
MPU30-110
33 ~ 40 VDC
0.90 ~
0.75 A
2%
30W
Output Voltage And Current Rating Chart (Single Output) :
Note:
1. Dimensions are shown in
mm.
2. Weight: 400-460gs approx.
3. Optional output connector:
See page Appendix.
inches or
Mechanical Specifications:
Output Voltage And Current Rating Chart ( Multi Output ) :
Output # 1
Output #2
Output #3
Vonom Iomin Iomax Regmax Vonom
Iomin Iomax Regmax Vonom Iomin Iomax Regmax
Model
Number
MPU30-200
MPU30-201
MPU30-202
MPU30-203
MPU30-204
MPU30-209
MPU30-210
MPU30-215
MPU30-302
MPU30-303
MPU30-304
MPU30-305
MPU30-306
+3.3V
+3.3V
+12V
+15V
+5V
+5V
+5V
+5V
+3.3V
0.3A
0.3A
0.3A
0.3A
0.3A
0.2A
3A
3A
3A
3A
3A
2A
1.5A
2.5A
7%
5%
5%
5%
7%
5%
5%
5%
5%
5%
5%
5%
7%
+12V
+12V
+15V
+24V
+5V
-12V
-15V
-24V
+12V
+15V
+24V
+24V
+12V
0.13A
0.1A
0.07A
0.16A
1.3A
1.3A
1.0A
0.7A
1.6A
0.5A
0.5A
1.0A
5%
5%
5%
5%
5%
10%
10%
10%
5%
5%
5%
5%
5%
-12V
-15V
-24V
-12V
-5V
10%
10%
10%
10%
10%
25W
30W
30W
30W
17.9W
30W
30W
30W
30W
30W
30W
30W
25W
Output Power
Output Power
+5V
+5V
+5V
+5V
30W Desk Top Switching Power Supplies For Medical Equipment.
MPU30-301
+5V
5%
+12V
5%
-5V
0A
10%
25W
2A
0.2A
1.3A
2A
1.0A
2A
1.0A
2.5A
1.0A
2.5A
1.0A
0.5A
2.5A
1.1A
0.5A
0.2A
0.2A
0.25A
Maximum
0A
0A
0A
0A
0A
0.5A
0.5A
0.5A
0.5A
0.1A
0.1A
0.1A
0.1A
0.11A
Maximum
MPU30 SERIES
0A
0A
0A
MPU30-101
3 ~
5 VDC
6.66 ~
4.00 A
5%
20W
0.25A
0.25A
0.25A
0.15A
0.13A
0.13A


Similar Part No. - MPU30-201

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MPU30-201 ASTRODYNE-MPU30-201 Datasheet
386Kb / 4P
   30W Medical Grade Desktop Switching Power Adapters
More results

Similar Description - MPU30-201

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPIPU31 TOTAL-POWER-TPIPU31 Datasheet
431Kb / 2P
   30W desk top switching power supplies for industrial equipment
logo
MPS Industries, Inc.
MPU100 MPSIND-MPU100 Datasheet
180Kb / 2P
   100W Desk Top Switching Power Supplies For Medical Equipment
MPU15A MPSIND-MPU15A Datasheet
314Kb / 2P
   15W Desk Top Switching Power Supplies For Medical Equipment.
logo
Total Power Internation...
TPMPU50 TOTAL-POWER-TPMPU50 Datasheet
309Kb / 2P
   50W Desk Top Switching Power Supplies For Medical Equipment.
logo
MPS Industries, Inc.
MPU15B MPSIND-MPU15B Datasheet
327Kb / 2P
   15W Desk Top Switching Power Supplies For Medical Equipment.
MPU50 MPSIND-MPU50 Datasheet
218Kb / 2P
   50W Desk Top Switching Power Supplies For Medical Equipment.
MPU130 MPSIND-MPU130 Datasheet
261Kb / 2P
   130W Desk Top Switching Power Supplies For Medical Equipment
MPU15C MPSIND-MPU15C Datasheet
328Kb / 2P
   15W Desk Top Switching Power Supplies For Medical Equipment.
logo
Total Power Internation...
TPMPU31 TOTAL-POWER-TPMPU31 Datasheet
271Kb / 2P
   30W Desk Top Type Medical Power Supplies
logo
Volgen Kaga Electronics...
SPU30-101 VOLGEN-SPU30-101 Datasheet
297Kb / 2P
   30W Desk Top Switching Power Supplies For I.T.E.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com