Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBU61-404-1 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # MBU61-404-1
Description  63W Opne Frame Switching Power Supplies For Medical Equipment.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MBU61-404-1 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  MBU61-404-1 Datasheet HTML 1Page - MPS Industries, Inc. MBU61-404-1 Datasheet HTML 2Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBU61 SERIES
63W Open Frame Switching Power Supplies For Medical Equipment.
The MBU61 series of compact, open frame constructed, AC/DC
switching mode power supplies provide 63 Watts of continuous
output power.They are ideally suited for use in hospital instrument
and many other applications.
UL/c-UL(UL 60601-1) ,TUV/T-mark(EN 60601-1)
and new CE requirements. All units are 100% burned in and tested.
All models meet FCC Part-18 class B
and CISPR-11 EN55011 class B emission Limits and are designed
to comply with
Electrical Characteristics:
Features:
Description:
Safety Specifications:
Environmental :
Parameter
Te s t Conditions
Min. Typ. Max.
Unit
Dielectric Withstanding Voltage
for Primary to secondary
Primary to secondary
VDC
Primary to ground
Test Voltage=2100VDC
50
M
Vin=220VAC
B
CLASS
Sym.
Vps
Vpg
Ri
CISPR
FCC
Isolation Resistance
EMI requirements for CISPR-11
Vin=110VAC
VDC
B
CLASS
Dielectric Withstanding Voltage
for Primary to Ground
EMI requirements for FCC PART-18
Typ.
Parameter
Test Conditions
Min.
Max. Unit
0
1.6
0.3
1
2
0.8
0.5
1
-0.04
0.04
Vin=90 to 264 VAC
Io=Full load, Vin=115VAC
Vin=230VAC
W
V
A
A
A
A
A
Input Voltage
Output Power Range
Efficiency
Line Regulation
Load Regulation
Over Voltage Protection
Transient Response
Hold-Up Time
Safety Ground Leakage Current
Temperature
Coefficient
%
%
S
%
%
%
mA
mS
63
264
90
47
See rating Chart
15
18
21
25
3
0.3
0.1
Low Line Inrush Current
VAC
Hz
6
Sym.
Iil
Irh
Eff
REG-i
REG-o
OVP
OCP
Ttr
Thold
Ts
Vp-p
Ilk
Iih
I rl
Tc
Vin
Fin
Wo
Vo
Io
63
85
80
70
132
150
110
112
High Line Inrush Current
Input Frequency
Output Voltage Range
Output Current Range
Input Current (Low Line)
Input Current (High Line)
Io=Full load, Vin=230VAC
Io=Full load, 25 C,Cool start,
Vin=115VAC
Io=Full load, 25 C,Cool start,
Vin=230VAC
Io=Full load, Vin=110VAC
Io=Full load
Over Current Protection
Io=Full load to Half Load, Vin=100VAC
Start Up Time
Io=Full load, Vin=100VAC
Ripple & Noise (Peak to Peak) Full load, Vin=90VAC
1
2
%
Io=Full load, Vin=240VAC
See rating Chart
mS
16
4
%/ C
Io=Full load, Vin=230VAC
All output
Operating Voltage
Wide Input Voltage 90 to 264 VAC,47 to 63 Hz
Internal EMI filter
Single to Quad Output
Input connector mates with Molex housing 09-50-3031 and
Molex 2878 series crimp terminal
Output connector mates with Molex housing 09-50-3081
and Molex 2878 series crimp terminal
Output Voltage Available From 3 VDC Thru 40 VDC
Input Surge Current, Over Voltage and Over Load protection
Size: 3"x5"x1.1"
Power Fail Detect (Optional)
Class I Insulation
Two Years Warranty
5600
2800
Relative Humidity
5
95
%
Operating Temperature
Storage Temperature
0
70
85
-40
Toper
Hr
Tstg
Pd
Sym.
Parameter
Min. Typ. Max.
Unit
Derate linearly from 100% load at 50 C to 50% load at 70 C
Te s t Conditions
C
C
Safety Approvals :


Similar Part No. - MBU61-404-1

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
MBU61-404-1 VOLGEN-MBU61-404-1 Datasheet
365Kb / 2P
   63W Open Frame Switching Power Supplies For Medical Equipment.
More results

Similar Description - MBU61-404-1

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
MBU120 MPSIND-MBU120 Datasheet
410Kb / 2P
   120W Opne Frame Switching Power Supplies For Medical Equipment.
logo
Volgen Kaga Electronics...
MBU61 VOLGEN-MBU61 Datasheet
365Kb / 2P
   63W Open Frame Switching Power Supplies For Medical Equipment.
MBU60 VOLGEN-MBU60 Datasheet
503Kb / 2P
   63W Open Frame Switching Power Supplies For Medical Equipment.
MUU61 VOLGEN-MUU61 Datasheet
354Kb / 2P
   63W U-bracket Switching Power Supplies For Medical Equipment.
IBU61 VOLGEN-IBU61 Datasheet
383Kb / 2P
   63W Open frame switching power supplies for Industrial Equipment
IBU60 VOLGEN-IBU60 Datasheet
393Kb / 2P
   63W Open frame switching power supplies for Industrial Equipment
MUU60 VOLGEN-MUU60 Datasheet
353Kb / 2P
   63W U-bracket Switching Power Supplies For Medical Equipment.
logo
Vitec Power
SMFA61 Vitec-SMFA61 Datasheet
426Kb / 2P
   63W Open Frame Power Supply for Medical Equipment
SMFA60 Vitec-SMFA60 Datasheet
413Kb / 2P
   63W Open Frame Power Supply for Medical Equipment
SMFA60-SERIES Vitec-SMFA60-SERIES Datasheet
413Kb / 2P
   63W Open Frame Power Supply for Medical Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com