Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25Q16VZPIG Datasheet(PDF) 3 Page - Winbond

Part # W25Q16VZPIG
Description  16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q16VZPIG Datasheet(HTML) 3 Page - Winbond

  W25Q16VZPIG Datasheet HTML 1Page - Winbond W25Q16VZPIG Datasheet HTML 2Page - Winbond W25Q16VZPIG Datasheet HTML 3Page - Winbond W25Q16VZPIG Datasheet HTML 4Page - Winbond W25Q16VZPIG Datasheet HTML 5Page - Winbond W25Q16VZPIG Datasheet HTML 6Page - Winbond W25Q16VZPIG Datasheet HTML 7Page - Winbond W25Q16VZPIG Datasheet HTML 8Page - Winbond W25Q16VZPIG Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
W25Q16V
........................................................................................................19
Publication Release Date: October 7, 2009
- 3 -
Revision E
10.2.4
Write Enable (06h)
10.2.5
.......................................................................................................19
Write Disable (04h)
10.2.6
.................................20
Read Status Register-1 (05h) and Read Status Register-2 (35h)
10.2.7
..........................................................................................21
Write Status Register (01h)
10.2.8
...........................................................................................................22
Read Data (03h)
10.2.9
...........................................................................................................23
Fast Read (0Bh)
10.2.10
.....................................................................................24
Fast Read Dual Output (3Bh)
10.2.11
....................................................................................25
Fast Read Quad Output (6Bh)
10.2.12
...........................................................................................26
Fast Read Dual I/O (BBh)
10.2.13
.........................................................................................28
Fast Read Quad I/O (EBh)
10.2.14
...............................................................................30
Octal Word Read Quad I/O (E3h)
10.2.15
...................................................................................................32
Page Program (02h)
10.2.16
................................................................................33
Quad Input Page Program (32h)
10.2.17
.....................................................................................................34
Sector Erase (20h)
10.2.18
.............................................................................................35
32KB Block Erase (52h)
10.2.19
.............................................................................................36
64KB Block Erase (D8h)
10.2.20
...............................................................................................37
Chip Erase (C7h / 60h)
10.2.21
..................................................................................................38
Erase Suspend (75h)
10.2.22
..................................................................................................38
Erase Resume (7Ah)
10.2.23
......................................................................................................39
Power-down (B9h)
10.2.24
.....................................................................40
Release Power-down / Device ID (ABh)
10.2.25
.........................................................................42
Read Manufacturer / Device ID (90h)
10.2.26
...................................................................................43
Read Unique ID Number (4Bh)
10.2.27
..........................................................................................................44
JEDEC ID (9Fh)
10.2.28
..........................................................45
Continuous Read Mode Reset (FFh or FFFFh)
11.
......................................................................................... 46
ELECTRICAL CHARACTERISTICS
11.1
.......................................................................................... 46
Absolute Maximum Ratings
11.2
......................................................................................................... 46
Operating Ranges
11.3
.............................................................. 47
Power-up Timing and Write Inhibit Threshold
11.4
........................................................................................ 48
DC Electrical Characteristics
11.5
........................................................................................ 49
AC Measurement Conditions
11.6
........................................................................................ 50
AC Electrical Characteristics
11.7
........................................................................... 51
AC Electrical Characteristics (cont’d)
11.8
..................................................................................................... 52
Serial Output Timing
11.9
.................................................................................................................. 52
Input Timing
11.10
................................................................................................................. 52
Hold Timing
12.
.................................................................................................... 53
PACKAGE SPECIFICATION
12.1
...................................................................... 53
8-Pin SOIC 208-mil (Package Code SS)
12.2
............................................................ 54
8-Contact 6x5mm WSON (Package Code ZP)


Similar Part No. - W25Q16VZPIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16 WINBOND-W25Q16 Datasheet
1Mb / 61P
   8M-BIT, 16M-BIT AND 32M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
logo
List of Unclassifed Man...
W25Q16 ETC-W25Q16 Datasheet
588Kb / 15P
   Arduino MKR WAN 1310
12/23/2020
logo
Winbond
W25Q16BV WINBOND-W25Q16BV Datasheet
2Mb / 68P
   16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16BVDAIG WINBOND-W25Q16BVDAIG Datasheet
2Mb / 68P
   16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16BVDAIP WINBOND-W25Q16BVDAIP Datasheet
2Mb / 68P
   16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
More results

Similar Description - W25Q16VZPIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16BV WINBOND-W25Q16BV Datasheet
2Mb / 68P
   16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CV WINBOND-W25Q16CV Datasheet
1Mb / 79P
   3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVSSIG WINBOND-W25Q16DVSSIG Datasheet
1Mb / 81P
   3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVDAIG-TR WINBOND-W25Q16DVDAIG-TR Datasheet
1Mb / 80P
   3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CL WINBOND-W25Q16CL_13 Datasheet
2Mb / 72P
   2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CV WINBOND-W25Q16CV_13 Datasheet
1Mb / 81P
   3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CL WINBOND-W25Q16CL Datasheet
2Mb / 77P
   2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVUUIG-TR WINBOND-W25Q16DVUUIG-TR Datasheet
1Mb / 80P
   3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16JV WINBOND-W25Q16JV Datasheet
2Mb / 75P
   3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI
W25Q16DWSSIG-TR WINBOND-W25Q16DWSSIG-TR Datasheet
1Mb / 84P
   1.8V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com