Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LVX4245DW Datasheet(PDF) 5 Page - Motorola, Inc

Part # MC74LVX4245DW
Description  LOW-VOLTAGE CMOS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74LVX4245DW Datasheet(HTML) 5 Page - Motorola, Inc

  MC74LVX4245DW Datasheet HTML 1Page - Motorola, Inc MC74LVX4245DW Datasheet HTML 2Page - Motorola, Inc MC74LVX4245DW Datasheet HTML 3Page - Motorola, Inc MC74LVX4245DW Datasheet HTML 4Page - Motorola, Inc MC74LVX4245DW Datasheet HTML 5Page - Motorola, Inc MC74LVX4245DW Datasheet HTML 6Page - Motorola, Inc MC74LVX4245DW Datasheet HTML 7Page - Motorola, Inc MC74LVX4245DW Datasheet HTML 8Page - Motorola, Inc MC74LVX4245DW Datasheet HTML 9Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MC74LVX4245
LVX Data — Low–Voltage CMOS Logic
BR1492 — Rev 0
5
MOTOROLA
AC ELECTRICAL CHARACTERISTICS
TA = –40 to +85°C
CL = 50pF
TA = –40 to +85°C
CL = 50pF
VCCA = 5V ±0.5V
VCCB = 3.3V ±0.3V
VCCA = 5V ±0.5V
VCCB = 2.7V
Symbol
Parameter
Min
Typ
(Note 4.)
Max
Min
Max
Unit
tPHL
tPLH
Propagation Delay A to B
1.0
1.0
5.1
5.3
9.0
9.0
1.0
1.0
10.0
10.0
ns
tPHL
tPLH
Propagation Delay B to A
1.0
1.0
5.4
5.5
9.0
9.0
1.0
1.0
10.0
10.0
ns
tPZL
tPZH
Output Enable Time OE to B
1.0
1.0
6.5
6.7
10.5
10.5
1.0
1.0
11.5
11.5
ns
tPZL
tPZH
Output Enable Time OE to A
1.0
1.0
5.2
5.8
9.5
9.5
1.0
1.0
10.0
10.0
ns
tPHZ
tPLZ
Output Disable Time OE to B
1.0
1.0
6.0
3.3
10.0
7.0
1.0
1.0
10.0
7.5
ns
tPHZ
tPLZ
Output Disable Time OE to A
1.0
1.0
3.9
2.9
7.5
7.0
1.0
1.0
7.5
7.5
ns
tOSHL
tOSLH
Output to Output Skew, Data to Output (Note 5.)
1.0
1.5
1.5
ns
4. Typical values at VCCA = 5.0V; VCCB = 3.3V at 25°C.
5. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device.
The specification applies to any outputs switching in the same direction, either HIGH–to–LOW (tOSHL) or LOW–to–HIGH (tOSLH); parameter
guaranteed by design.
Dual Supply Octal Translating Transceiver
The 74LVX4245 is a is a dual–supply device well capable
of bidirectional signal voltage translation. This level shifting
ability provides an excellent interface between low voltage
CPU local bus and a standard 5V I/O bus. The device control
inputs can be controlled by either the low voltage CPU and
core logic or a bus arbitrator with 5V I/O levels.
The LVX4245 is ideal for mixed voltage applications such
as notebook computers using a 3.3V CPU and 5V peripheral
devices.
Applications:
Mixed Mode Dual Supply Interface Solutions
The LVX4245 is designed to solve 3V/5V interfaces when
CMOS devices cannot tolerate I/O levels above their applied
VCC. If an I/O pin of a 3V device is driven by a 5V device, the
P–Channel transistor in the 3V device will conduct — causing
current flow from the I/O bus to the 3V power supply. The
result may be destruction of the 3V device through latchup
effects. A current limiting resistor may be used to prevent
destruction, but it causes speed degradation and needless
power dissipation.
A better solution is provided in the LVX4245. It provides
two different output levels that easily handle the dual voltage
interface. The A port is a dedicated 5V port; the B port is a
dedicated 3V port. Figure 4 on page 6 shows how the
LVX4245 may fit into a mixed 3V/5V system.
Since the LVX4245 is a ‘245 transceiver, the user may
either use it for bidirectional or unidirectional applications.
The center 20 pins are configured to match a ‘245 pinout.
This enables the user to easily replace this level shifter with a
3V ‘245 device without additional layout work or re–
manufacture of the circuit board (when both buses are 3V).
Figure 3. 3.3V/5V Interface Block Diagram
LVX4245
VCCB
VCCA
LVX4245
VCCB
VCCA
EISA – ISA – MCA
(5V I/O LEVELS)
LOW VOLTAGE CPU LOCAL BUS
Powering Up the LVX4245
When powering up the LVX4245, please note that if the
VCCB pin is powered–up well in advance of the VCCA pin,
several milliamps of either ICCA or ICCB current will result. If
the VCCA pin is powered–up in advance of the VCCB pin then
only nanoamps of Icc current will result. In actuality the VCCB
can be powered “slightly” before the VCCA without the current
penalty, but this “setup time” is dependent on the power–up
ramp rate of the VCC pins. With a ramp rate of approximately
50mV/ns (50V/
µs) a 25ns setup time was observed (VCCB


Similar Part No. - MC74LVX4245DW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX4245DW ONSEMI-MC74LVX4245DW Datasheet
88Kb / 10P
   Dual Supply Octal Translating Transceiver with 3?뭆tate Outputs
March, 2005 ??Rev. 4
MC74LVX4245DWG ONSEMI-MC74LVX4245DWG Datasheet
138Kb / 10P
   Dual Supply Octal Translating Transceiver
May, 2011 ??Rev. 5
MC74LVX4245DWG ONSEMI-MC74LVX4245DWG Datasheet
104Kb / 10P
   Dual Supply Octal Translating Transceiver
July, 2017 ??Rev. 6
MC74LVX4245DWR2 ONSEMI-MC74LVX4245DWR2 Datasheet
88Kb / 10P
   Dual Supply Octal Translating Transceiver with 3?뭆tate Outputs
March, 2005 ??Rev. 4
MC74LVX4245DWR2G ONSEMI-MC74LVX4245DWR2G Datasheet
88Kb / 10P
   Dual Supply Octal Translating Transceiver with 3?뭆tate Outputs
March, 2005 ??Rev. 4
More results

Similar Description - MC74LVX4245DW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX14 ONSEMI-MC74LVX14 Datasheet
139Kb / 6P
   LOW-VOLTAGE CMOS
REV 0
MC74LVX32 ONSEMI-MC74LVX32 Datasheet
132Kb / 5P
   LOW-VOLTAGE CMOS
REV 0
logo
Motorola, Inc
MC74LVX574 MOTOROLA-MC74LVX574 Datasheet
147Kb / 8P
   LOW-VOLTAGE CMOS
MC74LVX373 MOTOROLA-MC74LVX373 Datasheet
168Kb / 7P
   LOW-VOLTAGE CMOS
logo
Analog Devices
ADG741 AD-ADG741_15 Datasheet
315Kb / 12P
   CMOS Low Voltage
REV. A
ADG722 AD-ADG722_15 Datasheet
274Kb / 16P
   CMOS, Low Voltage
Rev. E
logo
Motorola, Inc
MC74LVX125 MOTOROLA-MC74LVX125 Datasheet
147Kb / 6P
   LOW-VOLTAGE CMOS
MC74LVX245 MOTOROLA-MC74LVX245 Datasheet
163Kb / 7P
   LOW-VOLTAGE CMOS
MC74LVXC3245 MOTOROLA-MC74LVXC3245 Datasheet
139Kb / 9P
   LOW-VOLTAGE CMOS
logo
ON Semiconductor
MC74LVX08 ONSEMI-MC74LVX08 Datasheet
133Kb / 5P
   LOW-VOLTAGE CMOS
REV 0
logo
Analog Devices
ADG736L AD-ADG736L_15 Datasheet
269Kb / 12P
   CMOS Low Voltage
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com