Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25Q64BVSSIG Datasheet(PDF) 6 Page - Winbond

Part # W25Q64BVSSIG
Description  64M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q64BVSSIG Datasheet(HTML) 6 Page - Winbond

Back Button W25Q64BVSSIG Datasheet HTML 2Page - Winbond W25Q64BVSSIG Datasheet HTML 3Page - Winbond W25Q64BVSSIG Datasheet HTML 4Page - Winbond W25Q64BVSSIG Datasheet HTML 5Page - Winbond W25Q64BVSSIG Datasheet HTML 6Page - Winbond W25Q64BVSSIG Datasheet HTML 7Page - Winbond W25Q64BVSSIG Datasheet HTML 8Page - Winbond W25Q64BVSSIG Datasheet HTML 9Page - Winbond W25Q64BVSSIG Datasheet HTML 10Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 61 page
background image
W25Q64BV
- 6 -
3. PIN CONFIGURATION SOIC 208-MIL
1
2
3
4
8
7
6
5
/CS
DO (IO
1)
/WP (IO
2)
GND
VCC
/HOLD (IO
3)
CLK
DI (IO
0)
1
2
3
4
8
7
6
5
/CS
DO (IO
1)
/WP (IO
2)
GND
VCC
/HOLD (IO
3)
CLK
DI (IO
0)
Figure 1a. W25Q64BV Pin Assignments, 8-pin SOIC 208-mil (Package Code SS)
4. PAD CONFIGURATION WSON 8X6-MM
1
2
3
4
8
7
6
5
/CS
DO (IO
1)
/WP (IO
2)
GND
VCC
/HOLD (IO
3)
CLK
DI (IO
0)
1
2
3
4
8
7
6
5
/CS
DO (IO
1)
/WP (IO
2)
GND
VCC
/HOLD (IO
3)
CLK
DI (IO
0)
Figure 1b. W25Q64BV Pad Assignments, 8-pad WSON 8x6-mm(Package Code ZE)


Similar Part No. - W25Q64BVSSIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q64CV WINBOND-W25Q64CV Datasheet
1Mb / 79P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q64CV WINBOND-W25Q64CV Datasheet
1Mb / 80P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q64CVDAAG WINBOND-W25Q64CVDAAG Datasheet
1Mb / 79P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q64CVDAAP WINBOND-W25Q64CVDAAP Datasheet
1Mb / 79P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q64CVDAIG WINBOND-W25Q64CVDAIG Datasheet
1Mb / 79P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
More results

Similar Description - W25Q64BVSSIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q64CV WINBOND-W25Q64CV_13 Datasheet
1Mb / 80P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q64CV WINBOND-W25Q64CV Datasheet
1Mb / 79P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
logo
Shenzhen Huazhimei Semi...
HM25Q64A HMSEMI-HM25Q64A Datasheet
13Mb / 76P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL, QUAD SPI
logo
Winbond
W25Q64DW WINBOND-W25Q64DW Datasheet
1Mb / 82P
   1.8V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64DW WINBOND-W25Q64DW_12 Datasheet
1Mb / 82P
   1.8V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64FV WINBOND-W25Q64FV_V01 Datasheet
1Mb / 92P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
July 18, 2017
W25Q64FV WINBOND-W25Q64FV_13 Datasheet
1Mb / 89P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64FW WINBOND-W25Q64FW Datasheet
2Mb / 94P
   1.8V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64FVZPIG WINBOND-W25Q64FVZPIG Datasheet
1Mb / 88P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64FV WINBOND-W25Q64FV Datasheet
1Mb / 89P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com