Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25X40BVSSIG Datasheet(PDF) 3 Page - Winbond

Part # W25X40BVSSIG
Description  1M-BIT, 2M-BIT AND 4M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25X40BVSSIG Datasheet(HTML) 3 Page - Winbond

  W25X40BVSSIG Datasheet HTML 1Page - Winbond W25X40BVSSIG Datasheet HTML 2Page - Winbond W25X40BVSSIG Datasheet HTML 3Page - Winbond W25X40BVSSIG Datasheet HTML 4Page - Winbond W25X40BVSSIG Datasheet HTML 5Page - Winbond W25X40BVSSIG Datasheet HTML 6Page - Winbond W25X40BVSSIG Datasheet HTML 7Page - Winbond W25X40BVSSIG Datasheet HTML 8Page - Winbond W25X40BVSSIG Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
W25X10BV/20BV/40BV
.........................................................................................21
Publication Release Date: August 20, 2009
- 3 -
Preliminary -- Revision B
9.2.9
Fast Read Dual Output (3Bh)
9.2.10
.............................................................................................22
Fast Read Dual I/O (BBh)
9.2.11
.............................................................................24
Continuous Read Mode Bits (M7-0)
9.2.12
.......................................................................24
Continuous Read Mode Reset (FFFFh)
9.2.13
.....................................................................................................25
Page Program (02h)
9.2.14
.......................................................................................................26
Sector Erase (20h)
9.2.15
...............................................................................................27
32KB Block Erase (52h)
9.2.16
........................................................................................................28
Block Erase (D8h)
9.2.17
...............................................................................................29
Chip Erase (C7h or 60h)
9.2.18
........................................................................................................30
Power-down (B9h)
9.2.19
.......................................................................31
Release Power-down / Device ID (ABh)
9.2.20
...........................................................................33
Read Manufacturer / Device ID (90h)
9.2.21
.............................................................34
Read Manufacturer / Device ID Dual I/O (92h)
9.2.22
.....................................................................................35
Read Unique ID Number (4Bh)
9.2.23
...........................................................................................................36
JEDEC ID (9Fh)
10.
......................................................................................... 37
ELECTRICAL CHARACTERISTICS
10.1
.......................................................................................... 37
Absolute Maximum Ratings
10.2
......................................................................................................... 37
Operating Ranges
10.3
.............................................................. 38
Power-up Timing and Write Inhibit Threshold
10.4
........................................................................................ 39
DC Electrical Characteristics
10.5
........................................................................................ 40
AC Measurement Conditions
10.6
........................................................................................ 41
AC Electrical Characteristics
10.7
........................................................................... 42
AC Electrical Characteristics (cont’d)
10.8
..................................................................................................... 43
Serial Output Timing
10.9
.................................................................................................................. 43
Input Timing
10.10
................................................................................................................. 43
Hold Timing
11.
.................................................................................................... 44
PACKAGE SPECIFICATION
11.1
...................................................................... 44
8-Pin SOIC 150-mil (Package Code SN)
11.2
...................................................................... 45
8-Pin SOIC 208-mil (Package Code SS)
11.3
...................................................................... 46
8-Pin PDIP 300-mil (Package Code DA)
11.4
............................................................ 47
8-Contact 6x5mm WSON (Package Code ZP)
12.
.................................................................................................... 49
ORDERING INFORMATION
12.1
.................................................................. 50
Valid Part Numbers and Top Side Marking
REVISION HISTORY ............................................................................................................................ 51


Similar Part No. - W25X40BVSSIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25X40BL WINBOND-W25X40BL Datasheet
2Mb / 53P
   1M-BIT, 2M-BIT AND 4M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X40BL WINBOND-W25X40BL Datasheet
780Kb / 55P
   2.5V 4M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X40BLDAIG WINBOND-W25X40BLDAIG Datasheet
2Mb / 53P
   1M-BIT, 2M-BIT AND 4M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X40BLDAIG WINBOND-W25X40BLDAIG Datasheet
780Kb / 55P
   2.5V 4M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X40BLSNIG WINBOND-W25X40BLSNIG Datasheet
2Mb / 53P
   1M-BIT, 2M-BIT AND 4M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
More results

Similar Description - W25X40BVSSIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25X10BL WINBOND-W25X10BL Datasheet
2Mb / 53P
   1M-BIT, 2M-BIT AND 4M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X10 WINBOND-W25X10_08 Datasheet
1Mb / 48P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10 WINBOND-W25X10_07 Datasheet
1Mb / 48P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10A WINBOND-W25X10A_09 Datasheet
1Mb / 45P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10 WINBOND-W25X10 Datasheet
1Mb / 45P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10A WINBOND-W25X10A Datasheet
1Mb / 45P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X05CLUXIG-TR WINBOND-W25X05CLUXIG-TR Datasheet
1Mb / 47P
   1M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X20CLUXIG-TR WINBOND-W25X20CLUXIG-TR Datasheet
1Mb / 50P
   2M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X10AL WINBOND-W25X10AL Datasheet
1Mb / 45P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10AL WINBOND-W25X10AL_09 Datasheet
1Mb / 45P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com