Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25X32BVSSIG Datasheet(PDF) 2 Page - Winbond

Part # W25X32BVSSIG
Description  32M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25X32BVSSIG Datasheet(HTML) 2 Page - Winbond

  W25X32BVSSIG Datasheet HTML 1Page - Winbond W25X32BVSSIG Datasheet HTML 2Page - Winbond W25X32BVSSIG Datasheet HTML 3Page - Winbond W25X32BVSSIG Datasheet HTML 4Page - Winbond W25X32BVSSIG Datasheet HTML 5Page - Winbond W25X32BVSSIG Datasheet HTML 6Page - Winbond W25X32BVSSIG Datasheet HTML 7Page - Winbond W25X32BVSSIG Datasheet HTML 8Page - Winbond W25X32BVSSIG Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
W25X32BV
- 2 -
Table of Contents
1.
......................................................................................................... 4
GENERAL DESCRIPTION
2.
................................................................................................................................. 4
FEATURES
3.
....................................................................................... 5
PIN CONFIGURATION SOIC 208-MIL
4.
..................................................... 5
PAD CONFIGURATION WSON 6X5-MM / WSON 8X6-MM
5.
.................................... 5
PIN DESCRIPTION SOIC 208-MIL, WSON 6X5-MM, WSON 8X6-MM
6.
....................................................................................... 6
PIN CONFIGURATION SOIC 300-MIL
7.
............................................................................................ 6
PIN DESCRIPTION SOIC 300-MIL
7.1
............................................................................................................... 7
Package Types
7.2
............................................................................................................ 7
Chip Select (/CS)
7.3
................................................................................................. 7
Serial Data Output (DO)
7.4
......................................................................................................... 7
Write Protect (/WP)
7.5
............................................................................................................... 7
HOLD (/HOLD)
7.6
.......................................................................................................... 7
Serial Clock (CLK)
7.7
..................................................................................... 7
Serial Data Input / Output (DIO)
8.
...................................................................................................................... 8
BLOCK DIAGRAM
9.
................................................................................................... 9
FUNCTIONAL DESCRIPTION
9.1
......................................................................................................... 9
SPI OPERATIONS
9.1.1
........................................................................................................................9
SPI Modes
9.1.2
................................................................................................................9
Dual Output SPI
9.1.3
...................................................................................................................9
Hold Function
9.2
.................................................................................................. 10
WRITE PROTECTION
9.2.1
....................................................................................................10
Write Protect Features
10.
................................................................................... 11
CONTROL AND STATUS REGISTERS
10.1
.................................................................................................... 11
STATUS REGISTER
10.1.1
............................................................................................................................11
BUSY
10.1.2
............................................................................................11
Write Enable Latch (WEL)
10.1.3
..............................................................................11
Block Protect Bits (BP2, BP1, BP0)
10.1.4
.....................................................................................11
Top/Bottom Block Protect (TB)
10.1.5
...............................................................................................................11
Reserved Bits
10.1.6
......................................................................................12
Status Register Protect (SRP)
10.1.7
..............................................................................12
Status Register Memory Protection
10.2
........................................................................................................... 13
INSTRUCTIONS
10.2.1
.........................................................................13
Manufacturer and Device Identification
10.2.2
...............................................................................................................14
Instruction Set
10.2.3
........................................................................................................15
Write Enable (06h)
10.2.4
.......................................................................................................15
Write Disable (04h)
10.2.5
..........................................................................................16
Read Status Register (05h)


Similar Part No. - W25X32BVSSIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25X32 WINBOND-W25X32 Datasheet
1Mb / 47P
   16M-BIT, 32M-BIT, AND 64M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X32 WINBOND-W25X32 Datasheet
1Mb / 50P
   16M-BIT, 32M-BIT, AND 64M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X32A WINBOND-W25X32A Datasheet
1Mb / 45P
   32M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X32AVSFIG WINBOND-W25X32AVSFIG Datasheet
1Mb / 45P
   32M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X32AVSSIG WINBOND-W25X32AVSSIG Datasheet
1Mb / 45P
   32M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
More results

Similar Description - W25X32BVSSIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25X32A WINBOND-W25X32A Datasheet
1Mb / 45P
   32M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X16 WINBOND-W25X16_08 Datasheet
1Mb / 50P
   16M-BIT, 32M-BIT, AND 64M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X16 WINBOND-W25X16 Datasheet
1Mb / 47P
   16M-BIT, 32M-BIT, AND 64M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X64V WINBOND-W25X64V Datasheet
1Mb / 44P
   64M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X16A WINBOND-W25X16A Datasheet
1Mb / 48P
   16M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X64BV WINBOND-W25X64BV Datasheet
1Mb / 43P
   64M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X16BV WINBOND-W25X16BV Datasheet
1Mb / 47P
   16M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
logo
FIDELIX
FM25Q32 FIDELIX-FM25Q32 Datasheet
2Mb / 61P
   32M-BIT Serial Flash Memory with 4KB Sectors, Dual and Quad I/O SPI
logo
Winbond
W25Q40CL WINBOND-W25Q40CL Datasheet
3Mb / 65P
   SERIAL FLASH MEMORY WITH 4KB SECTORS, DUAL AND QUAD SPI
W25X40CLUXIG-TR WINBOND-W25X40CLUXIG-TR Datasheet
1Mb / 53P
   SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com