Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25X40BL Datasheet(PDF) 4 Page - Winbond

Part # W25X40BL
Description  2.5V 4M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25X40BL Datasheet(HTML) 4 Page - Winbond

  W25X40BL Datasheet HTML 1Page - Winbond W25X40BL Datasheet HTML 2Page - Winbond W25X40BL Datasheet HTML 3Page - Winbond W25X40BL Datasheet HTML 4Page - Winbond W25X40BL Datasheet HTML 5Page - Winbond W25X40BL Datasheet HTML 6Page - Winbond W25X40BL Datasheet HTML 7Page - Winbond W25X40BL Datasheet HTML 8Page - Winbond W25X40BL Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 55 page
background image
W25X40BL
- 4 -
1. GENERAL DESCRIPTION
The W25X40BL (4M-bit) Serial Flash memories provides a storage solution for systems with limited
space, pins and power. The 25X series offers flexibility and performance well beyond ordinary Serial
Flash devices. They are ideal for code download applications as well as storing voice, text and data.
The devices operate on a single 2.3V to 3.6V power supply with current consumption as low as 4mA
active and 1µA for power-down. All devices are offered in space-saving packages.
The W25X40BL arrays are organized into 2,048 programmable pages of 256-bytes each. Up to 256
bytes can be programmed at a time using the Page Program instruction. Pages can be erased in
groups of 16 (4KB sector erase), groups of 128 (32KB block erase), groups of 256 (64KB block erase)
or the entire chip (chip erase). The W25X40BL has 128 erasable 4KB sectors and 8 erasable 64KB
blocks respectively. The small 4KB sectors allow for greater flexibility in applications that require data
and parameter storage. (See figure 2.)
The W25X40BL supports the standard Serial Peripheral Interface (SPI), and a high performance dual
output as well as Dual I/O SPI: Serial Clock, Chip Select, Serial Data DI (I/O0), DO (I/O1). SPI clock
frequencies of up to 50MHz (2.3-3.6V) and 80MHz (2.7-3.6V) are supported allowing equivalent clock
rates of 100MHz (2.3-3.6V) and 160MHz (2.7-3.6V) when using the Fast Read Dual I/O instruction.
These transfer rates are comparable to those of 8 and 16-bit Parallel Flash memories.
A Hold pin, Write Protect pin and programmable write protect, with top or bottom array control features,
provide further control flexibility. Additionally, the device supports JEDEC standard manufacturer and
device identification.
2. FEATURES
• Family of Serial Flash Memories
– W25X40BL: 4M-bit/512K-byte (524,288)
– 256-bytes per programmable page
– Uniform 4KB Sectors, 32KB & 64KB Blocks
• SPI with Single / Dual Outputs / Dual I/O
– Clock, Chip Select, Data I/O, Data Out
– Optional Hold function for SPI flexibility
• Data Transfer up to 160M-bits / second
– Clock operation to 80MHz
– Fast Read Dual I/O instruction
– Auto-increment Read capability
• Efficient “Continuous Read Mode”
– Low Instruction overhead
– Continuous Read
– As few as 8 clocks to address memory
– Allows true XIP (execute in place) operation
• Software and Hardware Write Protection
– Write-Protect all or portion of memory
– Enable/Disable protection with /WP pin
– Top or bottom array protection
– Volatile & Non-volatile Status Register Bits
• Flexible Architecture with 4KB sectors
– Sector Erase (4K-byte)
– Block Erase (32K and 64K-byte)
– Page program up to 256 bytes <1ms
– More than 100,000 erase/write cycles
– More than 20-year data retention
• Low Power Consumption, Wide
Temperature Range
– Single 2.3 to 3.6V supply
– 4mA active current, 1µA Power-down (typ)
– -40° to +85°C operating range
• Space Efficient Packaging
– 8-pin SOIC 150 / 208-mil, VSOP 150-mil
– 8-pad WSON 6x5-mm, USON 2x3-mm
– 8-pin PDIP 300-mil


Similar Part No. - W25X40BL

ManufacturerPart #DatasheetDescription
logo
Winbond
W25X40BL WINBOND-W25X40BL Datasheet
2Mb / 53P
   1M-BIT, 2M-BIT AND 4M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X40BLDAIG WINBOND-W25X40BLDAIG Datasheet
2Mb / 53P
   1M-BIT, 2M-BIT AND 4M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X40BLSNIG WINBOND-W25X40BLSNIG Datasheet
2Mb / 53P
   1M-BIT, 2M-BIT AND 4M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X40BLSSIG WINBOND-W25X40BLSSIG Datasheet
2Mb / 53P
   1M-BIT, 2M-BIT AND 4M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X40BLZPIG WINBOND-W25X40BLZPIG Datasheet
2Mb / 53P
   1M-BIT, 2M-BIT AND 4M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
More results

Similar Description - W25X40BL

ManufacturerPart #DatasheetDescription
logo
Winbond
W25X10BL WINBOND-W25X10BL Datasheet
2Mb / 53P
   1M-BIT, 2M-BIT AND 4M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X40CLUXIG-TR WINBOND-W25X40CLUXIG-TR Datasheet
1Mb / 53P
   SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X05CLUXIG-TR WINBOND-W25X05CLUXIG-TR Datasheet
1Mb / 47P
   1M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X20CLUXIG-TR WINBOND-W25X20CLUXIG-TR Datasheet
1Mb / 50P
   2M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X10BV WINBOND-W25X10BV Datasheet
1Mb / 51P
   1M-BIT, 2M-BIT AND 4M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
logo
FIDELIX
FM25Q16 FIDELIX-FM25Q16 Datasheet
2Mb / 62P
   16M-BIT Serial Flash memory with 4KB Sectors, Dual and Quad I/O SPI
FM25Q64 FIDELIX-FM25Q64 Datasheet
2Mb / 61P
   64M-BIT Serial Flash Memory with 4KB Sectors, Dual and Quad I/O SPI
logo
Winbond
W25X40CL WINBOND-W25X40CL Datasheet
1Mb / 53P
   2.5/3/3.3 V 4M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
logo
FIDELIX
FM25Q32 FIDELIX-FM25Q32 Datasheet
2Mb / 61P
   32M-BIT Serial Flash Memory with 4KB Sectors, Dual and Quad I/O SPI
logo
Winbond
W25X10L WINBOND-W25X10L Datasheet
1Mb / 46P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com