Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W29GL064CT7A Datasheet(PDF) 6 Page - Winbond

Part # W29GL064CT7A
Description  64M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W29GL064CT7A Datasheet(HTML) 6 Page - Winbond

Back Button W29GL064CT7A Datasheet HTML 2Page - Winbond W29GL064CT7A Datasheet HTML 3Page - Winbond W29GL064CT7A Datasheet HTML 4Page - Winbond W29GL064CT7A Datasheet HTML 5Page - Winbond W29GL064CT7A Datasheet HTML 6Page - Winbond W29GL064CT7A Datasheet HTML 7Page - Winbond W29GL064CT7A Datasheet HTML 8Page - Winbond W29GL064CT7A Datasheet HTML 9Page - Winbond W29GL064CT7A Datasheet HTML 10Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
W29GL064C
iv
Table 7-20
CFI Mode: System Interface Data Values .................................................................... 26
Table 7-21
CFI Mode: Device Geometry Data Values.................................................................... 27
Table 7-22
CFI mode: Primary Vendor-Specific Extended Query Data Values ............................. 28
Table 8-1
Absolute Maximum Stress Ratings............................................................................... 29
Table 8-2
Operating Temperature and Voltage ............................................................................ 29
Table 8-3
DC Characteristics ........................................................................................................ 30
Table 8-5
AC Characteristics ........................................................................................................ 33
Table 8-8
AC Characteristics for Deep Power Down.................................................................... 51
Table 8-10
AC Characteristics for Erase and Programming Performance..................................... 53
Table 8-11
Data Retention .............................................................................................................. 53
Table 8-12
Latch-up Characteristics ............................................................................................... 53
Table 8-13
Pin Capacitance............................................................................................................ 53
Table 10-1
Valid Part Numbers and Markings ................................................................................ 59
Table 11-1
Revision History............................................................................................................ 60


Similar Part No. - W29GL064CT7A

ManufacturerPart #DatasheetDescription
logo
Winbond
W29GL064CT7A WINBOND-W29GL064CT7A Datasheet
1Mb / 68P
   64M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
More results

Similar Description - W29GL064CT7A

ManufacturerPart #DatasheetDescription
logo
Winbond
W29GL064C WINBOND-W29GL064C_13 Datasheet
1Mb / 68P
   64M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL256SH9T-TR WINBOND-W29GL256SH9T-TR Datasheet
2Mb / 88P
   256M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL128C WINBOND-W29GL128C Datasheet
1Mb / 64P
   128M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL032C WINBOND-W29GL032C Datasheet
1Mb / 66P
   32M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL032C WINBOND-W29GL032C_13 Datasheet
897Kb / 68P
   32M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL256PL9T-TR WINBOND-W29GL256PL9T-TR Datasheet
1Mb / 64P
   256M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL128C WINBOND-W29GL128C_13 Datasheet
793Kb / 67P
   128M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL128CH9C-TR WINBOND-W29GL128CH9C-TR Datasheet
1Mb / 67P
   128M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
logo
Eon Silicon Solution In...
EN29GL064 EON-EN29GL064_11 Datasheet
838Kb / 64P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL128H EON-EN29GL128H_10 Datasheet
747Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com