Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W29GL032CL7T Datasheet(PDF) 11 Page - Winbond

Part # W29GL032CL7T
Description  32M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W29GL032CL7T Datasheet(HTML) 11 Page - Winbond

Back Button W29GL032CL7T Datasheet HTML 7Page - Winbond W29GL032CL7T Datasheet HTML 8Page - Winbond W29GL032CL7T Datasheet HTML 9Page - Winbond W29GL032CL7T Datasheet HTML 10Page - Winbond W29GL032CL7T Datasheet HTML 11Page - Winbond W29GL032CL7T Datasheet HTML 12Page - Winbond W29GL032CL7T Datasheet HTML 13Page - Winbond W29GL032CL7T Datasheet HTML 14Page - Winbond W29GL032CL7T Datasheet HTML 15Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 66 page
background image
W29GL032C
Publication Release Date: October 18, 2011
5
Preliminary - Revision E
7 FUNCTIONAL DESCRIPTION
7.1 Device Bus Operation
Mode Select #Reset
#CE
#WE #OE Address(4) Data I/O
DQ[7:0]
#BYTE
#WP/ACC
VIL
VIH
Data I/O DQ[15:8]
Device Reset
L
X
X
X
X
High-Z
High-Z
High-
Z
L/H
Standby
Mode
VCC±0.3V VCC±0.3V X
X
X
High-Z
High-Z
High-
Z
H
Output
Disable
H
L
H
H
X
High-Z
High-Z
High-
Z
L/H
Read Mode
H
L
H
L
AIN
DOUT
DQ[14:8]=High-
Z
DQ15=A-1
DOUT
L/H
Write
H
L
L
H
AIN
DIN
DIN
Note(1,2)
Accelerated
Program
H
L
L
H
AIN
DIN
DIN
VHH
Table 7-1
Device Bus Operation
Notes:
1.
For High/Low configuration, either the first or last sector was protected if #WP/ACC=VIL.
For Top/Bottom Boot configuration, either the top or bottom two sectors are protected if #WP/ACC=VIL.
2.
When #WP/ACC = VIH, the protection conditions of the outmost sector depends on previous protection conditions.
Refer to the enhanced protect feature.
3.
DQ[15:0] are input (DIN) or output (DOUT) pins according to the requests of instruction sequence, sector protection,
or data polling algorithm.
4.
In Word Mode (Byte#=VIH), the addresses are A20 to A0. In Byte Mode (Byte#=VIL), the addresses are A20 to A-1
(DQ15),.
Description
Control Inputs A20
~12
A11
~10
A9 A8
~7 A6
A5
~4
A3
~2 A1 A0
DQ[7:0]
DQ[15:8]
#CE #WE #OE
T/B H/L BYTE WORD
Read Silicon ID MFR
Code
L
H
L
X
X
VHH X
L
X
L
L L
01
X
00
Cycle 1
L
H
L
X
X
VHH X
L
X
L
L H
7E
X
22
Cycle 2
L
H
L
X
X
VHH X
L
X
H
H L
1A 1D
X
22
Cycle 3
L
H
L
X
X
VHH X
L
X
H
H H 01(T) 00
X
22
00(B)
Sector Lock Status
Verification(1)
L
H
L
SA
X
VHH X
L
X
L
H L
01/00
X
X
Secure Sector (H) (2)
L
H
L
X
X
VHH X
L
X
L
H H
9A/1A
X
X
Secure Sector (L) (2)
L
H
L
X
X
VHH X
L
X
L
H H
8A/0A
X
X
Table 7-2
Device Bus Operation (continue)
Notes:
1.
Sector unprotected code:00h. Sector protected code:01h.
2.
Factory locked code: #WP protects high address sector: 9Ah. #WP protects low address sector: 8Ah. Factory
unlocked code: #WP protects high address sector: 1Ah. #WP protects low address sector: 0Ah


Similar Part No. - W29GL032CL7T

ManufacturerPart #DatasheetDescription
logo
Winbond
W29GL032CL7T WINBOND-W29GL032CL7T Datasheet
897Kb / 68P
   32M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
More results

Similar Description - W29GL032CL7T

ManufacturerPart #DatasheetDescription
logo
Winbond
W29GL032C WINBOND-W29GL032C_13 Datasheet
897Kb / 68P
   32M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL256SH9T-TR WINBOND-W29GL256SH9T-TR Datasheet
2Mb / 88P
   256M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL064C WINBOND-W29GL064C_13 Datasheet
1Mb / 68P
   64M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL128C WINBOND-W29GL128C Datasheet
1Mb / 64P
   128M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL064C WINBOND-W29GL064C Datasheet
1Mb / 66P
   64M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL256PL9T-TR WINBOND-W29GL256PL9T-TR Datasheet
1Mb / 64P
   256M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL128C WINBOND-W29GL128C_13 Datasheet
793Kb / 67P
   128M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL128CH9C-TR WINBOND-W29GL128CH9C-TR Datasheet
1Mb / 67P
   128M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
logo
Eon Silicon Solution In...
EN29GL064 EON-EN29GL064_11 Datasheet
838Kb / 64P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL128H EON-EN29GL128H_10 Datasheet
747Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com