Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W947D2HBJX6E Datasheet(PDF) 6 Page - Winbond

Part # W947D2HBJX6E
Description  128Mb Mobile LPDDR
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W947D2HBJX6E Datasheet(HTML) 6 Page - Winbond

Back Button W947D2HBJX6E Datasheet HTML 2Page - Winbond W947D2HBJX6E Datasheet HTML 3Page - Winbond W947D2HBJX6E Datasheet HTML 4Page - Winbond W947D2HBJX6E Datasheet HTML 5Page - Winbond W947D2HBJX6E Datasheet HTML 6Page - Winbond W947D2HBJX6E Datasheet HTML 7Page - Winbond W947D2HBJX6E Datasheet HTML 8Page - Winbond W947D2HBJX6E Datasheet HTML 9Page - Winbond W947D2HBJX6E Datasheet HTML 10Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
W947D6HB / W947D2HB
128Mb Mobile LPDDR
Publication Release Date:Jun,17, 2011
- 6 -
Revision A01-003
4. PIN DESCRIPTION
4.1 Signal Descriptions
SIGNAL NAME
TYPE
FUNCTION
DESCRIPTION
A [n : 0]
Input
Address
Provide the row address for ACTIVE commands, and the column
address and AUTO PRECHARGE bit for READ/WRITE
commands, to select one location out of the memory array in the
respective bank. The address inputs also provide the opcode
during a MODE REGISTER SET command.
A10 is used for Auto Pre-charge Select.
BA0, BA1
Input
Bank Select
Define to which bank an ACTIVE, READ, WRITE or
PRECHARGE command is being applied.
DQ0~DQ15 (×16)
DQ0~DQ31 (×32)
I/O
Data Input/
Output
Data bus: Input / Output.
CS
Input
Chip Select
CS enables (registered LOW) and disables (registered HIGH)
the command decoder. All commands are masked when CS is
registered HIGH. CS provides for external bank selection on
systems with multiple banks. CS is considered part of the
command code.
RAS
Input
Row Address
Strobe
RAS , CAS and
WE (along with CS ) define the command
being entered.
CAS
Input
Column Address
Strobe
Referred to RAS
WE
Input
Write Enable
Referred to RAS
UDM / LDM(x16);
DM0 to DM3 (x32)
Input
Input Mask
Input Data Mask: DM is an input mask signal for write data. Input
data is masked when DM is sampled HIGH along with that input
data during a WRITE access. DM is sampled on both edges of
DQS. Although DM pins are input-only, the DM loading matches
the DQ and DQS loading.
x16: LDM: DQ0 - DQ7, UDM: DQ8
– DQ15
x32: DM0: DQ0 - DQ7, DM1: DQ8
– DQ15,
DM2: DQ16
– DQ23, DM3: DQ24 – DQ31
CK / CK
Input
Clock Inputs
CK and CK are differential clock inputs. All address and control
input signals are sampled on the crossing of the positive edge of
CK and negative edge of CK .Input and output data is
referenced to the crossing of CK and CK (both directions of
crossing). Internal clock signals are derived from CK/ CK .


Similar Part No. - W947D2HBJX6E

ManufacturerPart #DatasheetDescription
logo
Winbond
W947D2CBGX5G WINBOND-W947D2CBGX5G Datasheet
1Mb / 65P
   512Mb Mobile LPSDR
W947D2CBGX6G WINBOND-W947D2CBGX6G Datasheet
1Mb / 65P
   512Mb Mobile LPSDR
W947D2CBGX7G WINBOND-W947D2CBGX7G Datasheet
1Mb / 65P
   512Mb Mobile LPSDR
W947D2CBHX5G WINBOND-W947D2CBHX5G Datasheet
1Mb / 65P
   512Mb Mobile LPSDR
W947D2CBHX6G WINBOND-W947D2CBHX6G Datasheet
1Mb / 65P
   512Mb Mobile LPSDR
More results

Similar Description - W947D2HBJX6E

ManufacturerPart #DatasheetDescription
logo
Winbond
W947D6HBHX6E-TR WINBOND-W947D6HBHX6E-TR Datasheet
1Mb / 60P
   128Mb Mobile LPDDR
W948D6FBHX5E-TR WINBOND-W948D6FBHX5E-TR Datasheet
969Kb / 60P
   256Mb Mobile LPDDR
W948D6FB WINBOND-W948D6FB Datasheet
1Mb / 60P
   256Mb Mobile LPDDR
W949D6CB WINBOND-W949D6CB Datasheet
1Mb / 60P
   512Mb Mobile LPDDR
W948D6FB WINBOND-W948D6FB_12 Datasheet
969Kb / 60P
   256Mb Mobile LPDDR
W987D6HB WINBOND-W987D6HB_13 Datasheet
1Mb / 66P
   128Mb Mobile LPSDR
W987D6HB WINBOND-W987D6HB Datasheet
1Mb / 68P
   128Mb Mobile LPSDR
logo
List of Unclassifed Man...
EM488M1644VBA-75F ETC1-EM488M1644VBA-75F Datasheet
698Kb / 18P
   128Mb Mobile SDRAM
logo
Winbond
W987D6HBGX6E-TR WINBOND-W987D6HBGX6E-TR Datasheet
1Mb / 68P
   128Mb Mobile LPSDR
logo
Integrated Silicon Solu...
IS42SM81600E ISSI-IS42SM81600E Datasheet
418Kb / 25P
   128Mb Mobile Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com