Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W947D2HBJX6G Datasheet(PDF) 10 Page - Winbond

Part # W947D2HBJX6G
Description  128Mb Mobile LPDDR
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W947D2HBJX6G Datasheet(HTML) 10 Page - Winbond

Back Button W947D2HBJX6G Datasheet HTML 6Page - Winbond W947D2HBJX6G Datasheet HTML 7Page - Winbond W947D2HBJX6G Datasheet HTML 8Page - Winbond W947D2HBJX6G Datasheet HTML 9Page - Winbond W947D2HBJX6G Datasheet HTML 10Page - Winbond W947D2HBJX6G Datasheet HTML 11Page - Winbond W947D2HBJX6G Datasheet HTML 12Page - Winbond W947D2HBJX6G Datasheet HTML 13Page - Winbond W947D2HBJX6G Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
W947D6HB / W947D2HB
128Mb Mobile LPDDR
Publication Release Date:Jun,17, 2011
- 10 -
Revision A01-003
6. FUNCTION DESCRIPTION
6.1 Initialization
LPDDR SDRAM must be powered up and initialized in a predefined manner. Operations procedures other than
those specified may result in undefined operation. If there is any interruption to the device power, the initialization
routine should be followed. The steps to be followed for device initialization are listed below.
The Mode Register and Extended Mode Register do not have default values. If they are not programmed during the
initialization sequence, it may lead to unspecified operation. The clock stop feature is not available until the device
has been properly initialized from Step 1 through 11.
Step 1: Provide power, the device core power (VDD) and the device I/O power (VDDQ) must be brought up
simultaneously to prevent device latch-up. Although not required, it is recommended that VDD and VDDQ
are from the same power source. Also Assert and hold Clock Enable (CKE) to a LVCMOS logic high level
Step 2: Once the system has established consistent device power and CKE is driven high, it is safe to apply
stable clock.
Step 3: There must be at least 200
μs of valid clocks before any command may be given to the DRAM. During this
time NOP or DESELECT commands must be issued on the command bus.
Step 4: Issue a PRECHARGE ALL command.
Step 5: Provide NOPs or DESELECT commands for at least tRP time.
Step 6: Issue an AUTO REFRESH command followed by NOPs or DESELECT command for at least tRFC time.
Issue the second AUTO REFRESH command followed by NOPs or DESELECT command for at least
tRFC time. Note as part of the initialization sequence there must be two Auto Refresh commands issued.
The typical flow is to issue them at Step 6, but they may also be issued between steps 10 and 11.
Step 7: Using the MRS command, program the base mode register. Set the desired operation modes.
Step 8: Provide NOPs or DESELECT commands for at least tMRD time.
Step 9: Using the MRS command, program the extended mode register for the desired operating modes. Note the
order of the base and extended mode register programmed is not important.
Step 10: Provide NOP or DESELECT commands for at least tMRD time.
Step 11: The DRAM has been properly initialized and is ready for any valid command.


Similar Part No. - W947D2HBJX6G

ManufacturerPart #DatasheetDescription
logo
Winbond
W947D2CBGX5G WINBOND-W947D2CBGX5G Datasheet
1Mb / 65P
   512Mb Mobile LPSDR
W947D2CBGX6G WINBOND-W947D2CBGX6G Datasheet
1Mb / 65P
   512Mb Mobile LPSDR
W947D2CBGX7G WINBOND-W947D2CBGX7G Datasheet
1Mb / 65P
   512Mb Mobile LPSDR
W947D2CBHX5G WINBOND-W947D2CBHX5G Datasheet
1Mb / 65P
   512Mb Mobile LPSDR
W947D2CBHX6G WINBOND-W947D2CBHX6G Datasheet
1Mb / 65P
   512Mb Mobile LPSDR
More results

Similar Description - W947D2HBJX6G

ManufacturerPart #DatasheetDescription
logo
Winbond
W947D6HBHX6E-TR WINBOND-W947D6HBHX6E-TR Datasheet
1Mb / 60P
   128Mb Mobile LPDDR
W948D6FBHX5E-TR WINBOND-W948D6FBHX5E-TR Datasheet
969Kb / 60P
   256Mb Mobile LPDDR
W948D6FB WINBOND-W948D6FB Datasheet
1Mb / 60P
   256Mb Mobile LPDDR
W949D6CB WINBOND-W949D6CB Datasheet
1Mb / 60P
   512Mb Mobile LPDDR
W948D6FB WINBOND-W948D6FB_12 Datasheet
969Kb / 60P
   256Mb Mobile LPDDR
W987D6HB WINBOND-W987D6HB_13 Datasheet
1Mb / 66P
   128Mb Mobile LPSDR
W987D6HB WINBOND-W987D6HB Datasheet
1Mb / 68P
   128Mb Mobile LPSDR
logo
List of Unclassifed Man...
EM488M1644VBA-75F ETC1-EM488M1644VBA-75F Datasheet
698Kb / 18P
   128Mb Mobile SDRAM
logo
Winbond
W987D6HBGX6E-TR WINBOND-W987D6HBGX6E-TR Datasheet
1Mb / 68P
   128Mb Mobile LPSDR
logo
Integrated Silicon Solu...
IS42SM81600E ISSI-IS42SM81600E Datasheet
418Kb / 25P
   128Mb Mobile Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com