Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W948D6FBHX6G Datasheet(PDF) 7 Page - Winbond

Part # W948D6FBHX6G
Description  256Mb Mobile LPDDR
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W948D6FBHX6G Datasheet(HTML) 7 Page - Winbond

Back Button W948D6FBHX6G Datasheet HTML 3Page - Winbond W948D6FBHX6G Datasheet HTML 4Page - Winbond W948D6FBHX6G Datasheet HTML 5Page - Winbond W948D6FBHX6G Datasheet HTML 6Page - Winbond W948D6FBHX6G Datasheet HTML 7Page - Winbond W948D6FBHX6G Datasheet HTML 8Page - Winbond W948D6FBHX6G Datasheet HTML 9Page - Winbond W948D6FBHX6G Datasheet HTML 10Page - Winbond W948D6FBHX6G Datasheet HTML 11Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
W948D6FB / W948D2FB
256Mb Mobile LPDDR
Publication Release Date : May, 24, 2011
- 7 -
Revision A01-003
SIGNAL NAME
TYPE
FUNCTION
DESCRIPTION
CKE
Input
Clock Enable
CKE HIGH activates, and CKE LOW deactivates internal clock
signals, and device input buffers and output drivers. Taking CKE
LOW provides PRECHARGE, POWER DOWN and SELF
REFRESH operation (all banks idle), or ACTIVE POWER DOWN
(row ACTIVE in any bank). CKE is synchronous for all functions
except for SELF REFRESH EXIT, which is achieved
asynchronously. Input buffers, excluding CK,
CK and CKE, are
disabled during power down and self refresh mode which are
contrived for low standby power consumption.
LDQS, UDQS
(x16);
DQS0~DQS3
(x32)
I/O
Data Strobe
Output with read data, input with write data. Edge-aligned with
read data, centered with write data. Used to capture write data.
x16:
LDQS: DQ0~DQ7; UDQS: DQ8~DQ15.
x32:
DQS0: DQ0~DQ7; DQS1: DQ8~DQ15;
DQS2: DQ16~DQ23; DQS3: DQ24~DQ31.
VDD
Supply
Power
Power supply for input buffers and internal circuit.
VSS
Supply
Ground
Ground for input buffers and internal circuit.
VDDQ
Supply
Power for I/O
Buffer
Power supply separated from VDD, used for output drivers to
improve noise.
VSSQ
Supply
Ground for I/O
Buffer
Ground for output drivers.
NC
-
No Connect
No internal electrical connection is present.
4.2 Addressing Table
ITEM
256 Mb
Number of banks
4
Bank address pins
BA0,BA1
Auto precharge pin
A10/AP
X16
Row addresses
A0-A12
Column addresses
A0-A8
tREFI(µs)
7.8
x32
Row addresses
A0-A11
Column addresses
A0-A8
tREFI(µs)
15.6


Similar Part No. - W948D6FBHX6G

ManufacturerPart #DatasheetDescription
logo
Winbond
W948D6FBHX6G WINBOND-W948D6FBHX6G Datasheet
969Kb / 60P
   256Mb Mobile LPDDR
W948D6FBHX6G WINBOND-W948D6FBHX6G Datasheet
969Kb / 60P
   256Mb Mobile LPDDR
More results

Similar Description - W948D6FBHX6G

ManufacturerPart #DatasheetDescription
logo
Winbond
W948D6FBHX5E-TR WINBOND-W948D6FBHX5E-TR Datasheet
969Kb / 60P
   256Mb Mobile LPDDR
W948D6FB WINBOND-W948D6FB_12 Datasheet
969Kb / 60P
   256Mb Mobile LPDDR
W947D6HBHX6E-TR WINBOND-W947D6HBHX6E-TR Datasheet
1Mb / 60P
   128Mb Mobile LPDDR
W947D6HB WINBOND-W947D6HB Datasheet
1Mb / 60P
   128Mb Mobile LPDDR
W949D6CB WINBOND-W949D6CB Datasheet
1Mb / 60P
   512Mb Mobile LPDDR
W988D6FBGX6E-TR WINBOND-W988D6FBGX6E-TR Datasheet
1Mb / 64P
   256Mb Mobile LPSDR
logo
Samsung semiconductor
K5D5657ACM SAMSUNG-K5D5657ACM Datasheet
1Mb / 74P
   256Mb NAND and 256Mb Mobile SDRAM
logo
Winbond
W988D6FB WINBOND-W988D6FB Datasheet
1Mb / 68P
   256Mb Mobile LPSDR
W988D6FB WINBOND-W988D6FB_13 Datasheet
1Mb / 66P
   256Mb Mobile LPSDR
logo
Nanya Technology Corpor...
NT6AN128M16AV NANYA-NT6AN128M16AV Datasheet
11Mb / 324P
   Commercial Mobile LPDDR 2Gb/4Gb(DDP) SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com