Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W987D2HBGX6I Datasheet(PDF) 10 Page - Winbond

Part # W987D2HBGX6I
Description  128Mb Mobile LPSDR
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W987D2HBGX6I Datasheet(HTML) 10 Page - Winbond

Back Button W987D2HBGX6I Datasheet HTML 6Page - Winbond W987D2HBGX6I Datasheet HTML 7Page - Winbond W987D2HBGX6I Datasheet HTML 8Page - Winbond W987D2HBGX6I Datasheet HTML 9Page - Winbond W987D2HBGX6I Datasheet HTML 10Page - Winbond W987D2HBGX6I Datasheet HTML 11Page - Winbond W987D2HBGX6I Datasheet HTML 12Page - Winbond W987D2HBGX6I Datasheet HTML 13Page - Winbond W987D2HBGX6I Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
W987D6HB / W987D2HB
128Mb Mobile LPSDR
Publication Release Date: Jun. 09, 2011
- 10 -
Revision A01-002
(X32)
PARAMETER / CONDITION
SYM.
-6
-75
UNIT
NOTES
MAX.
MAX.
Operating current:
Active mode, 1 bank, BL = 1, tRC = tRC (min), Iout=0mA,
Active Precharge command cycling without burst operation.
IDD1
38
35
mA
2, 3, 4
Standby current:
Power-down mode, All banks idle, CKE = LOW.
Idd2P
Low
power
0.23
0.23
mA
5
Normal
power
0.28
0.28
Standby current:
Nonpower-down mode, All banks idle, CKE = HIGH.
Idd2N
10
10
mA
Standby current:
Active mode; CKE = LOW, CS# = HIGH, All banks active,
No accesses in progress.
Idd3P
3
3
mA
3, 4, 6
Standby current:
Active mode, CKE = HIGH, CS# = HIGH, All banks active after
tRCD met,
No accesses in progress.
Idd3N
20
15
mA
3, 4, 6
Operating current:
Burst mode, All banks active, Iout=0mA,
READ/WRITE command cycling,
Idd4
75
70
mA
2, 3, 4
Operating current:
Active mode, 1 bank, BL = 1, tRC = tRC (min), Iout=0mA,
Active Precharge command cycling without burst operation.
Idd5
50
50
mA
2, 3, 4, 6
Standby current:
Power-down mode, All banks idle, CKE = LOW.
Izz
10
10
μA
5,8
Notes:
1.
A full initialization sequence is required before proper device operation is ensured.
2.
Idd is dependent on output loading and cycle rates. Specified values are obtained with minimum cycle time and the
outputs open.
3.
The Idd current will increase or decrease proportionally according to the amount of frequency alteration for the test
condition.
4.
Address transitions average one transition every 2 clocks.
5.
Measurement is taken 500ms after entering into this operating mode to provide tester measuring unit settling time.
6.
Other input signals can transition only one time for every 2 clocks and are otherwise at valid Vih or Vil levels.
7.
CKE is HIGH during the REFRESH command period tRFC (MIN) else CKE is LOW. The Idd7 limit is a nominal value
and does not result in a fail value.
8.
Typical values at 25°C (not a maximum value).


Similar Part No. - W987D2HBGX6I

ManufacturerPart #DatasheetDescription
logo
Winbond
W987D2HBGX6I WINBOND-W987D2HBGX6I Datasheet
1Mb / 68P
   128Mb Mobile LPSDR
More results

Similar Description - W987D2HBGX6I

ManufacturerPart #DatasheetDescription
logo
Winbond
W987D6HBGX6E-TR WINBOND-W987D6HBGX6E-TR Datasheet
1Mb / 68P
   128Mb Mobile LPSDR
W987D6HB WINBOND-W987D6HB_13 Datasheet
1Mb / 66P
   128Mb Mobile LPSDR
W989D6CB WINBOND-W989D6CB Datasheet
1Mb / 67P
   512Mb Mobile LPSDR
W988D6FBGX6E-TR WINBOND-W988D6FBGX6E-TR Datasheet
1Mb / 64P
   256Mb Mobile LPSDR
W988D6FB WINBOND-W988D6FB Datasheet
1Mb / 68P
   256Mb Mobile LPSDR
W988D6FB WINBOND-W988D6FB_13 Datasheet
1Mb / 66P
   256Mb Mobile LPSDR
W989D6CB WINBOND-W989D6CB_13 Datasheet
1Mb / 65P
   512Mb Mobile LPSDR
logo
List of Unclassifed Man...
EM488M1644VBA-75F ETC1-EM488M1644VBA-75F Datasheet
698Kb / 18P
   128Mb Mobile SDRAM
logo
Winbond
W947D6HB WINBOND-W947D6HB Datasheet
1Mb / 60P
   128Mb Mobile LPDDR
W947D6HBHX6E-TR WINBOND-W947D6HBHX6E-TR Datasheet
1Mb / 60P
   128Mb Mobile LPDDR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com