Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W988D2FBJX7G Datasheet(PDF) 4 Page - Winbond

Part # W988D2FBJX7G
Description  256Mb Mobile LPSDR
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W988D2FBJX7G Datasheet(HTML) 4 Page - Winbond

  W988D2FBJX7G Datasheet HTML 1Page - Winbond W988D2FBJX7G Datasheet HTML 2Page - Winbond W988D2FBJX7G Datasheet HTML 3Page - Winbond W988D2FBJX7G Datasheet HTML 4Page - Winbond W988D2FBJX7G Datasheet HTML 5Page - Winbond W988D2FBJX7G Datasheet HTML 6Page - Winbond W988D2FBJX7G Datasheet HTML 7Page - Winbond W988D2FBJX7G Datasheet HTML 8Page - Winbond W988D2FBJX7G Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 68 page
background image
W988D6FB / W988D2FB
256Mb Mobile LPSDR
Publication Release Date : May, 18, 2011
- 4 -
Revision A01-002
1. GENERAL DESCRIPTION
The Winbond 256Mb Low Power SDRAM is a low power synchronous memory containing 268,435,456 memory cells
fabricated with Winbond high performance process technology.
It is designed to consume less power than the ordinary SDRAM with low power features essential for applications which
use batteries. It is available in two organizations: 2,097,152 words × 4 banks × 32 bits or 4,194,304 words × 4 banks × 16
bits. The device operates in a fully synchronous mode, and the output data are synchronized to positive edges of the
system clock and is capable of delivering data at clock rate up to 166MHz. The device supports special low power functions
such as Partial Array Self Refresh (PASR) and Automatic Temperature Compensated Self Refresh (ATCSR).
The Low Power SDRAM is suitable for 2.5G / 3G cellular phone, PDA, digital still camera, mobile game consoles and other
handheld applications where large memory density and low power consumption are required. The device operates from
1.8V power supply, and supports the 1.8V LVCMOS bus interface.
2. FEATURES
Power supply VDD = 1.7V~1.95V
VDDQ = 1.7V~1.95V
Frequency : 166MHz(-6),133MHz(-75)
Programmable Partial Array Self Refresh
Power Down Mode
Deep Power Down Mode (DPD)
Programmable output buffer driver strength
Automatic Temperature Compensated Self Refresh
CAS Latency: 2 and 3
Burst Length: 1, 2, 4, 8, and full page
Refresh: 8K refresh cycle / 64ms
Interface: LVCMOS
Support package :
54 balls VFBGA (x16)
90 balls VFBGA (x32)
Operating Temperature Range
Extended (-25°C ~ +85°C)
Industrial (-40°C ~ +85°C)


Similar Part No. - W988D2FBJX7G

ManufacturerPart #DatasheetDescription
logo
Winbond
W988D2FBJX7G WINBOND-W988D2FBJX7G Datasheet
1Mb / 66P
   256Mb Mobile LPSDR
More results

Similar Description - W988D2FBJX7G

ManufacturerPart #DatasheetDescription
logo
Winbond
W988D6FBGX6E-TR WINBOND-W988D6FBGX6E-TR Datasheet
1Mb / 64P
   256Mb Mobile LPSDR
W988D6FB WINBOND-W988D6FB_13 Datasheet
1Mb / 66P
   256Mb Mobile LPSDR
W989D6CB WINBOND-W989D6CB Datasheet
1Mb / 67P
   512Mb Mobile LPSDR
W987D6HBGX6E-TR WINBOND-W987D6HBGX6E-TR Datasheet
1Mb / 68P
   128Mb Mobile LPSDR
W987D6HB WINBOND-W987D6HB Datasheet
1Mb / 68P
   128Mb Mobile LPSDR
W987D6HB WINBOND-W987D6HB_13 Datasheet
1Mb / 66P
   128Mb Mobile LPSDR
W989D6CB WINBOND-W989D6CB_13 Datasheet
1Mb / 65P
   512Mb Mobile LPSDR
W948D6FBHX5E-TR WINBOND-W948D6FBHX5E-TR Datasheet
969Kb / 60P
   256Mb Mobile LPDDR
logo
Samsung semiconductor
K5D5657ACM SAMSUNG-K5D5657ACM Datasheet
1Mb / 74P
   256Mb NAND and 256Mb Mobile SDRAM
logo
Winbond
W948D6FB WINBOND-W948D6FB Datasheet
1Mb / 60P
   256Mb Mobile LPDDR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com