Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W9725G6JB Datasheet(PDF) 7 Page - Winbond

Part # W9725G6JB
Description  4M ??4 BANKS ??16 BIT DDR2 SDRAM
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W9725G6JB Datasheet(HTML) 7 Page - Winbond

Back Button W9725G6JB Datasheet HTML 3Page - Winbond W9725G6JB Datasheet HTML 4Page - Winbond W9725G6JB Datasheet HTML 5Page - Winbond W9725G6JB Datasheet HTML 6Page - Winbond W9725G6JB Datasheet HTML 7Page - Winbond W9725G6JB Datasheet HTML 8Page - Winbond W9725G6JB Datasheet HTML 9Page - Winbond W9725G6JB Datasheet HTML 10Page - Winbond W9725G6JB Datasheet HTML 11Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 87 page
background image
W9725G6JB
Publication Release Date: Nov. 29, 2011
- 7 -
Revision A02
5.
BALL DESCRIPTION
BALL NUMBER
SYMBOL
FUNCTION
DESCRIPTION
M8,M3,M7,N2,N8,N3
,N7,P2,P8,P3,M2,P7
,R2
A0
−A12
Address
Provide the row address for active commands, and the column
address and Auto-precharge bit for Read/Write commands to select
one location out of the memory array in the respective bank.
Row address: A0−A12.
Column address: A0−A8. (A10 is used for Auto-precharge)
L2,L3
BA0
−BA1
Bank Select
BA0
−BA1 define to which bank an ACTIVE, READ, WRITE or
PRECHARGE command is being applied.
G8,G2,H7,H3,H1,H9
,F1,F9,C8,C2,D7,D3,
D1,D9,B1,B9
DQ0
−DQ15
Data Input
/ Output
Bi-directional data bus.
K9
ODT
On Die Termination
Control
ODT (registered HIGH) enables termination resistance internal to the
DDR2 SDRAM.
F7,E8
LDQS,
LDQS
LOW Data Strobe
Data Strobe for Lower Byte: Output with read data, input with write
data for source synchronous operation. Edge-aligned with read data,
center-aligned with write data. LDQS corresponds to the data on
DQ0
−DQ7. LDQS is only used when differential data strobe mode
is enabled via the control bit at EMR (1)[A10 EMRS command].
B7,A8
UDQS,
UDQS
UP Data Strobe
Data Strobe for Upper Byte: Output with read data, input with write
data for source synchronous operation. Edge-aligned with read data,
center-aligned with write data. UDQS corresponds to the data on
DQ8
−DQ15. UDQS is only used when differential data strobe mode
is enabled via the control bit at EMR (1)[A10 EMRS command].
L8
CS
Chip Select
All
commands
are
masked
when
CS
is
registered
HIGH
. CS provides for external bank selection on systems with
multiple ranks.
CS is considered part of the command code.
K7,L7,K3
RAS , CAS ,
WE
Command Inputs
RAS , CAS and WE (along with CS ) define the command being
entered.
B3,F3
UDM
LDM
Input Data Mask
DM is an input mask signal for write data. Input data is masked when
DM is sampled high coincident with that input data during a Write
access. DM is sampled on both edges of DQS. Although DM pins are
input only, the DM loading matches the DQ and DQS loading.
J8,K8
CLK,
CLK
Differential Clock
Inputs
CLK and
CLK are differential clock inputs. All address and control
input signals are sampled on the crossing of the positive edge of CLK
and negative edge of
CLK . Output (read) data is referenced to the
crossings of CLK and
CLK (both directions of crossing).
K2
CKE
Clock Enable
CKE (registered HIGH) activates and CKE (registered LOW)
deactivates clocking circuitry on the DDR2 SDRAM.
J2
VREF
Reference Voltage
VREF is reference voltage for inputs.
A1,E1,J9,M9,R1
VDD
Power Supply
Power Supply: 1.8V
 0.1V.
A3,E3,J3,N1,P9
VSS
Ground
Ground.
A9,C1,C3,C7,C9,E9,
G1,G3,G7,G9
VDDQ
DQ Power Supply
DQ Power Supply: 1.8V
 0.1V.
A7,B2,B8,D2,D8,E7,
F2,F8,H2,H8
VSSQ
DQ Ground
DQ Ground. Isolated on the device for improved noise immunity.
A2,E2,L1,R3,R7,R8
NC
No Connection
No connection.
J7
VSSDL
DLL Ground
DLL Ground.
J1
VDDL
DLL Power Supply
DLL Power Supply: 1.8V
 0.1V.


Similar Part No. - W9725G6JB

ManufacturerPart #DatasheetDescription
logo
Winbond
W9725G6JB25I WINBOND-W9725G6JB25I Datasheet
1Mb / 86P
    Double Data Rate architecture: two data transfers per clock cycle
More results

Similar Description - W9725G6JB

ManufacturerPart #DatasheetDescription
logo
Winbond
W9725G6KB25I-TR WINBOND-W9725G6KB25I-TR Datasheet
1Mb / 87P
   4M X 4 BANKS X 16 BIT DDR2 SDRAM
W9712G8JB WINBOND-W9712G8JB Datasheet
1Mb / 86P
   4M 횞 4 BANKS 횞 8 BIT DDR2 SDRAM
W9751G6KB WINBOND-W9751G6KB Datasheet
1Mb / 87P
   8M ??4 BANKS ??16 BIT DDR2 SDRAM
W9751G6JB WINBOND-W9751G6JB Datasheet
1Mb / 87P
   8M ??4 BANKS ??16 BIT DDR2 SDRAM
W982516BH WINBOND-W982516BH Datasheet
1Mb / 43P
   4M X 4 BANKS X 16 BIT SDRAM
W942516AH WINBOND-W942516AH Datasheet
286Kb / 26P
   4M x 4 BANKS x 16 BIT DDR SDRAM
W9751G6JB-25 WINBOND-W9751G6JB-25 Datasheet
1Mb / 87P
   8M x 4 BANKS x 16 BIT DDR2 SDRAM
W971GG6KB25I-TR WINBOND-W971GG6KB25I-TR Datasheet
1Mb / 87P
   8M 8 BANKS 16 BIT DDR2 SDRAM
W9712G6JB WINBOND-W9712G6JB Datasheet
1Mb / 86P
   2M 횞 4 BANKS 횞 16 BIT DDR2 SDRAM
W942516CH WINBOND-W942516CH Datasheet
2Mb / 47P
   4M X 4 BANKS X 16 BIT DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com