Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W9864G2IH Datasheet(PDF) 11 Page - Winbond

Part # W9864G2IH
Description  512K 횞 4 BANKS32BITS SDRAM
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W9864G2IH Datasheet(HTML) 11 Page - Winbond

Back Button W9864G2IH Datasheet HTML 7Page - Winbond W9864G2IH Datasheet HTML 8Page - Winbond W9864G2IH Datasheet HTML 9Page - Winbond W9864G2IH Datasheet HTML 10Page - Winbond W9864G2IH Datasheet HTML 11Page - Winbond W9864G2IH Datasheet HTML 12Page - Winbond W9864G2IH Datasheet HTML 13Page - Winbond W9864G2IH Datasheet HTML 14Page - Winbond W9864G2IH Datasheet HTML 15Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
W9864G2IH
Publication Release Date: Mar. 22, 2010
- 11 -
Revision A04
7.17 Power Down Mode
The Power Down mode is initiated by holding CKE low. All of the receiver circuits except CKE are
gated off to reduce the power. The Power Down mode does not perform any refresh operations,
therefore the device can not remain in Power Down mode longer than the Refresh period (tREF) of the
device.
The Power Down mode is exited by bringing CKE high. When CKE goes high, a No Operation
Command is required on the next rising clock edge, depending on tCK. The input buffers need to be
enabled with CKE held high for a period equal to tCKS (min.) + tCK (min.).
7.18 No Operation Command
The No Operation Command should be used in cases when the SDRAM is in a idle or a wait state to
prevent the SDRAM from registering any unwanted commands between operations. A No Operation
Command is registered when CS is low with RAS , CAS and WE held high at the rising edge of
the clock. A No Operation Command will not terminate a previous operation that is still executing, such
as a burst read or write cycle.
7.19 Deselect Command
The Deselect Command performs the same function as a No Operation Command. Deselect
Command occurs when CS is brought high, the RAS , CAS and WE signals become don’t cares.
7.20 Clock Suspend Mode
During normal access mode, CKE must be held high enabling the clock. When CKE is registered low
while at least one of the banks is active, Clock Suspend Mode is entered. The Clock Suspend mode
deactivates the internal clock and suspends any clocked operation that was currently being executed.
There is a one clock delay between the registration of CKE low and the time at which the SDRAM
operation suspends. While in Clock Suspend mode, the SDRAM ignores any new commands that are
issued. The Clock Suspend mode is exited by bringing CKE high. There is a one clock cycle delay
from when CKE returns high to when Clock Suspend mode is exited.


Similar Part No. - W9864G2IH

ManufacturerPart #DatasheetDescription
logo
Winbond
W9864G2IB WINBOND-W9864G2IB Datasheet
678Kb / 42P
   512K 횞 4 BANKS 횞 32BITS SDRAM
More results

Similar Description - W9864G2IH

ManufacturerPart #DatasheetDescription
logo
Winbond
W9864G2IB WINBOND-W9864G2IB Datasheet
678Kb / 42P
   512K 횞 4 BANKS 횞 32BITS SDRAM
W9812G2GB WINBOND-W9812G2GB Datasheet
1Mb / 42P
   1M 횞 4 BANKS 횞 32BITS SDRAM
W9812G2IB WINBOND-W9812G2IB Datasheet
661Kb / 43P
   1M 횞 4 BANKS 횞 32BITS SDRAM
W9864G2JH WINBOND-W9864G2JH Datasheet
788Kb / 43P
   512K ??4 BANKS ??32BITS SDRAM
W9816G6CH WINBOND-W9816G6CH Datasheet
1Mb / 43P
   512K 횞 2 BANKS 횞 16 BITS SDRAM
W9816G6CB WINBOND-W9816G6CB Datasheet
1Mb / 42P
   512K 횞 2 BANKS 횞 16 BITS SDRAM
W9816G6IH WINBOND-W9816G6IH_10 Datasheet
721Kb / 42P
   512K 횞 2 BANKS 횞 16 BITS SDRAM
W9816G6IH WINBOND-W9816G6IH Datasheet
1Mb / 42P
   512K 횞 2 BANKS 횞 16 BITS SDRAM
W9812G2IH WINBOND-W9812G2IH Datasheet
703Kb / 43P
   1M 횞 4 BANKS 횞 32BIT SDRAM
W9812G6JH WINBOND-W9812G6JH Datasheet
662Kb / 42P
   2M 횞 4 BANKS 횞 16 BITS SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com