Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W9864G2IH Datasheet(PDF) 3 Page - Winbond

Part # W9864G2IH
Description  512K 횞 4 BANKS32BITS SDRAM
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W9864G2IH Datasheet(HTML) 3 Page - Winbond

  W9864G2IH Datasheet HTML 1Page - Winbond W9864G2IH Datasheet HTML 2Page - Winbond W9864G2IH Datasheet HTML 3Page - Winbond W9864G2IH Datasheet HTML 4Page - Winbond W9864G2IH Datasheet HTML 5Page - Winbond W9864G2IH Datasheet HTML 6Page - Winbond W9864G2IH Datasheet HTML 7Page - Winbond W9864G2IH Datasheet HTML 8Page - Winbond W9864G2IH Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
W9864G2IH
Publication Release Date: Mar. 22, 2010
- 3 -
Revision A04
1. GENERAL DESCRIPTION
W9864G2IH is a high-speed synchronous dynamic random access memory (SDRAM), organized as
512K words
× 4 banks × 32 bits. W9864G2IH delivers a data bandwidth of up to 200M words per
second. For different application, W9864G2IH is sorted into the following speed grades: -5/-6/-6I/-6A
and -7.The -5 parts can run up to 200MHz/CL3. The -6/-6I/-6A parts can run up to 166 MHz/CL3. (the
-6I industrial grade, -6A automotive grade which is guaranteed to support -40°C ~ 85°C.) The -7 parts
can run up to 143 MHz/CL3.
Accesses to the SDRAM are burst oriented. Consecutive memory location in one page can be
accessed at a burst length of 1, 2, 4, 8 or full page when a bank and row is selected by an ACTIVE
command. Column addresses are automatically generated by the SDRAM internal counter in burst
operation. Random column read is also possible by providing its address at each clock cycle. The
multiple bank nature enables interleaving among internal banks to hide the precharging time.
By having a programmable Mode Register, the system can change burst length, latency cycle,
interleave or sequential burst to maximize its performance. W9864G2IH is ideal for main memory in
high performance applications.
2. FEATURES
3.3V± 0.3V for -5/-6/-6I/-6A grades power supply
2.7V3.6V for -7 grade power supply
Up to 200 MHz Clock Frequency
524,288 words
× 4 banks × 32 bits organization
Self Refresh Current: Standard and Low Power
CAS Latency: 2 & 3
Burst Length: 1, 2, 4, 8 and full page
Sequential and Interleave Burst
Byte data controlled by DQM0-3
Auto-precharge and controlled precharge
Burst read, single write operation
4K refresh cycles/64 mS
Interface: LVTTL
Packaged in TSOP II 86-pin, using Lead free materials with RoHS compliant
3. AVAILABLE PART NUMBER
PART NUMBER
SPEED
MAXIMUM SELF
REFRESH CURRENT
OPERATING
TEMPERATURE
W9864G2IH-5
200MHz/CL3
2mA
0°C ~ 70°C
W9864G2IH-6
166MHz/CL3
2mA
0°C ~ 70°C
W9864G2IH-6I
166MHz/CL3
2mA
-40°C ~ 85°C
W9864G2IH-6A
166MHz/CL3
2mA
-40°C ~ 85°C
W9864G2IH-7
143MHz/CL3
2mA
0°C ~ 70°C


Similar Part No. - W9864G2IH

ManufacturerPart #DatasheetDescription
logo
Winbond
W9864G2IB WINBOND-W9864G2IB Datasheet
678Kb / 42P
   512K 횞 4 BANKS 횞 32BITS SDRAM
More results

Similar Description - W9864G2IH

ManufacturerPart #DatasheetDescription
logo
Winbond
W9864G2IB WINBOND-W9864G2IB Datasheet
678Kb / 42P
   512K 횞 4 BANKS 횞 32BITS SDRAM
W9812G2GB WINBOND-W9812G2GB Datasheet
1Mb / 42P
   1M 횞 4 BANKS 횞 32BITS SDRAM
W9812G2IB WINBOND-W9812G2IB Datasheet
661Kb / 43P
   1M 횞 4 BANKS 횞 32BITS SDRAM
W9864G2JH WINBOND-W9864G2JH Datasheet
788Kb / 43P
   512K ??4 BANKS ??32BITS SDRAM
W9816G6CH WINBOND-W9816G6CH Datasheet
1Mb / 43P
   512K 횞 2 BANKS 횞 16 BITS SDRAM
W9816G6CB WINBOND-W9816G6CB Datasheet
1Mb / 42P
   512K 횞 2 BANKS 횞 16 BITS SDRAM
W9816G6IH WINBOND-W9816G6IH_10 Datasheet
721Kb / 42P
   512K 횞 2 BANKS 횞 16 BITS SDRAM
W9816G6IH WINBOND-W9816G6IH Datasheet
1Mb / 42P
   512K 횞 2 BANKS 횞 16 BITS SDRAM
W9812G2IH WINBOND-W9812G2IH Datasheet
703Kb / 43P
   1M 횞 4 BANKS 횞 32BIT SDRAM
W9812G6JH WINBOND-W9812G6JH Datasheet
662Kb / 42P
   2M 횞 4 BANKS 횞 16 BITS SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com